Part Number Hot Search : 
10V8X1 MJ4646 BCR114 MA3100WK MCT5211 TDA8304 XL1225 SS8012G
Product Description
Full Text Search
 

To Download LBAW56LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Monolithic Dual Switching Diode
Common Anode
LBAW56LT1
* Pb-Free Package is Available.
3 ANODE 1 CATHODE 2 CATHODE 3
1 2
MAXIMUM RATINGS (EACH DIODE)
Rating Reverse Voltage Forward Current Peak Forward Surge Current Symbol VR IF I FM(surge) Symbol PD Value 70 200 500 Max 225 1.8 556 300 Unit Vdc mAdc mAdc Unit mW mW /C C/W mW
SOT- 23 (TO-236AB)
ORDERING INFORMATION
Device PACKAGE Shipping
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (1) T A = 25 C erate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) T A = 25 C Derate above 25 C Thermal Resistance, Junction to Ambient Junction and Storage Temperature
LBAW56LT1 SOT-23 3000 Tape & Reel LBAW56LT1G SOT-23 3000 Tape & Reel
R JA PD
R JA T J , T stg
2.4 mW /C 417 C/W -55 to +150 C
DEVICE MARKING
LBAW56LT1 = A1
ELECTRICAL CHARACTERISTICS (T A = 25 C unless otherwise noted) (EACH DIODE)
Characteristic Symbol V (BR) IR - - - - 30 2.5 50 2.0 Min 70 Max - Unit Vdc Adc
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I (BR) = 100 Adc) Reverse Voltage Leakage Current (V R = 25 Vdc, T J = 150 C) (V R = 70 Vdc) (V R = 70 Vdc, T J = 150 C) Diode Capacitance (V R = 0, f = 1.0 MHz) Forward Voltage (I F = 1.0 mAdc) (I F = 10 mAdc) (I F = 50 mAdc) (I F = 150 mAdc) Reverse Recovery Time (I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc) (Figure 1) R L = 100 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
C V
D
pF mVdc
F
t rr
- - - - -
715 855 1000 1250 6.0
ns
LBAW56LT1-1/3
LESHAN RADIO COMPANY, LTD.
LBAW56LT1
820 +10 V 2k 100 H 0.1 F DUT 50 OUTPUT PULSE GENERATOR 50 INPUT SAMPLING OSCILLOSCOPE 90% VR INPUT SIGNAL IR iR(REC) = 1.0 mA OUTPUT PULSE (IF = IR = 10 mA; measured at iR(REC) = 1.0 mA) IF 0.1 F tr 10% tp t IF trr t
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
CURVES APPLICABLE TO EACH CATHODE
100 10
T A = 150C
I F , FORWARD CURRENT (mA)
T A = 85C
10
I R , REVERSE CURRENT (A)
1.0
T A = 125C
T A = - 40C
0.1
T A = 85C T A = 55C
1.0
T A = 25C
0.01
0.1 0.2 0.4 0.6 0.8 1.0 1.2
0.001 0 10
T A = 25C
20 30 40 50
V F , FORWARD VOLTAGE (VOLTS)
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
1.75
Figure 3. Leakage Current
C D ,DIODE CAPACITANCE (pF)
1.5
1.25
1.0
0.75 0 2 4 6 8
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
LBAW56LT1-2/3
LESHAN RADIO COMPANY, LTD.
LBAW56LT1
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
LBAW56LT1-3/3


▲Up To Search▲   

 
Price & Availability of LBAW56LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X