Part Number Hot Search : 
NTE62 AD9630 1N823A CA3094AT TC7SZ SR4M4024 PQXXX D2107
Product Description
Full Text Search
 

To Download LBAV70WT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Dual Switching Diodes
LBAV70WT1
FEATURE
Small plastic SMD package. For high-speed switching applications. Pb-Free Package is available.
1 3
DEVICE MARKING AND ORDERING INFORMATION
Device LBAV70WT1 LBAV70WT1G Marking A4 A4 (Pb-Free) Shipping 3000/Tape&Reel 3000/Tape&Reel
ANODE 1
2
SOT-323 (SC-70)
ANODE 2
MAXIMUM RATINGS (TA = 25C)
Rating Reverse Voltage Forward Current Peak Forward Surge Current Symbol VR IF IFM(surge) Max 70 200 500 Max 200 1.6 0.625 300 2.4 417 -55 to +150 Unit Vdc mAdc mAdc Unit mW mW/C C/W mW mW/C C/W C
3 CATHODE
THERMAL CHARACTERISTICS
Characteristic Symbol Total Device Dissipation FR-5 Board(1) PD TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient RJA Total Device Dissipation PD Alumina Substrate(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient RJA Junction and Storage Temperature TJ, Tstg
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol V(BR) Min 70 Max -- Unit Vdc
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I(BR) = 100 Adc) Reverse Voltage Leakage Current (VR = 70 Vdc) (VR = 50 Vdc) Diode Capacitance (VR = 0, f = 1.0 MHz) Forward Voltage (IF = 1.0 mAdc) (IF = 10 mAdc) (IF = 50 mAdc) (IF = 150 mAdc) Reverse Recovery Time (IF= IR=10 mAdc, RL= 100, IR(REC)= 1.0 mAdc) (Figure 1) Forward Recovery Voltage (IF = 10 mAdc, tr = 20 ns) (Figure 2) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 3.For each individual diode while the seeond diode is unbiased.
IR1 IR2 CD VF
-- -- --
5.0 100 1.5
Adc nAdc pF mVdc
trr VRF
-- -- -- -- -- --
715 855 1000 1250 6.0 1.75
ns V
LBAV70WT1-1/4
LESHAN RADIO COMPANY, LTD.
LBAV70WT1
BAV70
RS = 50 IF
SAMPLING OSCILLOSCOPE RL = 50
tr
tp I 10% +IF trr
OUTPUT PULSE
VR
90% INPUT PULSE
10% OF
VR 100 W
Figure 1. Recovery Time Equivalent Test Circuit
1 K 450
RS = 50 BAV70
SAMPLING OSCILLOSCOPE RL = 50
I V 90%
VFR 10% t tr tp INPUT PULSE
Figure 2.
OUTPUT PULSE
t
LBAV70WT1-2/4
LESHAN RADIO COMPANY, LTD.
LBAV70WT1
100 IR , REVERSE CURRENT (A) IF, FORWARD CURRENT (mA) 10
TA = 150C TA = 125C
1.0
10 TA = 85C TA = 25C TA = -40C
0.1
TA = 85C TA = 55C
1.0
0.01 TA = 25C 0 10 20 30 40 VR, REVERSE VOLTAGE (VOLTS) 50
0.1
0.2
0.4
0.6 0.8 1.0 VF, FORWARD VOLTAGE (VOLTS)
1.2
0.001
Figure 3. Forward Voltage
Figure 4. Leakage Current
1.0 CD, DIODE CAPACITANCE (pF)
0.9
0.8
0.7
0.6
0
2
4
6
8
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitance
LBAV70WT1-3/4
LESHAN RADIO COMPANY, LTD.
LBAV70WT1
SC-70 / SOT-323
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
A L
3
DIM A B C D G H J K L N S
S
1 2
B
D G
C 0.05 (0.002)
N K
J
INCHES MILLIMETERS MIN MA X MIN MA X 0.071 0.087 1.80 2.20 0.045 0.053 1.15 1.35 0.032 0.040 0.80 1.00 0.012 0.016 0.30 0.40 0.047 0.055 1.20 1.40 0.000 0.004 0.00 0.10 0.004 0.010 0.10 0.25 0.017 REF 0.425 REF 0.026 BSC 0.650 BSC 0.028 REF 0.700 REF 0.079 0.095 2.00 2.40
H
0.025 0.65
0.025 0.65
0.075 1.9 0.035 0.9 0.028 0.7 inches mm
LBAV70WT1-4/4


▲Up To Search▲   

 
Price & Availability of LBAV70WT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X