Part Number Hot Search : 
CU4032 LXD974A KSR2001 F60205RF MICRF SKHI2305 XC3330 U6264ASK
Product Description
Full Text Search
 

To Download LBAS16LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Switching Diode
Pb-Free Package is available.
LBAS16LT1
Package SOT-23 SOT-23 Shipping 3000/Tape&Reel 3000/Tape&Reel
DEVICE MARKING AND ORDERING INFORMATION
Device LBAS16LT1 LBAS16LT1G Marking A6 A6 (Pb-Free)
3
1 2
MAXIMUM RATINGS
Rating Continuous Reverse Voltage Peak Forward Current Peak Forward Surge Current Symbol VR IF I FM(surge) Value 75 200 500 Unit Vdc mAdc mAdc
SOT-23
3 CATHODE
1 ANODE
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
RJA PD
RJA TJ , Tstg
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted)
Characteristic Symbol IR -- -- -- V (BR) VF -- -- -- -- CD V FR t rr QS -- --- -- 715 855 1000 1250 2.0 1.75 6.0 45 pF Vdc ns pC 75 1.0 50 30 -- Vdc mV Min Max Unit Adc
OFF CHARACTERISTICS
Reverse Voltage Leakage Current (V R = 75Vdc) (V R = 75 Vdc, T J = 150C) (V R = 25 Vdc, T J = 150C) Reverse Breakdown Voltage (I BR = 100 Adc) Forward Voltage (I F = 1.0 mAdc) (I F = 10 mAdc) (I F = 50 mAdc) (I F = 150 mAdc) Diode Capacitance (V R = 0, f = 1.0 MHz) Forward Recovery Voltage (I F = 10 mAdc, t r = 20ns ) Reverse Recovery Time (I F = I R = 10 mAdc, R L = 50 ) Stored Charge (I F = 10 mAdc to V R= 5.0Vdc, R L = 500 ) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
LBAS16LT1-1/3
LESHAN RADIO COMPANY, LTD.
LBAS16LT1
+10 V 820 2.0 k 0.1F tr tp 10% t IF t rr t
100 H
IF
0.1 F
50 OUTPUT PULSE GENERATOR
D.U.T.
50 INPUT SAMPLING OSCILLOSCOPE
90% V R INPUT SIGNAL IR
i
R(REC)
= 1.0 mA
OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10 mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10 mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
100
10
I F , FORWARD CURRENT (mA)
T A = 150C T A= 85C
10
I R , REVERSE CURRENT (A)
1.0
T A = 125C
TA= - 40C
0.1
T A = 85C T A = 55C
1.0
T A= 25C
0.01
0.1 0.2 0.4 0.6 0.8 1.0 1.2
T A = 25C
0.001 0 10 20 30 40 50
V F , FORWARD VOLTAGE (VOLTS)
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68
C D , DIODE CAPACITANCE (pF)
0.64
0.60
0.56
0.52 0 2 4 6 8
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
LBAS16LT1-2/3
LESHAN RADIO COMPANY, LTD.
LBAS16LT1 SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. ANODE 2. NO CONECTION 3. CATHODE
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
LBAS16LT1-3/3


▲Up To Search▲   

 
Price & Availability of LBAS16LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X