Part Number Hot Search : 
SC7422S PE4201 SN4002 I5216E 30K9FKR3 MIC2238 AX612 MMBZ5244
Product Description
Full Text Search
 

To Download LB520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLUE LAMP LED
LB520
Technical Datasheet
Lamp LEDs are effective in hot thermal and humid condition. This high brightness and weather-resistant packaging design makes these Lamp LEDs ideal for outdoor applications such as traffic signals, variable message signs and backlighting for transparent sign panels Features
* High luminous emission * Non-standoff leads * 5mm type package * Transparent epoxy lens * Viewing angle : 24 * Dominant Wavelength : 470nm
Applications
* Electronic signs and signals * Specialty lighting * Small area illumination * Backlighting * Outdoor displays
-1-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
Outline Dimensions
LB520
Unit : mm
1.0 0.5 +0.2
-0.1
DETAIL ANODE
2.5 0.2 1.0 MAX
2.5 0.05
1.0 MIN 28.0 MIN
1.0 8.6 0.2
5.0 0.2 5.8 0.2
Notes : Protruded epoxy is 1.0mm maximum.
-2-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
Electro-Optical Characteristics ( Ta = 25C, IF=20mA )
Item Luminous Intensity [1] Dominant Wavelength[3] Forward Voltage [4] View Angle Reverse Current (at VR = 5V) Symbol IV [2] Value Min. 1000 464 Typ. 3000 470 3.2 24 5 Max. 476 3.8
LB520
Unit mcd nm V deg.
d
VF 2 1/2 IR
A
Absolute Maximum Ratings ( Ta = 25C )
Item DC Forward Current Forward Peak Pulse Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Solder Temperature Symbol IF IFP [5] VR PD Topr Tstg Ts Value 30 100 5 114 -30 ~ 85 -40 ~ 100 260C for 10seconds [6] Unit mA mA V mW C C C
Notes : [1] SSC maintains a tolerance of 10% on intensity and power measurements. [2] IV is the luminous intensity output as measured with a cylinder. [3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color Coordinates Measurement allowance is 0.01 [4] A tolerance of 0.05V on forward voltage measurements [5] t 0.1ms, D = 1/10 [6] No lower than 3mm from the base of the epoxy bulb.
-3-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
Reliability Tests
Item
Life Test High Temperature Operating Low Temperature Operating Thermal Shock Resistance to soldering Heat ESD (Human Body Model) High Temperature Storage Low Temperature Storage Temperature Humidity Storage Temperature Humidity Operating
LB520
Condition
Ta = RT, IF = 30mA Ta = 85C, IF = 8mA Ta = -30C, IF = 20mA Ta = -40C (30min) ~ 100 (30min) (Transfer time : 10sec, 1Cycle = 1hr) Ts = 255 5C, t = 10sec 1kV, 1.5k ; 100pF Ta = 100C Ta = -40C Ta = 85C, RH = 85% Ta = 85C, RH = 85%, IF = 8mA
Note
1000hrs 1000hrs 1000hrs 100 cycles 1 time 1 time 1000hrs 1000hrs 1000hrs 100hrs
Failures
0/22 0/22 0/22 0/40 0/22 0/22 0/22 0/22 0/22 0/22
< Judging Criteria For Reliability Tests >
VF IR V
Notes : [1] USL : Upper Standard Level [2] LSL : Lower Standard Level.
USL[1] X 1.2 USL X 2.0 LSL [2] X 0.5
-4-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
Characteristic Diagrams
Ta= 25C
LB520
50
2.5
Ta= 25C
Relative Luminous Intensity
Forward Current(mA)
40
2.0
30
1.5
20
1.0
10
0.5
0 1.0
0.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
30
40
50
Forward Voltage [V]
Forward Current [mA]
Forward Voltage vs. Forward Current
Forward Current vs. Relative Intensity
40
1.0
Ta= 25C, IF= 20mA
Relative Luminous Intensity
0.8
Forward Current IF [mA]
30
0.6
20
0.4
10
0.2
0 -40
-20
0
20
40
60
o
80
100
0.0 -90
-60
-30
0
30
60
90
Ambient Temperature Ta[ C]
Off Axis Angle [deg.]
Ambient Temperature vs. Maximum Forward Current
-5-
Directivity
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
Bin Code Description
Bin Code Luminous Intensity C Dominant Wavelength 2 Forward Voltage 5
LB520
Luminous Intensity (mcd) @ IF = 20mA Bin Code B C D E Min. 1000 1500 2100 3000 Max. 1500 2100 3000 4200
Dominant Wavelength (nm) @ IF = 20mA Bin Code 1 2 Min. 464 470 Max. 470 476
Forward Voltage (V) @ IF = 20mA Bin Code 3 4 5 6 7 8 Min. 2.8 3.0 3.2 3.4 3.6 3.8 Max. 3.0 3.2 3.4 3.6 3.8 4.0
Not yet available ranks
-6-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
Packing
LB520
Unit : mm
LXXXX
RANK : XXXX QTY : 500pcs
* Antistatic poly bag (500pcs max/bag)
LOT : 20XX.XX.XX
SEOUL SEMICONDUCTOR CO., LTD
70
95
170
* Inner box (2bags max/box)
430
* Cardboard box (50,000pcs max/box) (50boxes max/box)
42 0
420
-7-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
Soldering Profile
1) Wave Soldering Conditions / Profile * Preliminary heating to be at 85C(120 C max) for 20 seconds(60 seconds max). * Soldering heat to be at 255 C (260C max) for 10 seconds * Soak time above 200 C is 5 seconds
300
LB520
250
PEAK 10s 255 C (260 C max)
Temperature [ C]
200
O
150
PREHEAT 20s (60s Max) 85 C(120 C max)
100
50
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
T im e [s ]
2) Hand Soldering conditions * Not more than 3 seconds at max. 350C, under Soldering iron.
3) Caution * The LEDs must not be repositioned after soldering. * Do not apply any stress to the lead particularly when heat.
Note : In case the soldered products are reused in soldering process, we don't guarantee the products.
-8-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
Precaution for Use
1) Storage
* Before opening the package a. Avoid the absorption of moisture, we recommended to store the LEDs in a dry
LB520
box(or desiccator) with a desiccant . Otherwise, store them in the following environment: Temperature : 5~30 Humidity : 50% max. b. The products should be used in 3 months. It is recommended that the LEDs be used as soon as possible. * After opening the package a. Soldering should be done right after opening the package(within 24Hrs). b. Keeping of a fraction - Sealing - Temperature : 5 ~ 40, Humidity : less than 30% c. If the package has been opened more than 1week or the color of desiccant changes, Components should be dried for 10-12hr at 605 * Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. * Avoid quick cooling * Leadframes are silver plated SPCC. The silver plate surface may be affected by environments which contains corrosive substances. Please avoid conditions which may cause the LEDs to corrode, tarnish or discolor. 2) Lead Forming * When the lead forming is required before soldering , care must be taken to avoid any bending and mechanical stress. The stress to the base may damage the LEDs. * When mounting the LEDs onto a PCB, the holes on the circuit board should be exactly aligned with the leads of the LEDs. * It is recommended that tooling made to precisely form and cut the leads to length rather than rely on hand operating.
-9-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)
BLUE LAMP LED
3) Static Electricity
LB520
* Static Electricity and surge voltage damage the LEDs. So it is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. * All devices, equipment and machinery must be grounded properly. It is recommended that precautions should be taken against surge voltage to the equipment that mounts the LEDs. 4) Heat Generation * Thermal is one of the important parameters to design the end product. Please consider the heat generation of the LEDs. * The operating current should be decided after considering the ambient maximum temperature of LEDs.
5) Others * The color of the LEDs is changed slightly an operating current and thermal. * Anti radioactive ray design is not considered for the products listed here. * Gallium arsenide is used in some of the products listed in this publication. These products are dangerous if they are burned or smashed in the process of disposal. It is also dangerous to drink the liquid or inhale the gas generated by such products when chemically disposed. * This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA(Isopropyl Alcohol) should be used. * When the LEDs are illuminating, operating current should be decided after considering the junction temperature. Cf.) Please refer Ambient temperature vs. Forward Current graph on page 5 * The appearance and specifications of the product may be modified for improvement without notice.
SEOUL SEMICONDUCTOR CO., LTD. 148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : +82-2-3281-6269 FAX :+82-2-858-5537 Homepage : www.seoulsemicon.com www.zled.com E-Store : www.zledstore.com E-mail : sscsale@seoulsemicon.com
-10-
<070521> Rev. 0.3
: QP-7-03-05 (Rev.00)


▲Up To Search▲   

 
Price & Availability of LB520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X