Part Number Hot Search : 
00TTS MMBZ5240 LH4002 MHW1345N SS133 AK2360A FOD07 BAV20
Product Description
Full Text Search
 

To Download LB200-SSP4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LB 200-S/SP4
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
200 A
Electrical data
IPN IP RM Primary nominal r.m.s. current Primary current, measuring range Measuring resistance with 15 V ISN KN VC IC Vd @ 200 A max @ 300 A max 200 0 .. 300 RM min RM max 5 5 33 15 A A mA V mA kV kV
Features
* Closed loop (compensated) current
transducer using the Hall effect
* Insulated plastic case recognized
according to UL 94-V0.
Special features
* * * * * * * *
VC = 15 V ( 5 %) K N = 1 : 1000 Shield Negligeable zero crossing distortion Low noise electronics TA = + 20C .. + 50C Low IOT Transducers matched based on thermal drift to within TA 0.01 mA.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
200 1 : 1000 15 20 + IS 6 1) 1 2)
Accuracy - Dynamic performance data
XG
Advantages
L
Overall accuracy @ IPN, TA = 25C Linearity Offset current @ IP = 0, TA = 25C Thermal drift of IO + 20C .. + 50C Response time 3) @ 90 % of IPN di/dt accurately followed Frequency bandwidth (- 1 dB) Output noise Magnetization after excursion @ IPN Crossing distortion Matching specification + 20C .. + 50C
0.5 < 0.1 Typ Max 0.50 0.08
% % mA mA s A/s kHz mA mA mA
IO IOT tr di/dt f
<1 > 50 DC .. 150 < 0.002 < 0.01 negligeable 0.01
* * * * * * * *
Better frequency response Excellent accuracy Very good linearity Low temperature drift Optimized response time Wide frequency bandwidth No insertion losses High immunity to external interference * Current overload capability.
Applications
* AC variable speed drives and servo
motor drives
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ TA = 50C Mass Standards 4)
1) 2) 3) 4)
+ 20 .. + 50 - 25 .. + 85 30 200 EN 50178
C C g
* Static converters for DC motor drives * Battery supplied applications * Uninterruptible Power Supplies
(UPS)
* Switched Mode Power Supplies
(SMPS)
* Power supplies for welding
applications.
Notes :
Between primary and secondary + shield. Between secondary and shield. With a di/dt of 100 A/s A list of corresponding tests is available.
990716/7
LEM Components
w w w .lem.com
Dimensions LB 200-S/SP4
Front view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals
Terminal Terminal Terminal Terminal + M E : : : : supply voltage + 15 V measure supply voltage - 15 V shield
Connection
Top view Mechanical characteristics
* * * *
General tolerance Fastening Primary through-hole Connection of secondary 0.2 mm 2 holes 5.5 mm 20 mm Faston 6.3 x 0.8 mm
Remarks
* IS is positive when IP flows in the direction of the arrow. * Temperature of the primary conductor should not exceed
70C.
* Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LB200-SSP4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X