Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download LAVI-10VH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount
Frequency Mixer
Level 21
Operating Temperature Storage Temperature LO Power RF Power
LAVI-10VH+
(LO Power +21dBm) 300 to 1000 MHz
Features
-45C to 85C -55C to 100C +24 dBm +23 dBm
Maximum Ratings
Pin Connections
LO RF IF GROUND
10 2 14
RoHS compliant very high IP3, 33 dBm typ. wideband, 300 to 1000 MHz excellent L-R isolation, 50 dB typ. and L-I isolation, 45 dB typ. * high 1 dB compression, 20 dBm typ. * shielded metal cover * U.S. patent 6,807,407
* * * *
CASE STYLE: CK605 PRICE: $22.95 ea. QTY (1-9) $15.95 ea. QTY. (100)
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +suffix has been added in order to identify RoHS Compliance. There has been no change to the model's material, form, fit, or function. See our web site for RoHS Compliance methodologies and qualifications.
Applications
1,3,4,5,6,7,8,9,11,12,13,15,16
* cellular base stations * mobile radio * defense communications
Outline Drawing
FREQUENCY (MHz)
Electrical Specifications (TAMB=25C)
CONVERSION LOSS (dB) RF in IP3 at 1dB (dBm) Compr (dBm) Typ. Typ.
+20 33
LO-RF ISOLATION (dB) Typ.
50
LO-IF ISOLATION (dB) Typ.
45
RF
LO
IF
60-875
Typ.
6.3
0.12
Max.
8.0
Min.
40
MIn
30
300-1000 525-1175
METALLIZATION3 Microinches thick Gold over Nickel Plate MASK
Typical Performance Data
Frequency Conversion Isolation Loss L-R (dB) (dB) LO +21dBm 6.01 6.17 6.05 6.14 6.16 6.16 6.15 6.18 6.13 6.24 6.18 6.38 6.39 6.34 6.56 LO +21dBm 61.98 57.30 53.79 50.76 50.36 49.84 49.66 49.50 50.01 51.54 53.99 58.36 58.36 62.49 62.18 Isolation L-I (dB) LO +21 dBm 47.09 46.07 45.57 46.77 47.01 48.36 51.05 52.92 53.20 53.64 54.13 56.30 56.30 59.25 62.18 VSWR RF (:1) VSWR LO (:1) IP3 (dBm) IF Freq. (MHz) 60.00 80.00 100.00 120.00 160.00 180.00 200.00 250.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 VSWR IF (:1) LO +21 dBm 2.37 2.20 2.07 2.03 1.92 1.87 1.85 1.70 1.56 1.31 1.28 1.58 1.94 2.16 2.34
inch mm A B C D E F G H J .500 .500 .180 .100 .080 .115 .060 .040 .540 12.70 12.70 4.57 2.54 2.03 2.92 1.52 1.02 13.72 K L M N P Q R S T wt. .060 .100 .135 .135 .115 .140 .070 .150 .070 grams 1.52 1.50 3.43 3.43 2.92 3.56 1.78 3.81 1.78 1.0
Outline Dimensions (
)
RF MHz 300.10 350.10 400.10 500.10 550.10 600.10 650.10 700.10 750.10 800.10 850.10 870.10 900.10 950.10 1000.10
LO MHz 475.00 525.00 575.00 675.00 725.00 775.00 825.00 875.00 925.00 975.00 1025.00 1070.00 1070.00 1125.00 1175.00
LO LO LO +21 dBm +21 dBm +21 dBm 1.53 1.51 1.59 1.55 1.59 1.68 1.72 1.80 1.82 1.88 1.89 1.92 1.93 1.95 1.94 8.60 5.97 6.81 4.32 3.34 3.11 2.25 2.31 1.72 1.93 1.94 2.46 2.46 3.38 3.52 32.29 32.63 33.47 33.65 32.76 33.04 33.60 34.34 34.02 34.09 34.21 33.47 33.87 33.64 32.46
Demo Board MCL P/N: TB-10 Suggested PCB Layout (PL-012)
electrical schematic
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. OR M97027 ED-11734/2 LAVI-10VH+ DJ/CP 060221 Page 1 of 3
Performance Charts
7.0 CONVERSION LOSS (dB) 6.5 6.0 5.5 5.0 300
LAVI-10VH+
LAVI-10VH+ L-R ISOLATION
70 ISOLATION (dB) 60 50 40 30 20 400
LAVI-10VH+ CONVERSION LOSS
400
500 600 700 800 FREQUENCY (MHz)
900
1000
500
600
700 800 900 1000 1100 1200 FREQUENCY (MHz)
70 ISOLATION (dB) 60
LAVI-10VH+ L-I ISOLATION
2.0 1.8 VSWR 1.6 1.4 1.2 1.0 300
LAVI-10VH+ RF VSWR
50 40 30 20 400
500
600
700 800 900 1000 1100 1200 FREQUENCY (MHz)
LAVI-10VH+ LO VSWR
400
500 600 700 800 FREQUENCY (MHz) LAVI-10VH+ IF VSWR
900
1000
10.0 9.0 8.0 VSWR 6.0 5.0 4.0 3.0 2.0 1.0 400 7.0
3.0 2.5 VSWR 2.0 1.5 1.0 500 600 700 800 900 1000 1100 1200 FREQUENCY (MHz) 50 150 250
350 450 550 650 FREQUENCY (MHz)
750
850
950
LAVI-10VH+ IP3 35 34 IP3 (dBm) 33 32 31 30 300 400 500 600 700 800
(R)
900
1000
INTERNET http://www.minicircuits.com
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits
FREQUENCY (MHz)
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Mini-Circuits ISO 9001 & ISO 14001 Certified
Page 2 of 3
LAVI-10VH+
Harmonic Table (TAMB= 25OC)
(Relative to desired IF output)
RF CAL (-dBc) 0 RF HARMONICS ORDER 1 2 3 4 5 6 7 8 9 10 88 96 100 97 100 100 100 101 101 32 60 95 105 105 106 109 109 108 107 0 13 0 71 72 95 104 105 109 108 108 108 1 23 37 55 90 100 101 107 104 108 106 110 2 20 14 64 70 96 104 100 104 105 105 107 3 33 40 58 91 103 96 101 100 103 106 106 4 21 26 73 72 100 100 98 101 98 102 107 5 34 56 60 96 106 102 103 98 100 104 100 6 29 42 66 76 101 103 102 101 100 100 102 7 43 55 66 92 106 104 105 105 99 104 99 8 38 54 72 80 106 104 105 105 106 102 104 9 52 60 78 102 107 107 107 108 105 107 103 10
LO HARMONICS ORDER
Test conditions: RF IN: LO IN: IF OUT: C. LOSS:
650 MHz, 0 dBm. 822.5 MHz, 21 dBm. 172.5 MHz 6.36 dB.
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Mini-Circuits ISO 9001 & ISO 14001 Certified
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of LAVI-10VH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X