Part Number Hot Search : 
MX29L S1X70000 K3020 UPD70 CPC5610 01524 DDA122TU 5532K
Product Description
Full Text Search
 

To Download LA60X700-128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LA60X Semiconductor Fuses
600 VAC
I
Very Fast-Acting
I
700 - 2000 Amperes
SPECIFICATIONS
Voltage Rating: AC: 600 volts Interrupting Rating: AC: 100,000 Amperes Ampere Range: 700 - 2000 Amperes Approvals: UL Recognized under the components program.
NEW
AMPERE RATINGS
700 800 1000 1200 1500 1600 1800 2000
ORDERING INFORMATION
LA 60 X 700 -128
Voltage (600) Ampere Rating Mounting Type
1.50 (38.1) 1.50 (38.1)
Littelfuse
Style
Littelfuse's LA60X semiconductor protection fuses are popular for the protection of higher voltage heavy rectifiers such as traction rectifiers. They can carry long sustained overloads common with heavy-duty apparatus. The compact "hockey-puck" design provides high power protection in a small space.
FIGURE 1
FEATURES
I I
Lowest I2t minimizes damage to protected components on short circuit. Controlled arc voltage reduces stress to circuit components during fuse clearing.
FIGURE 2
APPLICATIONS
Protection of heavy traction and electrochemical as well as rectifiers and other heavy-duty equipment.
DIMENSIONS
AMPERES
700 - 800 1000 - 1200 1500 - 2000
Dimensions for reference only. FIG. NO.
1 2 2
MOUNT. TYPE
128 128 128
DIMENSIONS IN INCHES (mm in parentheses) A B C D E F
4.00 (102) 4.00 (102) 4.00 (102) 3.00 (76.2) 3.50 (88.9) 4.50 (114) 3.75 (95.3) 3.75 (95.3) 3.75 (95.3) 2.50 (63.5) 3.00 (76.2) 3.75 (95.3) 1.50 (38.1) 1.50 (38.1) 1.50 (38.1)
(Hockey Puck, bolt-in) Tap
3/8-24-1/2 deep 3/8-24-1/2 deep 1/2-20-1/2 deep -
Contact Littelfuse for technical information.
93


▲Up To Search▲   

 
Price & Availability of LA60X700-128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X