Part Number Hot Search : 
TS024 GP2A18F G2SB08 80C196KC PS235 SCL4511B TIP132 4D182
Product Description
Full Text Search
 

To Download LA4906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN *5714
Monolithic Linear IC
LA4906
17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
Preliminary Overview
The LA4906 is a BTL two-channel power amplifier for use in car audio systems. It uses a signal-following switching technique in the power supply for the amplifier output stage and a newly-developed nonlinear amplifier that features nonlinear characteristics in the signal system. These features hold increases in the number of external components to a minimum, and reduce power dissipation (and thus heat generation) in the practical operating region to about 1/2 that of earlier class B amplifier ICs. This can contribute significantly to miniaturization and weight reduction in the heat sink and to reduction of the heat generated within the end product case. * Uses a single-voltage power supply from 8 to 18 V. * Provides a full range of built-in protection circuits, including shorting of output pin to VCC, shorting of output pin to ground, overvoltage, and thermal shutdown protection. * Built-in standby switch * Clipping detection function
Package Dimensions
unit: mm 3160-SIP23HZ
[LA4906]
Features
* Power dissipation reduced by 50% (for music at average power levels, as compared to earlier Sanyo products) * The number of required signal-following switching circuits has been reduced to just one circuit for two channels, reducing the number of external components. * The output is a pure analog signal; no switching noise whatsoever appears on the output lines.
SANYO: SIP23HZ
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Maximum output current Allowable power dissipation Operating temperature Storage temperature Symbol VCC max1 VCC max2 IO Peak Pd max Topr Tstg Per channel With an arbitrarily large heat sink Conditions With no signal, t = 1 minute Ratings 18 16 4.5 37.5 -35 to +85 -40 to +150 Unit V V A W C C
Notes: 1. Set VCC and RL to be in the range where Pd max does not exceed 37.5 W. 2. The overvoltage protection circuit operates at VCC = 26 V or higher.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
73097HA(OT) No. 5714-1/10
LA4906 Operating Conditions at Ta = 25C
Parameter Recommended supply voltage Allowable operating voltage range Recommended load resistance Recommended load resistance range Symbol VCC VCC op RL RL op Conditions Ratings 13.2 8 to 16 4 2 to 4 Unit V V
Note: Set VCC and RL to be in the range where Pd max does not exceed 37.5 W.
Operating Characteristics at Ta = 25C, VCC = 13.2 V, RL = 4 , f = 1 kHz, RG = 600 , in the recommended circuit
Parameter Quiescent current drain Standby current Voltage gain Total harmonic distortion Output power Output noise voltage Ripple rejection ratio Symbol ICC0 Ist VG THD PO1 PO2 VNO SVRR VO = 0 dBm PO = 1 W, LPF = 30 kHz THD = 10 %, RL = 4 THD = 10 %, RL = 2 Rg = 0, BPF = 20 Hz to 20 kHz Rg = 0, VCCR = 0 dBm, BPF = 20 Hz to 20 kHz Rg = 10 k, VO = 0 dBm, BPF = 20 Hz to 20 kHz 60 14 28 RL = , VIN = 0 Conditions Ratings min 80 typ 110 0 30 0.07 17 25 0.10 75 0.3 max 150 10 32 0.2 Unit mA A dB % W W mVrms dB
Channel separation Input resistance Output offset voltage Standby on voltage Clipping detect off current Clipping detect on current
CH sep Ri
45 21 -200 3
60 30 39 +200 VCC 1 10 200 150
dB k mV V A A
VN offset Rg = 0 VSTH IDOFF IDON AMP = on, applied through a 10 k resistor THD = 1 % THD = 10 %
100
With an arbitrarily large heat sink
Allowable power dissipation, Pd max - W
Heat sink thermal resistance, f - C/W
Al heat sink, t = 1.5 mm Tightening torque: 39 N*cm With silicone grease applied.
Ambient temperature, Ta - C
Heat sink area, Sf - cm2
No. 5714-2/10
LA4906 Technologies for Increased Efficiency Used in the LA4906 * Signal-following switching technique The LA4906 uses a switching regulator for the power supply for the amplifier output stage. The LA4906 significantly reduces power dissipation by having the switching regulator output voltage follow the signal. Also, the LA4906 restricts the number of switching regulators required to just one circuit even though it implements a BTL 2-channel amplifier by using the switching regulator in combination with the nonlinear amplifier described below. (See Figure 1.)
Regulator output
Nonlinear amplifier
Amplifier output stage
Figure 1 Overview Block Diagram * Nonlinear amplifier The LA4906 adopts a nonlinear amplifier, which has the nonlinear characteristics shown in Figure 2, in the signal system. The LA4906 dispenses with the lower side switching regulator by using a low 2 V as the midpoint voltage instead of the 1/2 VCC used in normal amplifiers. This nonlinear amplifier is basically formed from a differential amplifier that has a symmetrical negative feedback circuit. Although the BTL output stage positive and reverse phase output waveforms have a half-wave waveform that, when referenced to ground, is expanded and compressed as shown in Figure 3, the combined output waveform at the load terminals is identical to that of earlier products. Figure 2 Nonlinear Amplifier Input/Output Characteristics
Loss in the output transistor
Regulator output (point C)
Positive phase output (point A) Center point Ground
Power dissipation, Pd - W
Regulator output (point C)
RL = 4 f = 1 kHz Rg = 600 With both channels driven. Calculated at Pd = VCC x ICC - 2 PO
Reverse phase output (point B) Center point Ground
Earlier SANYO products (class B amplifiers)
Waveform between the outputs (Between A and B)
High-efficiency LA4906
Output power, PO - W
Figure 4 Figure 3 Output Waveforms
No. 5714-3/10
LA4906 Equivalent Circuit Block Diagram
Standby switch
Standby switch Switching regulator block
Ripple filter
*
Switch driver
TR1 Switching transistor 2SD1668, class S
*
(Tokin Co. Ltd.)
D1 SB40-05J Flywheel diode
(OS capacitor)
Amplifier output stage Input amplifier Nonlinear amplifier/output stage
4 to 2
Beep amplifier
Power supply/ground shorting protection circuit Overvoltage/thermal protection circuit
* = Polyester film capacitors
Input amplifier
4 to 2
Nonlinear amplifier/output stage Muting circuit used at power on Popping noise prevention circuit
Pin Voltages (At VCC = 13.2 V, with 5 V applied to STBY through a 10 k resistor, using a digital voltmeter)
Pin No. Pin Pin voltage (V) 1 IN2 1.36 2 Pre - GND 0 3 IN1 1.36 4 BEEP 1.36 5 PWR - GND 1 0 6 -OUT1 2.03 7 +OUT1 2.03 8 C 13.0
Pin No. Pin Pin voltage (V)
9 C 3.92
10 VCC 13.2
11 VCC (SW) 13.2
12 SW OUT1 3.70
13 SW OUT2 3.70
14 SW E 3.73
15 SE B 4.0
16 SW - GND 0
Pin No. Pin Pin voltage (V)
17 +OUT2 2.03
18 -OUT2 2.03
19 PWR - GND2 0
20 D. C 12.1
21 STAND-BY 3.21
22 DDL OUT 0
23 ON-TIME 2.81
No. 5714-4/10
LA4906 Sample Printed Circuit Board
1. External component descriptions C1 and C2 * Input capacitors. A value of 2.2 F is recommended for these capacitors. Note that the low-frequency area characteristics can be adjusted by changing fL, which is determined by the values of C1 and C2. However, due to impulse (pop) noise considerations, the value of C1 and C2 should not exceed 3.3 F when C4 is 22 F. C3 * Beep amplifier input capacitor. A value the same as that of C1 and C2 is used. If the beep function is not used, connect the beep input to PRE-GND through C3. C4 * Set the amplifier turn-on time. A value of 22 F is recommended. (This will result in a turn-on time of about 0.7 second.) The on time is proportional to the value of this capacitor, and any value may be used. However, due to impulse (pop) noise considerations, a value of 22 F or larger should be used. C5, C6, C7, and C8 * Oscillation prevention capacitors. Polyester film (Mylar) capacitors with good temperature characteristics must be used. (These are used together with R1, R2, R3, and R4.) We recommend values of 0.1 F or higher for these capacitors since the stability will differ somewhat depending on the printed circuit board layout actually used. C9 * Decoupling capacitor (ripple filter) C10 * Power-supply capacitor C11 * Oscillation prevention capacitor for the switching regulator. A value of 1500 pF is recommended. C12 * Switching regulator output smoothing capacitor. The LA4906 adopts a self-excited switching regulator technique. The value of this capacitor must be optimized, since it influences both the self-excitation stability and the regulator efficiency. We recommend using a 2.2-F 25-V OS (Organic Semiconductor) capacitor with a low series resistance and good temperature characteristics. Note that for the same reason a 2.2- 1/2-W resistor should be used for the associated resistor R6. R5 * Standby switch current limiter resistor. A value of 10 k is recommended. (When the voltage applied to the standby switch is in the range 3 to 13.2 V.) Note that this resistor cannot be removed from this circuit.
No. 5714-5/10
LA4906 See the "Standby Function" section elsewhere in this document. TR1 * External switching transistor. The 2SD1668 (rank S) is recommended. If the application supports a load resistance RL of 4 , a 2SD1667 (rank S) may be used. A heat sink must be provided for this transistor, as well as for the IC itself. D1 * Flywheel diode used to absorb energy from the coil. The SB40-05J, which is a Schottky barrier diode with a low VF, is recommended. If the application supports a load resistance RL of 4 , an SB10-05A2 may be used. A heat sink must be provided for this diode, as well as for the IC itself. L1 * The Tokin Co., Ltd.-made HP-022Z [180 H] (or the HP-011Z [200 H] for 4- applications) is recommended. 2. IC internal characteristics and other notes Switching regulator * The LA4906 includes a signal-following self-excited switching regulator to reduce power dissipation. The selfexcitation frequency with no input signal is about 100 kHz. * To avoid spurious signal interference within the end product case, it is desirable to separate the tuner block from the amplifier block by as far as possible. When designing the printed circuit board pattern, make the lines associated with the switching regulator external components as short and as wide as possible. * To prevent degradation of the LA4906 characteristics, separate the switching regulator external components from the IC inputs (the input block pattern, the input capacitors, and the beep amplifier capacitor) by at least 1.5 cm. Standby function * Pin 21 is the standby switching pin. The amplifier is turned on by applying a voltage of over 3 V to pin 21 through an external resistor (R1). * If the standby switch applied voltage will exceed 13.2 V, then the current flowing into pin 5 must be held to under 500 A. Use the following formula to determine the value of R1 that meets this condition. R1 = applied voltage - 1.4 V - 10 k 500 A
Pin 21 IC Internal Equivalent Circuit
500 A or less About 1.4 V (2VBE)
Applied standby voltage
BEEP pin (pin 4) * If the BEEP pin is used, use the smallest value of R102 (see figure) possible (but note that this value must be under 100 ) to prevent degradation of the IC's output noise voltage (VNO) characteristics. Protection circuits * The LA4906 includes an on-chip thermal protection circuit to prevent destruction of or damage to the IC if abnormal heating occurs. If, due to an inadequate heat sink or other reason, the IC junction temperature (Tj) reaches or exceeds 160C, the output is gradually attenuated by the operation of the thermal protection circuit. * The overvoltage protection circuit operates if the VCC voltage exceeds 20 V. * While the LA4906 includes a power supply/ground short protection circuit, it does not include a load shorting protection circuit. The idea behind this design is that the thermal shutdown protection circuit will protect the IC itself if the load is shorted. However, since a load short will also cause temperature increases in the external transistor and coil, care is required in handling this case. Other notes * Pin 22 is not connected electrically to any other points within the package.
No. 5714-6/10
Beep signal
LA4906
Quiescent current, ICCO - mA
Output power, PO - W
Supply voltage, VCC -V
Output pin voltage, VN - V
Overvoltage protection circuit operation
Both channels operating
Input level, VIN - mV rms
ed
ed
Output power, PO - W
Output power, PO - W
pe
Supply voltage, VCC -V
IO
Supply voltage, VCC -V
Total harmonic distortion, THD - %
Total harmonic distortion, THD - %
Both channels operating
Both channels operating
Output power, PO - W
Output power, PO - W
Total harmonic distortion, THD - %
Response - dB
Both channels operating
Input frequency, f - Hz
Input frequency, f - Hz
IO
pe
Both channels operating
Both channels operating
ce
ex
ak
ak
ex
ce
ed
ed
No. 5714-7/10
LA4906
Output power, PO - W
Both channels operating
Input frequency, f - Hz
Channel separation, CHsep - dB
Input frequency, f - Hz
Output noise voltage, VNO - mV rms
Ripple rejection ratio, SVRR - dB Input resistance, Rg -
Using a 1-F power-supply capacitor
Supply voltage, VCC -V
Ripple rejection ratio, SVRR - dB
Using a 1-F power-supply capacitor
Ripple rejection ratio, SVRR - dB Power dissipation, Pd - W
Using a 1-F power-supply capacitor Calculate SVRR from the following formula:SVRR = 20 log (VO/VCCR)
Ripple frequency, fR - Hz
Power supply ripple current voltage, VCCR - Vrms
Current drain, ICC - A
Both channels operating
Both channels operating
fo
Output power, PO - W
Output power, PO - W
Pd
rt
Pd for the external transistor
he
IC
its
el
f
No. 5714-8/10
LA4906
Power dissipation, Pd - W
its elf
C
he I
Pd f
or t
Pd for the external transistor
Pd for the external transistor
Output power, PO - W Regulator oscillator frequency, fOSC - kHz
Output power, PO - W
(Tokin Co., Ltd.) (OS capacitor)
In the recommended circuit
Supply voltage, VCC - V
Quiescent current, ICCO - mA
Ambient temperature, Ta - C
Output power, PO - W
Both channels operating
Total harmonic distortion, THD - %
Both channels operating
Ambient temperature, Ta - C
Ambient temperature, Ta - C
Output pin voltage, VN - V
With VST applied to the standby pin (pin 21) through a 10-k resistor
With VST applied to pin 21 through a 10-k resistor) * The time until the amplifier turns on after VST is applied
Applied standby pin voltage, VST - V
Pd
fo
rt
he
Both channels operating
Power dissipation, Pd - W
Both channels operating
IC
its
el
f
No. 5714-9/10
LA4906
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. s Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 1997. Specifications and information herein are subject to change without notice. No. 5714-10/10


▲Up To Search▲   

 
Price & Availability of LA4906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X