Part Number Hot Search : 
Product Description
Full Text Search
 

To Download LA-501VN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LA-501DN Series
LED displays
High efficiency, single-digit numeric displays
LA-501DN Series
The LA-501DN series were designed to meet the need for 13mm single-digit numeric displays. These LED numeric displays use GaAsP on GaP for the emitting material (with the exception of green) and are housed in an epoxy resin package. They are single-digit displays with a character height of 13.0mm. !External dimensions (Units : mm)
12.5 10
1.25
1.25
1.25
!Features 1) Height of character: 13.0mm 2) Common anode and common cathode configurations are available for each color. 3) High-efficiency reflectors are used to achieve a bright, clear display. 4) The package surface is painted black and the segments are colored the display color.
7.4
(10.16)
3.5Min.
0.5 (2.54)
7.0
Tolerances are 0.2 unless otherwise noted:
!Selection guide
Emitting color Red Common Anode Cathode
Order-based production.
Orange LA-501DD LA-501DN
Green LA-501MD LA-501MN
LA-501VD LA-501VN
!Pin assignments
10 9 8 7 6
Pin No. 1 2 3 4 5 6 7 8 9 10
Function Segment "e" Segment "d" Common Segment "c" D.P Segment "b" Segment "a" Common Segment "f" Segment "g"
+++++
a f
g
b
e
d
c
+++++
Pin No. 1 2 3 4
D.P 5
0.25
(15.24)
13.0 17.5
LA-501DN Series
LED displays
!Internal circuit schematic (example of common cathode)
COM 3,8
a b c d e f g D.P 7 6 4 2 1 9 10 5
!Absolute maximum ratings (Ta = 25C)
Parameter Power dissipation Power dissipation Forward current Peak forward current Reverse voltage Operating temperature Storage temperature Symbol PD PD / seg IF IFP VR Topr Tstg Red Orange Green Unit mW mW mA mA V C C
LA-501VD / VN LA-501DD / DN LA-501MD / MN 480 60 20 60 5 480 60 20 60 5 -25~+75 -30~+85 480 60 20 60 5
Pulse width 1ms duty 1 / 5
! Electrical and optical characteristics (Ta = 25C)
Parameter
Forward voltage Reverse current Peak wavelength Spectral line half width
Not designed for radiation resistance.
Symbol Conditions Min. VF IR IF = 10mA VR = 5V IF = 10mA IF = 10mA - - - -
Red Typ. Max. Min. 2.0 - 650 40 2.8 100 - - - - - -
Orange Typ. Max. Min. 2.0 - 610 40 2.8 100 - - - - - -
Green Typ. Max. 2.1 - 563 40 2.8 100 - -
Unit V A nm nm
P
! Luminous intensity
Color Red P 650 Type LA-501VD LA-501VN Orange 610 LA-501DD LA-501DN Green 563 LA-501MD LA-501MN
Note : Measured at IF = 10 mA
Min. 5.6
Typ. 16
Max. - - -
Unit mcd
5.6
16
mcd
5.6
16
mcd
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of LA-501VN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X