Part Number Hot Search : 
0SC66 MB9124 EP8251 VCO55BE BD115 468A106 2A222 M514265
Product Description
Full Text Search
 

To Download L9014TLT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
NPN Silicon
FEATURE
Complementary to L9015. Pb-Free package is available.
1 3
L9014*LT1
DEVICE MARKING AND ORDERING INFORMATION
Device L9014QLT1 L9014QLT1G (Pb-Free) L9014RLT11 L9014RLT1G (Pb-Free) L9014SLT1 L9014SLT1G (Pb-Free) L9014TLT11 L9014TLT1G (Pb-Free) Marking 14Q 14Q 14R 14R 14S 14S 14T 14T Shipping 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel
1 BASE
2
SOT- 23
COLLECTOR 3
2 EMITTER
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector current-continuoun Symbol VCEO VCBO VEBO IC Value 45 50 5 100 Unit V V V mA
THERMAL CHARATEERISTICS
Characteristic Total Device Dissipation FR-5 Board, (1) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA=25 C Derate above 25oC Thermal Resistance, Junction to Ambient Junction and Storage Temperature R
JA
o
Symbol PD
Max
Unit
o
225
o
mW mW/oC
o
1.8 R
JA
556
C/W
PD 300 2.4 417 -55 to +150 mW mW/oC
o
C/W
o
TJ ,Tstg
C
L9014*LT1-1/3
LESHAN RADIO COMPANY, LTD.
L9014*LT1
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
OFF CHARACTERISTICS Characteristic Collector-Emitter Breakdown Voltage (IC=1.0mA) Emitter-Base Breakdown Voltage (IE=100 A) V(BR)CBO 50 V V(BR)EBO 5 V Symbol V(BR)CEO Min 45 Typ Max Unit V
Collector-Base Breakdown Voltage (IC=100 A)
Collector Cutoff Current (VCB=40V) Emitter Cutoff Current (VEB=3V) ON CHARACTERISTICS DC Current Gain (IC=1mA, VCE=5V) Collector-Emitter Saturation Voltage (IC=100mA,IB=5mA)
ICBO IEBO
-
-
100 100
nA nA
HFE
150
-
1000
VCE
-
-
0.3
V
NOTE:
* HFE
Q 150~300
R 200~400
S 300~600
T 400~1000
L9014*LT1-2/3
LESHAN RADIO COMPANY, LTD.
L9014*LT1 SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
L9014*LT1-3/3


▲Up To Search▲   

 
Price & Availability of L9014TLT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X