Part Number Hot Search : 
BAS21T1 ANSY8009 CDM6264 645ETT LM358 ESR03 2902033 1N6356
Product Description
Full Text Search
 

To Download L8550QLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
PNP Silicon
FEATURE
Pb-Free Package is available.
3
L8550*LT1
ORDERING INFORMATION
Device L8550*LT1 L8550*LT1G (Pb-Free) Package SOT-23 SOT-23 Shipping 3000/Tape&Reel 3000/Tape&Reel
1 2
SOT- 23
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base voltage Emitter-base Voltage Collector current-continuoun Symbol V CEO V CBO V EBO IC Symbol PD 225 1.8 556 300 2.4 R JA T J , T stg 417 -55 to +150 mW mW /C C/W mW mW /C C/W C Value 25 40 5 800 Max Unit V V V mAdc Unit
COLLECTOR 3
1 BASE 2 EMITTER
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (1) T A = 25 C Derate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) T A = 25 C Derate above 25 C Thermal Resistance, Junction to Ambient Junction and Storage Temperature
R JA PD
DEVICEMARKING
L8550QLT1 = 1YD L8550PLT1=85P
ELECTRICAL CHARACTERISTICS (T A = 25 C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFFCHARACTERISTICS
Collector-Emitter Breakdown Voltage (I C = 1.0mA) Emitter-Base Breakdown Voltage (I E = 100A) Collector-Base Breakdown voltage (I C= 100A) Collector Cutoff Current (VCB = 35 V) Emitter Cutoff Current (V EB =4V) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. V (BR)CEO V (BR)EBO V (BR)CBO I
CBO
25 5 40 - -
- - - - -
- - - 150 150
V V V nA nA
I EBO
L8550*LT1-1/3
LESHAN RADIO COMPANY, LTD.
L8550*LT1
ON CHARACTERISTICS Characteristic DC Current Gain (I C =100mA V CE=1V) Collector-Emitter Saturation Voltage (I C =800mA I B=80mA)
Symbol h FE V CE(S)
Min 150 -
Typ - -
Max 600 0.5
Unit
V
NOTE:
* hFE
P 100~200
Q 150~300
R 200~400
S 300~600
L8550*LT1-2/3
LESHAN RADIO COMPANY, LTD.
L8550*LT1
SOT-23
NOTES:
A L 3 1 V G 2 BS
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,1982 2. CONTROLLING DIMENSION: INCH. DIM MIN A B C D G H J K L S V 0.1102 0.0472 0.0350 0.0150 0.0701 0.0005 0.0034 0.0140 0.0350 0.0830 0.0177 INCHES MAX 0.1197 0.0551 0.0440 0.0200 0.0807 0.0040 0.0070 0.0285 0.0401 0.1039 0.0236 MILLIMETERS MIN MAX 2.80 1.20 0.89 0.37 1.78 0.013 0.085 0.35 0.89 2.10 0.45 3.04 1.40 1.11 0.50 2.04 0.100 0.177 0.69 1.02 2.64 0.60
C D H K J
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
L8550*LT1-3/3


▲Up To Search▲   

 
Price & Availability of L8550QLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X