![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ADSL POTS Splitter LP Filter L6083 The L6083 is a Low Pass filter designed to be used as a POTS Splitter in the ADSL link. L6083 meets the requirements of ANSI T1.413 and the T1/E1.4 8E14025R2 document. Features: * Small Size * Low Cost. * 100mA DC MECHANICAL 70 60 1 0.50" 2 3 0.70" 4 4 PINS, DIA 0.025" x 0.1" Attenuation (dB) 50 40 0.20" 1.20" 30 0.55" 20 1.80" 10 0.1 0.2 0.5 1.0 2.0 3.4 10 20 50 100 200 500 1000KHz Frequency (KHz) ELECTRICAL SPECIFICATION Line Impedance 6083 600 or 900 100 19.5 < 0.3 dB voice band ADSL Band nom. @ 1000Hz 6083.CHP DCR, Tip to Ring Insertion Loss Attenuation 300 - 3400 Hz 30 - 300 KHz 300 - 1104 KHz ISSUE: B 98/06/10 < 1.0 dB > 65 dB > 55 db Test circuits as per T1/E1.4 8E14025R2 An ISO 9001 Registered Company 229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com 5-16.1 |
Price & Availability of L6083
![]() |