Part Number Hot Search : 
080502MS DMN2004 LBS70A25 RGP30K GRM32D M8170 RF1119 ZMD33220
Product Description
Full Text Search
 

To Download L53F3BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Kingbright
Features
!MECHANICALLY
(R)
T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
L53F3BT
AND SPECTRALLY MATCHED
TO THE L51P3C PHOTOTRANSISTOR.
!BLUE
TRANSPARENT LENS AVAILABLE HIGH Package Dimensions
POWER OUTPUT.
Description
F3 Made with Gallium Arsenide Infrared Emitting diodes.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subjected to change without notice.
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m W/s r ) @20m A Min. L53F 3B T GaAs Blue Transparent 5 Typ. 20 Iv (m W/s r ) @50m A Min. 8 Typ. 30 V i ew i n g An g l e 21/2 30
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
L53F3BT-V.1#1
Kingbright
It em Forward Voltage Reverse Current Junction Capacitance Peak Spectral Wavelength Spectral Bandwidth
(R)
Electrical / Optical Characteristics at T)=25C
P/N F3 F3 F3 F3 F3 Sy m b o l VF IR Co lR Ty p . 1.2 90 9 40 50 Max . 1.5 10 Un it V uA pF nm nm Co n d it io n IF=20mA VR=5V V=0 f=1MHz IF=20mA IF=20mA
Absolute Maximum Ratings at T)=25C
It em
Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature
Sy m b o l
Pd IF I
P
Max im u m Rat in g
100 50 1.2 5 -45~ +80 -45~ +80
Un it s
mW mA A V C C
VR Topr Tstg
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
L53F3BT-V.1#2
Kingbright
L53F3BT
(R)
L53F3BT-V.1#3


▲Up To Search▲   

 
Price & Availability of L53F3BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X