Part Number Hot Search : 
SC1062A 56F8011 SK1260C C1909 TC4422CP MM1571G 00001 2SK444
Product Description
Full Text Search
 

To Download L4909 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L4909
EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR
s
3 OUTPUTS - Vo1 : output voltage variable from 5 to 12 V; limit current : 1.2 A. - Vo2 : output voltage variable from 5 to 12 V; limit current : 1.2 A. - Vo3 : output voltage variable from 5 to 12 V; limit current : 1.2 A. ENABLE INPUT FOR EACH REGULATOR FEEDBACK INPUT FOR EACH REGULATOR SHORT CIRCUIT PROTECTION TO GROUND OVERCURRENT WARNING DRIVER FOR EXTERNAL SCR (CROWBAR PROTECTION) THERMAL SHUTDOWN
Each regulator is current limited and furthermore an OR-ed warning signal is output (open collector, active low output) when the current in a regulator goes above an over-current threshold (1 A typ for any regulator). When one output voltage is higher than 20% typ of its nominal value (for instance in case of input-to-output short circuit), the crowbar output pin is activated, triggering an external SCR (connected between input and ground) that blows the input line fuse.
MULTIWATT 15
s s s s s
s
DESCRIPTION
It is a monolithic Multifunction Voltage Regulator; it contains 3 regulators, (REG1, REG2, REG3) each one with an enable input and a feedback input, to allow the voltage setting via external resistive divider.
BLOCK DIAGRAM
REF THERMAL SHUTDOWN EN1 EN2 EN3 6 7 9 + ENABLE CONTROL + REFERENCE GENERATOR REG1 REG2 REG3 + REF+20%
+
3,13 +
VINA, VINB
+
REG1
-
2 1 +
VO1 FB1
OC
5 OVER CURRENT CHECK 4
+
REG2
-
14 15 +
+
VO2 FB2
TRIG
+
REG3
GND
8 +
-
11 10
VO3 FB3
D00AU1171
May 2000
1/7
L4909
PIN CONNECTION
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
FB2 VO2 VINB N.C. VO3 FB3 EN3 GND EN2 EN1 OC TRIG VINA VO1 FB1
TAB CONNECTED TO PIN 8
D00AU1153
Table 1. Pin Description
No. Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Name FB1 Vo1 VinA TRIG OC EN1 EN2 GND EN3 FB3 Vo3 N.C. VinB Vo2 FB2 REG1 feedback voltage input REG1 output voltage Input DC supply voltage Trigger for external SCR (crowbar protection) Over current warning output REG1 enable input REG2 enable input Analog ground REG3 enable input REG3 feedback voltage input REG3 output voltage Not Connected Input DC supply voltage REG2 output voltage REG2 feedback voltage input Function
2/7
L4909
ABSOLUTE MAXIMUM RATINGS
Symbol Vin Io Voc VENx Top Tstg Parameter VinA,VinB input DC supply voltage Vo1, Vo2, Vo3 output currents OC output voltage ENx input voltage Operating temperature range Storage temperature Value 40 internally limited min (15, Vin) 15 0 to 70 - 40 to 150 V V
o
Unit V
C
oC
THERMAL DATA
Symbol RTH j-case Parameter Thermal Resistance Junction to Case Value 1.8 Unit C/W
ELECTRICAL CHARACTERISTICS (Cout = 100nF; Vin -Vo = 5V; Io = 10mA; Tcase = 25C unless otherwise specified
Symbol Vo1 V(FB1) Ilim1 V o1 ------------V o1 V o1 ------------V o1 Vd1 SVR1 Vo2 V(FB2) Ilim2 V o2 ------------V o2 V o2 ------------V o2 Vd2 Parameter REG1 output voltage range REG1 feedback voltage REG1 output current limit line regulation EN1=ON; EN1=ON; Vin-Vo1<12V Io1=10mA; Vin-Vo1=3 to 25 V Io1=10mA; Vin-Vo1=3 to 12 V Io1=10 mA to 1.2A Io1=10 mA to 0.5A Io1=500mA freq=120 Hz to 1KHz 60 5 EN2 = ON; EN2=ON; Vin-Vo2<12V Io2=10mA;Vin-Vo2=3 to 25 V Io2=10mA;Vin-Vo2=3 to 12 V Io2=10 mA to 1.2A Io2=10 mA to 0.5A Io2=500mA 1.22 1.20 1.27 1.70 0.6 0.1 0.5 0.1 2 12 1.32 Test Condition Min. 5 1.22 1.20 1.27 1.70 0.6 0.1 0.5 0.1 2 Typ. Max. 12 1.32 Unit V V A %
load regulation
2
%
REG1 drop out REG1 supply voltage rejec. REG2 output voltage range REG2 feedback voltage REG2 output current limit line regulation
2.20
V dB V V A %
load regulation
2
%
REG2 drop out
2.2
V
3/7
L4909
ELECTRICAL CHARACTERISTCS (continued)
Symbol SVR2 Vo3 V(FB3) Ilim3 V o3 ------------V o3 V o3 ------------V o3 Vd3 SVR3 ENx Istby ITRIG ZTRIG
V(FB)_TR I(FB) I(EN) Ion
Parameter REG2 supply voltage rejec. REG3 output voltage range REG3 feedback voltage REG3 output current limit line regulation
Test Condition freq=120 Hz to 1KHz
Min. 60 5
Typ.
Max.
Unit dB
12 1.27 1.70 0.6 0.1 0.5 0.1 2 1.32
V V A %
EN3=ON; EN3=ON; Vin-Vo3<12V Io3=10mA; Vin-Vo3=3 to 25 V Io3=10mA; Vin-Vo3=3 to 12 V Io3=10 mA to 1.2A Io3=10 mA to 0.5A Io3=500mA freq=120 Hz to 1KHz STAND_BY ON EN1=EN2=EN30.5 V SCR trigger circuit in ON state; V(TRIG) = 2V SCR trigger circuit in OFF state any regulator any regulator V(EN) = 5V one regulator ON; Vo = 12V two regulators ON; Vo = 12V three regulators ON; Vo = 12V warning conditions Isink < 3 mA no warning conditions V(OC) = 15V any regulator Vin - Vout <12V
1.22 1.20
load regulation
2
%
REG3 drop out REG3 supply voltage rejec. enable input voltage (active high) current consumption in stand_by current at TRIG output TRIG to GND impedance FBx voltage for trigger SCR on Feedback's input current EN's input current current consumption in ON state
(current in the exter nal feedback resistors not included)
2.20 60 0.8 3.5 20 25 0.2 1.52 2 160 11 20 29 0.40 1 0.6
V dB V V A mA K V A A mA
V_OC_L current_warning output voltage I_OC_H I_oc/Ilim current_warning leakage warning threshold current / limit current
V A
4/7
L4909
The current protection is a function of the Vce, i.e. the drop between input and output voltages (Vin-Vo). The shape of that relationship is shown in following figure 1.
Figure 1.
Figure 2. REGULATOR TYPICAL APPLICATION
ULTRAF AST FUSE FROM RECTIFIER +5V (*)EN1 6 (*)EN2 330nF (*)EN3 4.7K PULL-UP RESISTOR SCR 12 TRIG 4 8 GND RA3 RA2 RA1 9 FB1 1 OC 5 15 FB3 100F 100nF FB2 100F 100nF 7 11 V INA 3 V INB 13 2 14 VO1 VO2 VO3 RB3 RB2 RB1 100F 100nF
D00AU1154
(*) It is possible to enable the regulators connecting the ENx pins to Vin through a 25K Suggested value for R Ax is 1.2K The value of RBx must be choosen, depending on the desired output voltage Vox? following the formula: RBx = RAx Vox 1.27 -1
5/7
L4909
mm MIN. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 21.9 21.7 17.65 17.25 10.3 2.65 4.25 4.63 1.9 1.9 3.65 17.5 10.7 4.55 5.08 22.2 22.1 0.49 0.66 1.02 17.53 19.6 20.2 22.5 22.5 18.1 17.75 10.9 2.9 4.85 5.53 2.6 2.6 3.85 0.862 0.854 0.695 0.679 0.406 0.104 0.167 0.182 0.075 0.075 0.144 0.689 0.421 0.179 0.200 0.874 0.870 1.27 17.78 1 0.55 0.75 1.52 18.03 0.019 0.026 0.040 0.690 0.772 0.795 0.886 0.886 0.713 0.699 0.429 0.114 0.191 0.218 0.102 0.102 0.152 0.050 0.700 TYP. MAX. 5 2.65 1.6 0.039 0.022 0.030 0.060 0.710 MIN. inch TYP. MAX. 0.197 0.104 0.063
DIM.
OUTLINE AND MECHANICAL DATA
Multiwatt15 V
6/7
L4909
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. N o license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (R) 2000 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http:/ /www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of L4909

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X