Part Number Hot Search : 
T351010 09508 BCM1125 UF5406 SWFC6102 PCF2111 C2923 B1206RU
Product Description
Full Text Search
 

To Download L468 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
Dual HiPerFREDTM Epitaxial Diode
in ISOPLUS i4-PACTM
DSEE 55-24N1F
VRRM = 2400 V IF(AV)M = 55 A trr = 220 ns
1
3
1 3
5
Rectifier Bridge Symbol VRRM VRRM IFAV IF(AV)M IFSM EAS Ptot TC = 90C; sine 180 TC = 90C; d = 0.5 rectangular TVJ = 25C; t = 10 ms; sine 50 Hz IAS = 16 A; LAS = 180 H; TC = 25C; non repetitive TC = 25C (per diode) Conditions Maximum Ratings 2400 1200 53 55 500 28 200 V V A A A mJ W Features
5
* HiPerFREDTM Epitaxial Diodes - fast and soft reverse recovery - low switching losses - avalanche rated - low leakage current * ISOPLUS i4-PACTM package - isolated back surface - low coupling capacity between pins and heatsink - enlarged creepage towards heatsink - enlarged creepage between pins - application friendly pinout - high reliability - industry standard outline
Symbol
Conditions
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 2.0 1.5 1 79 220 2.5 1 V V mA mA A ns 0.63 K/W
Applications * rectifiers - high frequency rectifiers, output rectifiers of switched mode power supplies - mains rectifiers with minimized emission of disturbances * diodes in snubber networks * high voltage diodes using the series connection in the component
VF IR IRM trr RthJC
IF = 40 A; TVJ = 25C TVJ = 125C VR = VRRM; TVJ = 25C TVJ = 125C IF = 75 A; diF /dt = -750 A/s; TVJ = 125C VR = 600 V (per diode)
Data according to IEC 60747 and refer to a single diode unless otherwise stated. Diodes connected in series
(c) 2001 IXYS All rights reserved
1-2
117
Data according to IEC 60747 and refer to a single diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions.
DSEE 55-24N1F
Component Symbol TVJ Tstg VISOL FC Symbol CP d S , dA d S , dA RthCH Weight IISOL 1 mA; 50/60 Hz mounting force with clip Conditions coupling capacity between shorted pins and mounting tab in the case pin - pin pin - backside metal with heatsink compound 5.5 5.5 0.15 9 Conditions Maximum Ratings -55...+150 -55...+125 2500 20...120 C C V~ N Dimensions in mm (1 mm = 0.0394")
Characteristic Values min. typ. max. 40 pF mm mm K/W g
(c) 2001 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of L468

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X