Part Number Hot Search : 
T01KO 600BW LMV358 MS51D BAS85 MX770 MC3476P1 MC3476P1
Product Description
Full Text Search
 

To Download L453YD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMPS
L453ID L453GD L453YD HIGH EFFICIENCY RED GREEN YELLOW
Features
!5mm !LOW
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
DIAMETER WITH 6.3x6.3mm BASE. POWER CONSUMPTION. AND RUGGED. LIFE - SOLID STATE RELIABILITY.
!RELIABLE !LONG
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0709 APPROVED : J. Lu
REV NO: V.1 CHECKED :
Digitally signed by YANGSHOUFEN cn=YANGSHOUFEN, ou=KINGBRIHGT, o=42, c=US Date: 2001.11.12 11:32:50 +08'00' Reason: Document is certified
DATE: NOV/11/2001 DRAWN: R.X.Jin
PAGE: 1 OF 4
Selection Guide
Iv (m c d ) @ 10 m A Min . L453ID L453GD L453YD HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) YELLOW (GaAsP/GaP) RED DIFFUSED GREEN DIFFUSED YELLOW DIFFUSED 5 5 5 Ty p . 20 15 15 V i ew i n g An g l e 21/2 60 60 60
P ar t N o .
Dic e
L en s Ty p e
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 Par am et er Peak Wavelength D ev i c e High Efficiency Red Green Yellow High Efficiency Red Green Yellow Ty p . 627 565 590 625 568 588 45 30 35 15 15 20 2.0 2.2 2.1 2.5 2.5 2.5 10 Max . Un it s nm Tes t Co n d it io n s IF=20mA
Dominate Wavelength
nm
IF=20mA
High Efficiency Red Spectral Line Halfwidth Green Yellow Capacitance High Efficiency Red Green Yellow High Efficiency Red Green Yellow All
nm
IF=20mA
C
pF
VF=0V;f=1MHz
VF IR
Forward Voltage Reverse Current
V uA
IF=20mA V R = 5V
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h E f f i c i en c y R ed 10 5 30 160 5
Gr een 105 25 140 5 -40C To +85C 260C For 5 Seconds
Yello w 105 30 140 5
Un it s mW mA mA V
SPEC NO: CDA0709 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: R.X.Jin
PAGE: 2 OF 4
High Efficiency Red
L453ID
SPEC NO: CDA0709 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: R.X.Jin
PAGE: 3 OF 4
Green
L453GD
Yellow
L453YD
SPEC NO: CDA0709 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: R.X.Jin
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of L453YD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X