Part Number Hot Search : 
PE7422 MUR160 DG300AAK ZMM5256B NTXV1 1N4743 SSM24LPT P6KE20
Product Description
Full Text Search
 

To Download L2SC2412KSLT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
NPN Silicon
L2SC2412K*LT1
* Pb-Free Package is Available.
1 BASE 3 COLLECTOR
3
1 2 2 EMITTER
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Collector power dissipation Junction temperature Storage temperature Symbol V CEO V CBO V
EBO
SOT- 23
Value 50 60 7.0 150 0.2 150 -55 ~+150
Unit V V V mAdc W C C
ORDERING INFORMATION
Device Marking Shipping
L2SC2412KQLT1
L2SC2412KQLT1G
IC PC Tj T stg
BQ
BQ(Pb-Free)
3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel
L2SC2412KRLT1
L2SC2412KRLT1G
BR
BR(Pb-Free)
DEVICE MARKING
L2SC2412KQLT1 =BQ L2SC2412KRLT1 =BR L2SC2412KSLT1 =G1F
L2SC2412KSLT1
G1F
L2SC2412KSLT1G G1F(Pb-Free)
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted.)
Characteristic Collector-Emitter Breakdown Voltage (IC = 1 mA) Emitter-Base Breakdown Voltage (IE = 50 A) Collector-Base Breakdown Voltage (IC = 50 A) Collector Cutoff Current (VCB = 60 V) Emitter cutoff current (VEB = 7 V) Collector-emitter saturation voltage (IC/ IB = 50 mA / 5m A) DC current transfer ratio (V CE = 6 V, I C= 1mA) Transition frequency (V CE = 12 V, I E= - 2mA, f =30MHz ) Output capacitance (V CB = 12 V, I E= 0A, f =1MHz ) V CE(sat) h FE fT C ob -- 120 -- -- -- -- 180 2.0 0.4 560 -- 3.5 V -- MHz pF Symbol V V V
(BR)CEO
Min 50 7 60 -- --
Typ -- -- -- -- --
Max -- -- -- 0.1 0.1
Unit V V V A A
(BR)EBO
(BR)CBO
I CBO I EBO
h FE values are classified as follows:
hFE
*
Q 120~270
R 180~390
S 270~560
L2SC2412K*LT1-1/3
LESHAN RADIO COMPANY, LTD.
L2SC2412K*LT1
Fig.1 Grounded emitter propagation characteristics
50
Fig.2 Grounded emitter output characteristics( )
100
0.50mA
T A = 25C
VCE= 6 V
20
I C, COLLECTOR CURRENT (mA)
I C, COLLECTOR CURRENT (mA)
80
10 50
T A = 100 C
25C
60
2 1
- 55C
40
0.5
20
0.2 0.1 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 0 0 0.4 0.8 1.2 1.6 2.0
V BE , BASE TO EMITTER VOLTAGE(V)
V CE , COLLECTOR TO EMITTER VOLTAGE (V)
Fig.3 Grounded emitter output characteristics( )
10
Fig.4 DC current gain vs. collector current ( )
500
I C, COLLECTOR CURRENT (mA)
8
6
h FE, DC CURRENT GAIN
0 4 8 12 16 20
200
100
4
50
2
20
0 10 0.2 0.5 1 2 5 10 20 50 100 200
V CE , COLLECTOR TO EMITTER VOLTAGE (V)
I C, COLLECTOR CURRENT (mA)
Fig.5 DC current gain vs. collector current ( )
V CE(sat), COLLECTOR SATURATION VOLTAGE(V)
Fig.6 Collector-emitter saturation voltage vs. collector current
0.5
500
0.2
h FE, DC CURRENT GAIN
200
0.1
100
0.05
50
0.02
20
0.01 0.2 0.5 1 2 5 10 20 50 100 200
10 0.2 0.5 1 2 5 10 20 50 100 200
I C, COLLECTOR CURRENT (mA)
I C, COLLECTOR CURRENT (mA)
L2SC2412K*LT1-2/3
LESHAN RADIO COMPANY, LTD.
L2S2412K*LT1
Fig.7 Collector-emitter saturation voltage vs. collector current ( )
V CE(sat), COLLECTOR SATURATION VOLTAGE(V)
0.5
Fig.8 Collector-emitter saturation voltage vs. collector current ( )
V CE(sat), COLLECTOR SATURATION VOLTAGE(V)
0.5
0.2
0.2
0.1
0.1
0.05
0.05
0.02
0.02
0.01 0.2 0.5 1 2 5 10 20 50 100 200
0.01 0.2 0.5 1 2 5 10 20 50 100
I C, COLLECTOR CURRENT (mA)
I C, COLLECTOR CURRENT (mA)
Fig.9 Gain bandwidth product vs. emitter current
Fig.10 Collector output capacitance vs.collector-base voltage Emitter inputcapacitance vs. emitter-base voltage
C ob , COLLECTOR OUTPUT CAPACITANCE( pF) C ib , EMITTER INPUT CAPACITANCE (pF)
20
f r , TRANSITION FREQUENCY(MHz)
500
10
200
5
100
2
50 -0.5 -1 -2 -5 -10 -20 -50 -100
1 0.2 0.5 1 2 5 10 20 50
I E, EMITTER CURRENT (mA)
V CB, COLLECTOR TO BASE VOLTAGE (V) V EB, EMITTER TO BASE VOLTAGE (V)
Fig.11 Base-collector time constant vs.emitter current
C c-r bb, BASE COLLECTOR TIME CONSTANT( ps)
200
100
50
20
10 -0.2 -0.5 -1 -2 -5 -10
I E, EMITTER CURRENT (mA)
L2SC2412K*LT1-3/3


▲Up To Search▲   

 
Price & Availability of L2SC2412KSLT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X