Part Number Hot Search : 
MN3880S VBT4045C XKD11306 87C51FC A1601 PJ1537 SC21152 2405E
Product Description
Full Text Search
 

To Download L2SA1774T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
PNP Silicon
COLLECTOR 3
L2SA1774*T1
3
1 BASE 2 EMITTER 1 2
SC-89
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC Limits -60 -50 -6 -0.15 Unit V V V A (DC)
PC
0.15
W
Tj Tstg
150 -55~+150
C C
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min. -60 -50 -6 - - - 120 - - Typ. - - - - - - - 140 4.0 Max. - - - -0.1 -0.1 -0.5 560 - 5.0 Unit V V V A A V - MHz pF IC=-50A IC=-1A IE=-50A VCB=-60V VEB=-6V IC/IB=-50mA/-5mA VCE=-6V, IC=-1mA VCE=-12V, IE=2mA, f=30MHz VCB=-12V, IE=0A, f=1MHz Conditions
!Device marking
L2SA1774QT1=FQ L2SA1774ST1=FS L2SA1774RT1=FR
! hFE values are classified as follows:
Item hFE Q 120~270 R 180~390 S 270~560
L2SA1774*T1-1/3
LESHAN RADIO COMPANY, LTD.
L2SA1774*T1
!Electrical characteristic curves
-50
COLLECTOR CURRENT : Ic (mA)
COLLECTOR CURRENT : IC (mA)
-20 -10 -5 -2 -1 -0.5 -0.2 -0.1
COLLECTOR CURRENT : IC (mA)
Ta=100C 25C -40C
VCE=-6V
-10
-35.0
Ta=25C
-100
-31.5 -28.0 -24.5
Ta=25C
-500 -450 -400 -350 -300
-8
-80
-6
-21.0 -17.5
-60
-250 -200
-4
-14.0 -10.5
-40
-150 -100
-2
-7.0 -3.5A
-20
-50A
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6
0
-0.4
-0.8
-1.2
IB=0 -1.6 -2.0
IB=0
0
-1
-2
-3
-4
-5
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR TO MITTER VOLTAGE : VCE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics (I)
Fig.3 Grounded emitter output characteristics (II)
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
500
500
Ta=25C
VCE=-5V -3V -1V
DC CURRENT GAIN : hFE
200
Ta=100C 25C -40C
-1
Ta=25C
DC CURRENT GAIN : hFE
-0.5
200
100
-0.2
IC/IB=50
100
-0.1
20 10
50
50
VCE=-6V -5 -10 -20 -50 -100
-0.05 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
-0.2 -0.5 -1
-2
-5 -10 -20
-50 -100
-0.2 -0.5 -1
-2
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current (I)
Fig.5 DC current gain vs. collector current (II)
Fig.6 Collector-emitter saturation voltage vs. collector current (I)
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
lC/lB=10
-0.5
TRANSITION FREQUENCY : fT (MHz)
Ta=25C VCE=-12V
COLLECTOR OUTPUT CAPACITANCE : Cob (pF) EMITTER INPUT CAPACITANCE : Cib (pF)
-1
1000
20
Cib
10
500
Ta=25C f=1MHz IE=0A IC=0A
Co b
-0.2
Ta=100C 25C -40C
200
5
-0.1
100
2
-0.05 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
50 0.5
1 2 5 10
20
50
100
-0.5
-1
-2
-5
-10
-20
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IE (mA)
COLLECTOR TO BASE VOLTAGE : VCB (V) EMITTER TO BASE VOLTAGE : VEB (V)
Fig.7 Collector-emitter saturation voltage vs. collector current (II)
Fig.8 Gain bandwidth product vs. emitter current
Fig.9 Collector output capacitance vs. collector-base voltage Emitter inputcapacitance vs. emitter-base voltage
L2SA1774*T1-2/3
LESHAN RADIO COMPANY, LTD.
L2SA1774*T1
SC-89
A -X-
3 1 2
B -Y-
S
K G
2 PL
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 463C-01 OBSOLETE, NEW STANDARD 463C-02. MILLIMETERS MIN NOM MAX 1.50 1.60 1.70 0.75 0.85 0.95 0.60 0.70 0.80 0.23 0.28 0.33 0.50 BSC 0.53 REF 0.10 0.15 0.20 0.30 0.40 0.50 1.10 REF --- --- 10 _ --- --- 10 _ 1.50 1.60 1.70 INCHES NOM 0.063 0.034 0.028 0.011 0.020 BSC 0.021 REF 0.006 0.016 0.043 REF --- --- 0.063
D 0.08 (0.003)
M
3 PL
XY
M C
N J -TSEATING PLANE
DIM A B C D G H J K L M N S
MIN 0.059 0.030 0.024 0.009 0.004 0.012 --- --- 0.059
MAX 0.067 0.040 0.031 0.013 0.008 0.020 10 _ 10 _ 0.067
H
H
L
G RECOMMENDED PATTERN OF SOLDER PADS
L2SA1774*T1-3/3


▲Up To Search▲   

 
Price & Availability of L2SA1774T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X