Part Number Hot Search : 
N82S181A 74LV1G08 A332MP 00800 4740A 30BF20TR TDA3607 MMBD1501
Product Description
Full Text Search
 

To Download L2SA1036KRLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LRC
Medium Power Transistor
(*32V, *0.5A) L2SA1036K*LT1
FFeatures 1) Large IC. ICMax. = *500mA 2) Low VCE(sat). Ideal for low-voltage operation. 3) Pb-Free Package May be Available. The G.Suffix Denotes a Pb-Free Lead Finish FStructure Epitaxial planar type PNP silicon transistor
LESHAN RADIO COMPANY,LTD.
L2SA1036KPLT1 L2SA1036KQLT1 L2SA1036KRLT1
3
3 1
FDEVICE MARKING 1) L2SA1036KPLT1=HP 2) L2SA1036KQLT1=HQ 3) L2SA1036KRLT1=HR
2
1
2
PNP
SOT-23
FAbsolute maximum ratings (Ta = 25_C)
FORDERING INFORMATION Device L2SA1036K*LT1 L2SA1036K*LT1G Package SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel
L2SA1036K*LT1-1/4
LRC
LESHAN RADIO COMPANY,LTD.
L2SA1036K*LT1
FElectrical characteristics (Ta = 25_C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ration Transition frequence Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min.
--
Typ. -- -- -- -- -- -- -- 200 7
Max. -- -- -- --1 --1 -- 0.4 390 -- --
Unit V V V A A V -- MHZ pF
Conditions IC= -- 100A Ic= -- 1mA IE= -- 100A VCB= -- 20v VEB= -- 4V IC/IB= -- 100mA/ -- 10mA VCE= -- 3V,Ic= -- 10mA VCE= -- 5V,IE=20mA,f=100MHz VCB= -- 10V,IE=0A,f=1MHz
40
-- 32 --5 -- -- -- 82 -- --
FhFE values are classified as follows.
L2SA1036K*LT1-2/4
LRC
LESHAN RADIO COMPANY,LTD.
L2SA1036K*LT1
FElectrical characteristic curves
L2SA1036K*LT1-3/4
LRC
LESHAN RADIO COMPANY,LTD.
L2SA1036K*LT1 SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
L2SA1036K*LT1-4/4


▲Up To Search▲   

 
Price & Availability of L2SA1036KRLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X