Part Number Hot Search : 
SKM30 2W005G08 MM3Z12 1N5252B AN44063A CT350M ZX85C LTC680
Product Description
Full Text Search
 

To Download L2N3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors NPN Silicon L2N3904
L2N3904
MAXIMUM RATINGS
Rating Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current - Continuous Total Device Dissipation @ TA = 25C Derate above 25C Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range Symbol VCEO VCBO VEBO IC PD 625 5.0 PD 1.5 12 TJ, Tstg -55 to +150 W mW/C C mW mW/C Value 40 60 6.0 200 Unit Vdc Vdc Vdc mAdc
12
TO-92
3
COLLECTOR 3 2 BASE 1 EMITTER
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
2N3904 YWW
THERMAL CHARACTERISTICS (Note 1)
Characteristic Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Symbol RqJA RqJC Max 200 83.3 Unit C/W C/W
Y WW
= Year = Work Week
1. Indicates Data in addition to JEDEC Requirements.
L2N3904-1/6
LESHAN RADIO COMPANY, LTD.
L2N3904
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (Note 2) (IC = 1.0 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = 10 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Base Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc) Collector Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc) ON CHARACTERISTICS DC Current Gain (Note 2) (IC = 0.1 mAdc, VCE = 1.0 Vdc) (IC = 1.0 mAdc, VCE = 1.0 Vdc) (IC = 10 mAdc, VCE = 1.0 Vdc) (IC = 50 mAdc, VCE = 1.0 Vdc) (IC = 100 mAdc, VCE = 1.0 Vdc) Collector -Emitter Saturation Voltage (Note 2) (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc Base -Emitter Saturation Voltage (Note 2) (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc) SMALL-SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz) fT Output Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz) Input Impedance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) hie Voltage Feedback Ratio (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) hre Small-Signal Current Gain (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) hfe Output Admittance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) Noise Figure (IC = 100 mAdc, VCE = 5.0 Vdc, RS = 1.0 k W, f = 1.0 kHz) NF SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time 2. Pulse Test: Pulse Width v 300 ms; Duty Cycle v 2%. (VCC = 3.0 Vdc, VBE = 0.5 Vdc, IC = 10 mAdc, IB1 = 1.0 mAdc) (VCC = 3.0 Vdc, IC = 10 mAdc, IB1 = IB2 = 1.0 mAdc) td tr ts tf - - - - 35 35 200 50 ns ns ns ns - 5.0 dB hoe 100 1.0 400 40 - mmhos 0.5 8.0 X 10- 4 1.0 10 Cobo Cibo 300 - - - 4.0 8.0 MHz pF pF VCE(sat) - - VBE(sat) 0.65 - 0.85 0.95 0.2 0.3 Vdc hFE 40 70 100 60 30 - - 300 - - Vdc - V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX 40 60 6.0 - - - - - 50 50 Vdc Vdc Vdc nAdc nAdc Symbol Min Max Unit
kW
L2N3904-2/6
LESHAN RADIO COMPANY, LTD.
TYPICAL TRANSIENT CHARACTERISTICS
TJ = 25C TJ = 125C 10 7.0 CAPACITANCE (pF) Q, CHARGE (pC) 5.0 Cibo 3.0 2.0 Cobo 5000 3000 2000 1000 700 500 300 200 100 70 50 QT QA VCC = 40 V IC/IB = 10
L2N3904
1.0 0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30 40
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
REVERSE BIAS VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (mA)
Figure 1. Capacitance
500 300 200 100 70 50 30 20 10 7 5 td @ VOB = 0 V 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 V 15 V 2.0 V 50 70 100 200 IC/IB = 10 500 300 200 t r, RISE TIME (ns) 100 70 50 30 20 10 7 5
Figure 2. Charge Data
VCC = 40 V IC/IB = 10
TIME (ns)
tr @ VCC = 3.0 V
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
IC, COLLECTOR CURRENT (mA)
Figure 3. Turn -On Time
500 300 200 t s, STORAGE TIME (ns) 100 70 50 30 20 10 7 5 IC/IB = 20 IC/IB = 10 IC/IB = 20 IC/IB = 10 500 300 200 t f , FALL TIME (ns)
Figure 4. Rise Time
ts = ts - 1/8 tf IB1 = IB2
VCC = 40 V IB1 = IB2 IC/IB = 20
100 70 50 30 20 10 7 5 IC/IB = 10
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 5. Storage Time
Figure 6. Fall Time
L2N3904-3/6
LESHAN RADIO COMPANY, LTD.
TYPICAL AUDIO SMALL-SIGNAL CHARACTERISTICS NOISE FIGURE VARIATIONS
(VCE = 5.0 Vdc, TA = 25C, Bandwidth = 1.0 Hz)
12 10 NF, NOISE FIGURE (dB) 8 6 4 2 0 0.1 SOURCE RESISTANCE = 500 W IC = 100 mA 0.2 0.4 1.0 2.0 4.0 10 20 40 100 SOURCE RESISTANCE = 200 W IC = 1.0 mA NF, NOISE FIGURE (dB) SOURCE RESISTANCE = 200 W IC = 0.5 mA SOURCE RESISTANCE = 1.0 k IC = 50 mA 14 f = 1.0 kHz 12 10 8 6 4 2 0 0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100 IC = 100 mA IC = 1.0 mA
L2N3904
IC = 0.5 mA IC = 50 mA
f, FREQUENCY (kHz)
RS, SOURCE RESISTANCE (k OHMS)
Figure 7.
Figure 8.
h PARAMETERS
(VCE = 10 Vdc, f = 1.0 kHz, TA = 25C)
300 hoe, OUTPUT ADMITTANCE (m mhos) 5.0 10 100 50 20 10 5 2 1 0.1 0.2 0.3 0.5 1.0 2.0 3.0 IC, COLLECTOR CURRENT (mA) 5.0 10
h fe , CURRENT GAIN
200
100 70 50
30
0.1
0.2
0.3 0.5 1.0 2.0 3.0 IC, COLLECTOR CURRENT (mA)
Figure 9. Current Gain
20 h ie , INPUT IMPEDANCE (k OHMS) 10 5.0 10 7.0 5.0 3.0 2.0
Figure 10. Output Admittance
2.0 1.0 0.5 0.2
h re , VOLTAGE FEEDBACK RATIO (X 10 -4 ) 5.0 10
1.0 0.7 0.5 0.1 0.2 1.0 2.0 3.0 0.3 0.5 IC, COLLECTOR CURRENT (mA) 5.0 10
0.1
0.2
0.3 0.5 1.0 2.0 3.0 IC, COLLECTOR CURRENT (mA)
Figure 11. Input Impedance
Figure 12. Voltage Feedback Ratio
L2N3904-4/6
LESHAN RADIO COMPANY, LTD.
TYPICAL STATIC CHARACTERISTICS
h FE, DC CURRENT GAIN (NORMALIZED) 2.0 TJ = +125C 1.0 0.7 0.5 0.3 0.2 -55 C +25C
L2N3904
VCE = 1.0 V
0.1 0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
IC, COLLECTOR CURRENT (mA)
Figure 13. DC Current Gain
VCE, COLLECTOR EMITTER VOLTAGE (VOLTS)
1.0 TJ = 25C 0.8 IC = 1.0 mA 10 mA 30 mA 100 mA
0.6 0.4
0.2 0 0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
IB, BASE CURRENT (mA)
Figure 14. Collector Saturation Region
1.2 TJ = 25C 1.0 V, VOLTAGE (VOLTS) 0.8 VBE @ VCE =1.0 V 0.6 0.4 VCE(sat) @ IC/IB =10 0.2 0 VBE(sat) @ IC/IB =10 COEFFICIENT (mV/ C) 0.5 qVC FOR VCE(sat) 0 -0.5 -55 C TO +25C -1.0 +25C TO +125C -1.5 -2.0 qVB FOR VBE(sat) -55 C TO +25C +25C TO +125C 1.0
1.0
2.0
5.0
10
20
50
100
200
0
20
40
60
80
100
120
140
160
180 200
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 15. "ON" Voltages
Figure 16. Temperature Coefficients
L2N3904-5/6
LESHAN RADIO COMPANY, LTD.
L2N3904
+3 V +10.9 V 10 k -0.5 V < 1 ns CS < 4 pF* -9.1 V < 1 ns 275 +3 V +10.9 V 275 10 k 1N916 CS < 4 pF*
DUTY CYCLE = 2% 300 ns
10 < t1 < 500 ms DUTY CYCLE = 2%
t1
0
* Total shunt capacitance of test jig and connectors
Figure 17. Delay and Rise Time Equivalent Test Circuit
Figure 18. Storage and Fall Time Equivalent Test Circuit
L2N3904-6/6


▲Up To Search▲   

 
Price & Availability of L2N3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X