Part Number Hot Search : 
5945B MM1Z10 2SJ246S 6025108 GC2504M5 1N2383A 7005S55J TA143
Product Description
Full Text Search
 

To Download L1SS400T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Switching diode
* Applications High speed switching * Features 1) Extremely small surface mounting type. 2) High Speed. 3) High reliability. *Construction Silicon epitaxial planar
2
L1SS400T1
1
SOD - 523
1 CATHODE
2 ANODE
ABSOLUTE MAXIMUM RATINGS (Ta = 25C) Parameter Symbol Peak reverse voltage VRM DC reverse voltage VR Peak forward current I FM Mean rectifying current IO Surge current (1s) I surge Junction temperature Tj Storage temperature Tstg
Limits 90 80 225 100 500 125 - 55 ~ +125
Unit V V mA mA mA C C
ELECTRICAL CHARACTERISTICS (Ta = 25C) Parameter Symbol Min. Forward voltage VF - Reverse current IR - Capacitance between terminals CT - Reverse recovery time trr -
Typ. - - 0.72 -
Max. 1.2 0.1 3.0 4
Unit V A pF ns
Conditions I F=100mA VR=80V VR=0.5V , f=1MHz VR=6V , IF=10mA , RL=100
L1SS400T1-1/3
LESHAN RADIO COMPANY, LTD.
L1SS400T1
ELECTRICAL CHARACTERISTIC CURVES (Ta = 25C)
1 1m
FORWARD CURRENT : IF (A)
0.1m 100m
REVERSE CURRENT : IR (A)
10
10m
1
1m
100n
100
10n
10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
1n 0 20 40 60 80 100 120
FORWARD VOLTAGE : VF (V)
REVERSE VOLTAGE : VR (V)
Fig.1 Forward characteristics
CAPACITANCE BETWEEN TERMINALS : CT (pF)
10 3
Fig.2 Reverse characteristics
REVERSE RECOVERY TIME : trr (ns)
5
2
2
1
0.5
1
0.2
0.1 0 2 4 6 8 10 12 14
0 0 10 20 30
REVERSE VOLTAGE : VR (V)
FORWARD CURRENT : I F (mA)
Fig.3 Capacitance between terminals
100
Fig.4 Reverse recovery time characteristics
50
SURGE CURRENT : Isurge (A)
0.01F
20
D.U.T.
10
PULSE GENERATOR OUTPUT 50
5k 50
SAMPLING OSCILLOSCOPE
5
2
1 0.1 1 10 100 1000 10,000
Fig.6 Reverse recovery time (trr) measurement circuit
PULSE WIDTH : TW (ms)
Fig.5 Surge current characteristics
L1SS400T1-2/3
LESHAN RADIO COMPANY, LTD.
L1SS400T1
SC-79/SOD-523
A C HE
VM A
D
A
0
0.5 scale
1mm
Eb p
DIMENSIONS(mmaretheoriginaldimensions)
UNIT mm A 0.7 0.5 bp 0.35 0.25 c 0.2 0.1 D 1.3 1.1 E 0.9 0.7 HE 1.7 1.5 V 0.15
Note 1.Themarkingbarindicatesthecathode.
OUTLINE VERSION SOD523 REFERENCES IEC JEDEC EIAJ SC-79 EUROPEAN PROJECTION ISSUEDATE 98-11-25
L1SS400T1 -3/3


▲Up To Search▲   

 
Price & Availability of L1SS400T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X