|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
T-1 (3mm) SOLID STATE LAMPS L132XG GREEN L132XI HIGH EFFICIENCY RED L132XN PURE ORANGE L132XY YELLOW L132XPG PURE GREEN Features !HIGH !LOW Description The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Pure Orange source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Pure Orange Light Emitting Diode. The Pure Green source color devices are made with Gallium Phosphide Pure Green Light Emitting Diode. INTENSITY. POWER CONSUMPTION. T-1 DIAMETER PACKAGE. PURPOSE LEADS. AND RUGGED. ON TAPE AND REEL. !POPULAR !GENERAL !RELIABLE !LONG LIFE - SOLID STATE RELIABILITY. !AVAILABLE Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice. SPEC NO: CDA0699 APPROVED : J. Lu REV NO: V.1 CHECKED : DATE: NOV/11/2001 DRAWN: Z.W.Yan PAGE: 1 OF 5 Selection Guide Par t No . L132XID L132XIT L132XGD L132XGT L132XGC L132XYD L132XYT L132XYC L132XND L132XNT L132XNC L132XPGD L132XPGT L132XPGC PURE GREEN (GaP) PURE ORANGE (GaAsP/GaP) YELLOW (GaAsP/GaP) GREEN (GaP) Dic e HIGH EFFICIENCY RED (GaAsP/GaP) L en s Ty p e RED DIFFUSED RED TRANSPARENT GREEN DIFFUSED GREEN TRANSPARENT WATER CLEAR YELLOW DIFFUSED YELLOW TRANSPARENT WATER CLEAR ORANGE DIFFUSED ORANGE TRANSPARENT WATER CLEAR GREEN DIFFUSED GREEN TRANSPARENT WATER CLEAR Iv (m c d ) @ 10 m A Min . Ty p . 8 25 20 8 20 20 5 8 8 8 20 20 2 3 3 60 15 40 40 15 20 20 30 50 50 5 10 10 V i ew i n g An g l e 21/2 60 50 60 50 50 60 50 50 60 50 50 60 50 50 Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Electrical / Optical Characteristics at T)=25C Sy m b o l Par am et er D ev i c e High Efficiency Red Green Yellow Pure Orange Pure Green High Efficiency Red Green Yellow Pure Orange Pure Green Ty p . 627 565 590 607 555 625 568 588 610 555 45 30 35 35 30 15 15 20 15 45 2.0 2.2 2.1 2.05 2.25 2.5 2.5 2.5 2.5 2.5 10 Max . Un it s Tes t Co n d it io n s peak Peak Wavelength nm IF=20mA D Dominate Wavelength nm IF=20mA 1/2 High Efficiency Red Green Spectral Line Halfwidth Yellow Pure Orange Pure Green High Efficiency Red Green Yellow Pure Orange Pure Green High Efficiency Red Green Yellow Pure Orange Pure Green All nm IF=20mA C Capacitance pF VF=0V;f=1MHz VF Forward Voltage V IF=20mA IR Reverse Current uA V R = 5V SPEC NO: CDA0699 APPROVED : J. Lu REV NO: V.1 CHECKED : DATE: NOV/11/2001 DRAWN: Z.W.Yan PAGE: 2 OF 5 Absolute Maximum Ratings at T)=25C Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base. Hig h E f f i c i en c y R ed 105 30 160 5 Gr een 105 25 140 5 Yello w 105 30 140 5 Pu r e Or an g e 105 30 145 5 Pu r e Gr een 10 5 25 13 5 5 Un it s mW mA mA V -40C To +85C 260C For 5 Seconds High Efficiency Red L132XID,L132XIT SPEC NO: CDA0699 APPROVED : J. Lu REV NO: V.1 CHECKED : DATE: NOV/11/2001 DRAWN: Z.W.Yan PAGE: 3 OF 5 Green L132XGD,L132XGC,L132XGT Yellow L132XYD,L132XYC,L132XYT SPEC NO: CDA0699 APPROVED : J. Lu REV NO: V.1 CHECKED : DATE: NOV/11/2001 DRAWN: Z.W.Yan PAGE: 4 OF 5 Pure Orange L132XND,L132XNC,L132XNT Pure Green L132XPGD,L132XPGC,L132XPGT SPEC NO: CDA0699 APPROVED : J. Lu REV NO: V.1 CHECKED : DATE: NOV/11/2001 DRAWN: Z.W.Yan PAGE: 5 OF 5 |
Price & Availability of L132XY |