Part Number Hot Search : 
FA020471 200DSA1 2N2383 NDL5506P C2506 2SK15 ALVC16 2GPBF
Product Description
Full Text Search
 

To Download KV1847KV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KV1847K
VARIABLE CAPACITANCE DIODE FEATURES
s s s s s Very Small UFD Surface Mount Package Very Low Series Resistance Large Capacitance Ratio (A = 1.85 minimum) Excellent Linearity (CV Curve) Very Small Capacitance Deviation at Tape/Reel
APPLICATIONS
s s s s Voltage Controlled Oscillator Dual Band/Dual Mode Cellular Equipment PCS and GSM Equipment GPS Equipment
DESCRIPTION
The KV1847K is a variable capacitance diode designed for UHF applications. The KV1847K is available in a very small UFD Surface Mount Package.
CLASSIFICATION
RANK C MIN C1 MAX 1 4.10 4.47 2 4.32 4.98
(Unit: pF)
3 4.83 5.20
KV1847K
Note: Rank is determined after testing and marked on the reel. All the diodes on a reel have the same rank, but rank can not be specified when ordering.
ORDERING INFORMATION
KV1847K
Tape/Reel Code
TAPE/REEL CODE
TR: Tape Right
October 1999 TOKO, Inc.
Page 1
KV1847K
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ........................................................ 15V Forward Current ...................................................... 7 mA Power Dissipation ................................................ 25 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range ................... -55 to +85 C
ELECTRICAL CHARACTERISTICS
Test conditions: TA = 25 C
SYMBOL V REV IREV C1 C4 RS A PARAMETER Reverse Voltage Reverse Current Diode Capacitance 1 Diode Capacitance 4 Series Resistance Capacitance Ratio TEST CONDITIONS IREV = 1 A VREV = 10 V VREV = 1 V, f = 1 MHz VREV = 4 V, f = 1 MHz C = 3 pF, f = 470 MHz C1 / C4 1.85 4.1 1.9 4.65 2.23 0.35 MIN 10 5.00 5.2 2.56 0.40 TYP MAX UNITS V nA pF pF
Note 1: Diode Capacitance measured with HP 4279A or equivalent instruments (at OSC level 20 mVrms, 5 mVrms). Note 2: Series Resistance measured with HP 4191A or equivalent instruments.
Page 2
October 1999 TOKO, Inc.
KV1847K
TYPICAL PERFORMANCE CHARACTERISTICS
C (TA C)/C (25 C) vs. REVERSE VOLTAGE 1.06 f = 1 MHz
CAPACITANCE vs. REVERSE VOLTAGE 10 TA = 25 C f = 1 MHz
CAPACITANCE (pF)
SERIES RESISTANCE vs. REVERSE VOLTAGE 1.0 f = 470 MHz C (TA C)/C (25 C)
1.04 1.02 1.00 0.98 -55 C 0.96 55 C 25 C -15 C
TA = 85 C
1 0 2 VREV (V)
REVERSE CURRENT vs. REVERSE VOLTAGE 0.01
RS ()
4
6
0.1 0
2 VREV (V)
4
6
0.94 0
2 VREV (V)
4
6
QUALITY FACTOR vs. REVERSE VOLTAGE 1000 TA = 25 C f = 50 MHz 100 MHz 300 MHz
Q
SERIES RESISTANCE vs. FREQUENCY 1.00 VR = 2 V TA = 25 C
TA = 85 C
IREV (nA)
470 MHz
0.001 +55 C
100
0.0001 0
+25 C 2 4 6 8 10 VREV (V)
10 0 2 VREV (V) 4 6
RS ()
0.10 100 FREQUENCY (MHz)
1000
TEMPERATURE-COEFFICIENT vs. REVERSE VOLTAGE 1000 TA = -55 C to 85 C f = 1 MHz
C/ TA (ppm/ C)
100 0 2 VREV (V) 4 6
October 1999 TOKO, Inc.
Page 3
KV1847K
PACKAGE OUTLINE
Marking Information
Product Code V
UFD
1.7 Cathode Orientation Marking Marking 0.8
+ 0.1
0.8
0.6
1.2 1.6
+ 0.1
+ 0.1
0.3 + 0.05
Recommended Mount Pad
+ 0.1
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
0.11
+0.10 -0.05
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 4
(c) 1999 Toko, Inc. All Rights Reserved IC-xxx-KV1847K 0798O0.0K
0.6
October 1999 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of KV1847KV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X