Part Number Hot Search : 
51117 M81709FP KCC712V CY6214 07000 HD74LS G915T25B HD74LS
Product Description
Full Text Search
 

To Download KV1370NT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KV1370NT
VARIABLE CAPACITANCE DIODE FEATURES
s s s s Very Low Operating Voltage (1 to 4.5 V) Excellent Linearity (CV Curve) Large Capacitance Ratio (A = 5.00 minimum) Two Diodes in a 3 Lead Through-Hole Discrete Package (TO92-3) s Very Small Capacitance Deviation at Tape/Reel
APPLICATIONS
s FM Radio s Voltage Controlled Oscillator
DESCRIPTION
The KV1370NT variable capacitance diode was specially developed for use as tuning elements in car radios, radio cassettes, and other consumer radios. Single package construction includes an antenna and oscillating tuning element. A special process provides a very high capacitance ratio in low voltage operation. The KV1370NT is available in a TO92-3 package.
CLASSIFICATION
RANK C MIN C1 MAX 69.25 71.72 1 65.80 2 68.27
(Unit: pF)
KV1370NT
3 70.74 74.20
15 0
1
2
3
ORDERING INFORMATION
KV1370NT
Note: The KV1370NT is supplied on folded paper tape (25 pieces per fold), 1500 pcs per box.
July 1999 TOKO, Inc.
Page 1
KV1370NT
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ....................................................... 18 V Forward Current .................................................... 50 mA Power Dissipation .............................................. 100 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range ...................-55 to +85 C Lead Soldering Temperature (10 s) ...................... 235 C
ELECTRICAL CHARACTERISTICS
Test conditions: TA = 25 C
SYMBOL V REV IREV C1 C4.5 RS A
PARAMETER Reverse Voltage Reverse Current Diode Capacitance 1 Diode Capacitance 4.5 Series Resistance Capacitance Ratio
TEST CONDITIONS IREV = 10 A VREV = 10.0 V VREV = 1.0 V, f = 1 MHz VREV = 4.5 V, f = 1 MHz VREV = 1.5 V, f = 100 MHz C1 / C5
MIN 16
TYP
MAX
UNITS V
50 65.80 12.00 70.00 13.50 0.43 5.00 74.20 14.80 0.5
nA pF pF
Note 1: Diode Capacitance measured with HP 4279A or equivalent instruments (at OSC level 20 mVrms, 5 mVrms). Note 2: Series Resistance measured with HP 4191A or equivalent instruments.
Page 2
July 1999 TOKO, Inc.
KV1370NT
TYPICAL PERFORMANCE CHARACTERISTICS
CAPACITANCE vs. REVERSE VOLTAGE 1000 TA = 25 C f = 1 MHz
CAPACITANCE (pF)
REVERSE CURRENT vs. REVERSE VOLTAGE 10 n TA = 85 C
IREV (A)
1n
TA = 55 C
100
100 p
TA = 25 C
10 0 1 2 3 4 5 VREV (V)
10 p 0
2
4
6
8
10
12
14 16
VREV (V)
QUALITY FACTOR vs. REVERSE VOLTAGE 1000 TA = 25 C
SERIES RESISTANCE vs. FREQUENCY 0.7 VREV = 1.5 V TA = 25 C 0.5
f = 100 MHz 70 MHz Q 100
RS ()
100 MHz
10
0.3 0 1 2 3 4 5 50 100 f (MHz) 300 500 VREV (V) C (TA) C (25 C)
vs. REVERSE VOLTAGE
TEMPERATURE COEFFICIENT vs. REVERSE VOLTAGE 1000 TA = -55 C to +85 C f = 1 MHz
1.08 1.06 1.04
C (25 C)
TA = +85 C +55 C +25 C -15 C -55 C
f = 1 MHz
C / TA (ppm/ C)
1.02 1.00 0.98 0.96 0.94 0.92 0 1 2
C (TA)
300
3
4
5
100 0 1 2 3 4 5 VREV (V)
VREV (V)
July 1999 TOKO, Inc.
Page 3
KV1370NT
PACKAGE OUTLINE
R2.3
T092-3
3.6 4.6 Mark 1.3
Marking Information
Product Code 370
AAA YYY
Lot No. 4.6 16.0
0.5
0.46
0.15 0.5
3.0
0.5
0.25
M 1
e 2.5 2
e 2.5 3
0.46
0.15 0.5
(18.0
1.0 0.5
)
(9.0
0.5 )
Tape
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 4
(c) 1999 Toko, Inc. All Rights Reserved IC-xxx-KV1471E 0798O0.0K
July 1999 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of KV1370NT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X