Part Number Hot Search : 
GI7918A KU325N RL102GP SMDJ90A 34063 00022 V630M 74AHC1
Product Description
Full Text Search
 

To Download KTC3631D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
HIGH VOLTAGE SWITCHING. FEATURES
Low Collector Saturation Voltage : VCE(sat)=0.5V(Max.) at (IC=0.5A). High Switching Speed Typically.
Q
A C
KTC3631D/L
TRIPLE DIFFUSED NPN TRANSISTOR
I J
Complementary to KTA1862D. Wide Safe Operating Area (SOA)
H F 1 2 F 3
K
E
M
: tf
0.4 S at IC=1A.
P L
DIM A B C D E F H I J K L M O P Q
MILLIMETERS _ 6.60 + 0.2 _ 6.10 + 0.2 _ 5.0 + 0.2 _ 1.10 + 0.2 _ 2.70 + 0.2 _ 2.30 + 0.1 1.00 MAX _ 2.30 + 0.2 _ 0.5 + 0.1 _ 0.20 2.00 + _ 0.50 + 0.10 _ 0.91+ 0.10 _ 0.90 + 0.1 _ 1.00 + 0.10 0.95 MAX
B
D
1. BASE
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Range DC Pulse Ta=25 Tc=25
)
SYMBOL VCBO VCEO VEBO IC RATING 400 400 7 2.0 4.0 1.0 10 150 -55 150 UNIT V V V A
2. COLLECTOR 3. EMITTER
DPAK
A C
I J
D
O
PC Tj Tstg
W
H G
P
F
F
L
1
2
3
DIM A B C D E F G H I J K L P Q
MILLIMETERS _ 6.60 + 0.2 _ 6.10 + 0.2 _ 5.0 + 0.2 _ 0.2 1.10 + _ 9.50 + 0.6 _ 2.30 + 0.1 _ 0.76 + 0.1 1.0 MAX _ 2.30 + 0.2 _ 0.5 + 0.1 _ + 0.2 2.0 _ 0.50 + 0.1 _ 1.0 + 0.1 0.90 MAX
Q
K
1. BASE 2. COLLECTOR 3. EMITTER
E
B
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector Saturation Voltage Base Saturation Voltage Transition Frequency Collector Output Capacitance Turn-on Time Switching Time Storage Time Fall Time SYMBOL ICBO IEBO hFE(1) (Note) hFE(2) VCE(sat) VBE(sat) fT Cob ton tstg tf 180
IB1
IPAK
TEST CONDITION VCB=400V, IE=0 VEB=5.0V, IC=0 VCE=5.0V, IC=100mA VCE=5.0V, IC=500mA IC=500mA, IB=100mA IC=500mA, IB=100mA VCE=10V, IE=-100mA, f=5MHz VCB=10V, IE=0, f=1MHz
OUTPUT 20sec INPUT IB2 DUTY CYCLE < 1% = IB1=-I B2 =0.2A I B1 I B2 150
MIN. 56 6 -
TYP. 100 0.3 18 30 0.2 1.8 0.4
MAX. 1.0 1.0 180 0.5 1.2 -
UNIT A A
V V MHz pF
S
VCC =150V
Note : hFE(1) Classification O:56 120 , Y:82
2003. 3. 27
Revision No : 4
1/3
KTC3631D/L
I C - V CE
1.0 COLLECTOR CURRENT I C (A) 0.8 0.6 0.4 0.2 0 0 1.0 2.0 3.0 4.0 5.0
0 10
I
1.0 COLLECTOR CURRENT I C (A)
40mA
20mA
C
- V BE
Ta=25 C VCE =5.0V
mA
80m
A
A 60m
0.5 0.3 0.1 0.05 0.03 0.01 0.005 0.003 0 0.2 0.4 0.6 0.8 1.0
10mA
5.0mA
I B =2.0mA
1.2
1.4
1.6
COLLECTOR-EMITTER VOLTAGE VCE (V)
BASE-EMITTER VOLTAGE V BE (V)
h FE - I C
1k 300 DC CURRENT h FE 100 30 10 3.0 1.0 0.002
Ta=25 C VCE =5V
VCE(sat) , V BE(sat) - I C
10 SATURATION VOLTAGE VCE(sat) ,V BE(sat) (V) 3.0 1.0 0.3 0.1 0.03 0.01 0.002
) (sat
Ta=25 C
VBE(sat)
I C /I B =5
IC
) (sat
/I B
=10
IC /I B =5
V CE
V CE
0.01
0.03
0.1
0.3
1.0
2.0
0.01
0.03
0.1
0.3
1.0
2.0
COLLECTOR CURRENT I C (A)
COLLECTOR CURRENT I C (A)
SWITCHING CHARACTERISTIC
10 SWITCHING TIME (s) 5.0 3.0
t stg tf
REVERSE BIAS SAFE OPERATING AREA
2.5 COLLECTOR CURRENT I C (A)
L=10mH
I C /I B =5 V CB =150V I B1 =-I B2
2.0 1.5 1.0 0.5 0
VCEX(SUS) VCEO(SUS)
1.0 0.5 0.3
0.1 0.1 0.3 0.5 1 3 5 COLLECTOR CURRENT I C (A)
0
100
200
300
400
500
COLLECTOR EMITTER VOLTAGE VCE (V)
2003. 3. 27
Revision No : 4
2/3
KTC3631D/L
Pc - Ta
COLLECTOR DISSIPATION Pc (W) 12
2 Ta=25 C
SAFE OPERATING AREA
10
1 Tc=25 C I C MAX(PULSE) * I C MAX(DC)
10 * mS S * 0m 10
8 6 4 2 0 0 50 100 150 200
2
COLLECTOR CURRENT I C (A)
10
1
3 1
D
C
0.3 0.1 0.03 0.01 1
O
PE
RA
* SINGLE NONREPETITIVE PULSE Tc=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
= Tc
TI
25
O
N
C
AMBIENT TEMPERATURE Ta ( C)
3
10
30
100
300
1K
COLLECTOR-EMITTER VOLTAGE VCE (V)
2003. 3. 27
Revision No : 4
3/3


▲Up To Search▲   

 
Price & Availability of KTC3631D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X