Part Number Hot Search : 
CM1638 MPC82 P16N25E EA87FL33 N6631 HFS8N70S 100RJ 8030B
Product Description
Full Text Search
 

To Download KSA1281Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSA1281
KSA1281
Audio Power Amplifier
* Collector Power Dissipation : PC=1W * 3 Watt Output Application
1
TO-92L
1. Emitter 2. Collector 3. Base
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Ratings -50 -50 -5 -2 1 150 -55 ~ +150 Units V V V A W C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE1 hFE2 VBE (sat) VCE (sat) Cob fT Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Test Condition IC= -100, IE=0 IC= -10mA, IB=0 IE= -1mA, IC=0 VCB= -50V, IE=0 VEB= -5V, IC=0 VCE= -2V, IC= -500mA VCE= -2V, IC= -1.5A IC= -1A, IB= -0.05mA IC= -1A, IB= -0.05mA VCB= -10V, IE=0, f=1MHz VCE= -2V, IC= -500mA 40 100 70 40 Min. -50 -50 -5 -100 -100 240 -1.2 -0.5 V V pF MHz Typ. Max. Units V V V nA nA
hFE1 Classification
Classification hFE1 O 70 ~ 140 Y 120 ~ 240
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
KSA1281
Typical Characteristics
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
-1400
IB = -7mA
IC[mA], COLLECTOR CURRENT
-1200
IB = -6mA
-1000
-1
IB = -5mA
-800
IB = -4mA
-600
IC = 50IB Ta = 25 C
-0.1
o
IB = -3mA
-400
IB = -2mA
-200
IB = -1mA
0 -2 -4 -6 -8 -10 -12 -14 -16
0
-0.01 -1 -1
-10 -10
-100 -100
-1000
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. Base-Emitter Saturation Voltage
-1400
VCE(sat)[V], SATURATION VOLTAGE
VCE = -2V
-1200
-1
IC[mA], COLLECTOR CURRENT
-1000
-800
IC = 50IB Ta = 25 C
-0.1
o
-600
-400
-200
-0.01 -1 -1
-10 -10
-100 -100
-1000
0 0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
IC[mA], COLLECTOR CURRENT
VBE[V], BASE-EMITTER VOLTAGE
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
-10
1.4
IC(MAX)PLUS
1.2
IC[mA], COLLECTOR CURRENT
PD[W], POWER DISSIPATION
-100
IC(MAX)
-1
1.0
1ms 1s
Ta=25 C D.C. OPERATION
o
0.8
0.6
-0.1
0.4
VCEOMAX
-0.01 -0.1
0.2
-1
-10
0.0 0 25 50
o
75
100
125
150
175
VCE[V], COLLECTOR-EMITTER VOLTAGE
Ta[ C], AMBIENT TEMPERATURE
Figure 5. Safe Operating Area
Figure 6. Power Derating
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
KSA1281
Package Demensions
TO-92L
4.90 0.20
8.00 0.20
1.70 0.20
1.00 0.10
0.70MAX. 0.80 0.10 1.00MAX.
13.50 0.40
0.50 0.10 1.27TYP [1.27 0.20] 2.54 TYP 0.45 0.10
1.45 0.20
3.90 0.20
3.90 0.20
0.45 0.10
Dimensions in Millimeters
(c)2001 Fairchild Semiconductor Corporation Rev. A1, June 2001
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. STAR*POWERTM FAST(R) OPTOPLANARTM
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R) SMART STARTTM
StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R) VCXTM
STAR*POWER is used under license
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be which, (a) are intended for surgical implant into the body, reasonably expected to cause the failure of the life support or (b) support or sustain life, or (c) whose failure to perform device or system, or to affect its safety or effectiveness. when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H3


▲Up To Search▲   

 
Price & Availability of KSA1281Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X