Part Number Hot Search : 
2180Q1 18RXXX MUR460 MP690 MCP9801 100KR ST216001 STK6351
Product Description
Full Text Search
 

To Download KR-1100AAU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cell Type KR-1100AAU Specifications
Nominal Capacity Nominal Voltage
D d
H Dimensions of Bare Cell D d
49.5 0.3 1.949 0.012 13.8 0.2 0.543 0.008 7.0 0.276
mm inch mm inch mm inch
1100mAh 1.2V Standard 110mA Charging Current Quick 220mA Fast 1600mA Standard 14 to 16Hrs. Charging Time Quick 7 to 8Hrs. Fast about 1Hr. Standard 0C to +45C [+32F to 113F] Charge Quick 0C to +45C [+32F to 113F] Ambient Fast 0C to +45C [+32F to 113F] Temperature Discharge -20C to +60C [ -4F to 140F] Storage -30C to +50C [ -22F to 122F] 19.0m Internal Impedance (Av.) (at. 50% discharge) (at 1000Hz) Weight 24g/0.85oz Dimensions(D)x(H) (with tube) 14.3 0.56
0 -0.5 0 -0.02
H
x 50.3 x 1.98
0 -1 0 -0.04
mm inch
Typical Characteristics
Charge
Charge : 110mA 0C/32F Cell Voltage (V)
Discharge (at high rate)
Charge : 110mAx16Hrs. at 20C/68F
1.6
1.4
Cell Voltage (V)
1.5
1.2
20C/68F
1.4
45C/113F
1.0
1.3 0 2 4 6 8 10 12 14 16
0.8 0 10 20
(2 It)
30 40 50
(1 It)
60 70 80
Charge Time (Hrs.)
Discharge Time (Mins)
Charge
Temperature : 20C/68F 1.5 It 0.2 It 0.1 It
Discharge (at high rate)
Charge : 110mAx16Hrs. at 20C/68F
1.6
1.4
Cell Voltage (V)
1.5
Cell Voltage (V)
1.2
1.4
1.0
1.3 0 20 40 60 80 100 120 140 160
0.8 0 2 4
(8 It)
6 8 10 12
(4 It)
14 16
Charge Input (%)
Discharge Time (Mins)
Discharge (at low rate)
Charge : 110mAx16Hrs. at 20C/68F
Temperature (Charge & Discharge)
Available Capacity (%)
1.4
100 90 80 70 60 50 40
Cell Voltage (V)
1.2
1.0
Charge Characteristics Discharge Characteristics Condition Charge : 110mAx16Hrs. Discharge : 220mA (End Volt 1.0V)
0.8 0
(0.5 It)
2 4
(0.2 It)
6 8
(0.1 It)
10 12 14 16
-20 -4
-10 14
0 32
10 50
20 68
30 86
40 104
50 122
60C 140F
Discharge Time (Hrs.)
Operating Temperature
CD010830


▲Up To Search▲   

 
Price & Availability of KR-1100AAU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X