Part Number Hot Search : 
1753518 PFR852 2N6190 ADF4159 SMCJ12A KA2402D RF530N PJU664HF
Product Description
Full Text Search
 

To Download KPT-3216SRC-PRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2mm x 1.6mm SMD CHIP LED LAMP
KPT-3216SRC-PRV SUPER BRIGHT RED
Features
!3.2mmx1.6mm !LOW
Description
SMT LED, 0.75mm THICKNESS. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR. COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
!WIDE
!IDEAL
!VARIOUS !PACKAGE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAA4462 APPROVED: J.Lu
REV NO: V.3 CHECKED:Allen Liu
DATE: FEB/09/2003 DRAWN:S.J.HOU
PAGE: 1 OF 4
Selection Guide
Iv (m c d ) @ 20 m A Min . KPT-3216SRC-PRV SUPER BRIGHT RED (GaA|As ) WATER CLEAR 36 Ty p . 80 V i ew i n g An g l e 21/2 120
P ar t N o .
Dic e
L en s Ty p e
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l peak D 1/2 C P ar am et er Peak Wavelength D ev i c e Super Bright Red Ty p . 660 Max . Un its nm Tes t Co n d it io n s I F =20mA
Dominate Wavelength
Super Bright Red
640
nm
I F =20mA
Spectral Line Half-width
Super Bright Red
20
nm
I F =20mA
Capacitance
Super Bright Red
45
pF
V F =0V;f=1MHz
VF IR
Forward Voltage Reverse Current
Super Bright Red Super Bright Red
1.85
2.5 10
V uA
I F =20mA VR = 5V
Absolute Maximum Ratings at TA=25C
P ar am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
S u p er B r i g h t R ed 100 30 155 5 -40C To +85C -40C To +85C
Un its mW mA mA V
SPEC NO: DSAA4462 APPROVED: J.Lu
REV NO: V.3 CHECKED:Allen Liu
DATE: FEB/09/2003 DRAWN:S.J.HOU
PAGE: 2 OF 4
Super Bright Red
KPT-3216SRC-PRV
SPEC NO: DSAA4462 APPROVED: J.Lu
REV NO: V.3 CHECKED:Allen Liu
DATE: FEB/09/2003 DRAWN:S.J.HOU
PAGE: 3 OF 4
KPT-3216SRC-PRV SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAA4462 APPROVED: J.Lu
REV NO: V.3 CHECKED:Allen Liu
DATE: FEB/09/2003 DRAWN:S.J.HOU
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of KPT-3216SRC-PRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X