Part Number Hot Search : 
MC9S1 4DFT2 1N941 SRB1660C 22500 S0324 LM334S8 AD8560
Product Description
Full Text Search
 

To Download KPT-1608PBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6x0.8mm SMD CHIP LED LAMP
KPT-1608PBC BLUE
Features
!1.6mmx0.8mm SMT LED,0.75mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS COLORS AND LENS TYPES AVAILABLE. !PACKAGE
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode.
: 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: KDA0063 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: SEP/06/2001 DRAWN: S.H.Chen
PAGE: 1 OF4
Selection Guide
Iv (m c d ) @ 20 m A Min . KPT-1608PBC BLUE(InGaN ) WATER CLEAR 10 Ty p . 30 V i ew i n g An g l e 21/2 12 0
Par t No .
Dic e
L en s Ty p e
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Halfwidth Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue D ev i c e Ty p . 468 465 25 65 3.65 4.2 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA V R = 5V
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
B lu e 10 2 30 160 5 -20C To +80C -30C To +85C
Un it s mW mA mA V
SPEC NO: KDA0063 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: SEP/06/2001 DRAWN: S.H.Chen
PAGE: 2 OF4
Blue KPT-1608PBC
SPEC NO: KDA0063 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: SEP/06/2001 DRAWN: S.H.Chen
PAGE: 3 OF4
KPT-1608PBC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: KDA0063 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: SEP/06/2001 DRAWN: S.H.Chen
PAGE: 4 OF4


▲Up To Search▲   

 
Price & Availability of KPT-1608PBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X