Part Number Hot Search : 
LM7805 15KPA78A UT137FE YSS231 SUPER7 ST13001 CKICAAAA SI8415DB
Product Description
Full Text Search
 

To Download KPSA56-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT DISPLAY
KPSA56-101 HIGH EFFICIENCY RED
Features
!0.56 INCH !LOW
Description
DIGIT HEIGHT. CHARACTER APPEARANCE. RUGGED. The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
CURRENT OPERATION.
!EXCELLENT
!I.C. COMPATIBLE. !MECHANICALLY !GRAY
FACE,WHITE SEGMENT.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: DSAA9121 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: FEB/21/2002 DRAWN: J.X.FU
PAGE: 1 OF 5
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m c d ) @ 10 m A Min . KPSA56-101 HIGH EFFICIENCY RED (GaAsP/GaP) WHITE DIFFUSED 3 Ty p . 7.4 Common Anode,Rt. Hand Decimal D es c r i p t i o n
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength D ev i c e High Efficiency Red High Efficiency Red Ty p . 6 27 6 25 45 15 2.0 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA V R = 5V
Spectral Line Halfwidth High Efficiency Red Capacitance Forward Voltage Reverse Current High Efficiency Red High Efficiency Red High Efficiency Red
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
H i g h E f f i c i e n c y R ed 105 30 160 5 -40C To +85C
Un it s mW mA mA V
SPEC NO: DSAA9121 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: FEB/21/2002 DRAWN: J.X.FU
PAGE: 2 OF 5
High Efficiency Red KPSA56-101
SPEC NO: DSAA9121 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: FEB/21/2002 DRAWN: J.X.FU
PAGE: 3 OF 5
KPSA56-101 SMT Reflow Soldering Instruction
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
SPEC NO: DSAA9121 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: FEB/21/2002 DRAWN: J.X.FU
PAGE: 4 OF 5
Tape Specification (Units : mm)
SPEC NO: DSAA9121 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: FEB/21/2002 DRAWN: J.X.FU
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of KPSA56-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X