Part Number Hot Search : 
00WZ2 101KT C5806 H50N6 RFM84 39F1G 431AC APED3528
Product Description
Full Text Search
 

To Download KPK-3020YC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x2.0mm SMD CHIP LED LAMPS
KPK-3020EC HIGH EFFICIENCY RED
KPK-3020SGC SUPER BRIGHT GREEN KPK-3020YC YELLOW
Features
!3 .0mmx2.0mm !L OW !W IDE
Description
SMT LED, 1.3mm THICKNESS. The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR. COLORS AND LENS TYPE S : 2000PCS / REEL.
!I DEAL
! VARIOUS
AVAILABLE.
!PA CKAGE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: KDA0349 APPROVED:
REV NO: V.1 CHECKED:
DATE: SEP/19/2001 DRAWN:X.H. FU
PAGE: 1 OF 5
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . KPK-3020EC KPK-3020SGC KPK-3020YC HIGH EFFICIENCY RED(GaAsP/GaP) SUPER BRIGHT GREEN (GaP) YELLOW (GaAsP/GaP) WATER CLEAR WATER CLEAR WATER CLEAR 8 8 4 Ty p . 30 30 15 V i ew i n g An g l e 21/2 12 0 120 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak Par am et er Peak Wavelength D ev i c e High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow Ty p . 627 565 590 625 568 588 45 30 35 15 15 20 2.0 2.2 2.1 2.5 2.5 2.5 10 Max . Un it s nm Tes t Co n d it io n s IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
Spectral Line Halfwidth
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
H i g h E f f i c i e n c y r ed 105 30 160 5
Su p er B r ig h t Gr een 105 25 140 5 -40C To +85C -40C To +85C
Yello w 10 5 30 140 5
Un it s mW mA mA V
SPEC NO: KDA0349 APPROVED:
REV NO: V.1 CHECKED:
DATE: SEP/19/2001 DRAWN:X.H. FU
PAGE: 2 OF 5
High Efficiency Red KPK-3020EC
SPEC NO: KDA0349 APPROVED:
REV NO: V.1 CHECKED:
DATE: SEP/19/2001 DRAWN:X.H. FU
PAGE: 3 OF 5
Super Bright Green KPK-3020SGC
Yellow KPK-3020YC
SPEC NO: KDA0349 APPROVED:
REV NO: V.1 CHECKED:
DATE: SEP/19/2001 DRAWN:X.H. FU
PAGE: 4 OF 5
KPK-3020 SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: KDA0349 APPROVED:
REV NO: V.1 CHECKED:
DATE: SEP/19/2001 DRAWN:X.H. FU
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of KPK-3020YC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X