|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
High Reliability Photo Coupler UL 1577 (File No.E169586) KP4010 VDE 0884 / 0860 / 0805 (File No.101347) Features 1. High current transfer ratio (VCEO:300V MIN) (CTR:MIN.600% at IF=1mA, Vce=2V) 2. High isolation voltage between input and output (Viso:5000Vrms). 3. Compact dual-in-line package. 4. Available package : DIP/ SMD/ H. (For Package Dimension please refer to page 82 ) Outside Dimension : Unit (mm) Applications 1. System appliances, measuring instruments. 2. Industrial robots. 3. Copiers, automatic vending machines. 4. Signal transmission between circuits of different potentials and impedances. 5. Telephone sets. 6. Copiers, facsimiles. 7. Interface with various power supply circuits, power distribution boards. 8. Numerical control machines. 1. Anode 2. Cathode 3. Emitter 4. Collector TOLERANCE :+ 0.2mm Schematic : Top View Absolute Maximum Ratings Parameter Input Forward current Peak forward current Reverse voltage Power dissipation Output Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipation Total power dissipation Isolation voltage 1 minute Operating temperature Storage temperature Soldering temperature 10 second Symbol IF IFM VR PD VCEO VECO IC PC Ptot Viso Topr Tstg Tsol Rating 50 1 6 70 300 0.1 150 200 200 5000 -30 to +100 -55 to +125 260 Unit mA A V (Ta=25C) mW V V mA mW mW Vrms C C C Electro-optical Characteristics Parameter Input Forward voltage Peak forward voltage Reverse current Terminal capacitance Output Transfer characteristics Collector dark current Current transfer ratio Collector-emitter saturation voltage Isolation resistance Floating capacitance Cut-off frequency Respone time (Rise) Respone time (Fall) Symbol VF VFM IR Ct ICEO CTR VCE (sat) Riso Cf fc tr tf Conditions IF =20mA IFM =0.5A VR =4V V=0, f=1kHz VCE =200V, IF=0 IF =1mA,VCE=2V IF=20mA, IC=5mA DC500V V=0, f=1MHZ VCC=5V, IC=2mA, RL=100ohm VCE=2V, IC=20mA, RL=100ohm MIN. -- -- -- -- -- 600 -- 5X1010 -- -- -- -- TYP. 1.2 -- -- 30 -- -- -- -- 0.6 7 60 50 MAX. 1.4 3.5 10 -- 1.0 9000 1.5 -- 1.0 -- 300 250 (Ta=25C) Unit V V uA pF uA % V ohm pF kHz us us 46 c 2004 cosmo ELECTRONICS CORPORATION http://www.cosmo-ic.com KP4010 Classification table of current transfer ratio is shown below. Fig.1 Current Transfer Ratio vs. Forward Current Collector Power Dissipation Pc (mW) Forward Current IF (mA) Fig.2 Collector Power Dissipation vs. Ambient Temperature *SPECIAL OPTION Current transfer ratio CTR (%) Ambient Temperature Ta (C) Fig.3 Collector Dark Current vs. Ambient Temperature Fig.4 Forward Current vs. Ambient Temperature Fig.5 Forward Current vs. Forward Voltage Collector Dark Current Iceo (A) Forward Current IF (mA) Ambient Temperature Ta (C) Ambient Temperature Ta (C) Forward Current IF (mA) Forward Voltage VF (V) Fig.6 Collector Current vs. Collectoremitter Voltage Fig.7 Relative Current Transfer Ratio vs. Ambient Temperature Collector-emitter Saturation Voltage Vce (V) Ambient Temperature Ta (C) Fig.8 Collector-emitter Saturation Voltage vs. Forward Current Collector-emitter Voltage VCE (V) Relative Current Transfer Ratio (%) Collector Current Ic (mA) Forward Current IF (mA) Fig.9 Response Time vs. Load Resistance Response Rise Time (us) Load Resistance RL (K ohm) c 2004 cosmo ELECTRONICS CORPORA TION http://www.cosmo-ic.com 47 |
Price & Availability of KP4010 |