|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.2x1.6mm SMD CHIP LED LAMP KP-3216SURCK HYPER RED Features !3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS COLORS AND LENS TYPES AVAILABLE. !PACKAGE Description The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. : 2000PCS / REEL. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice. SPEC NO: KDA0113 APPROVED:J.Lu REV NO: V.1 CHECKED: DATE: SEP/07/2001 DRAWN: S. H. CHEN PAGE: 1 OF 4 Selection Guide Iv (m c d ) @ 20 m A Min . KP-3216SURCK HYPER RED( InGaAlP ) WATER CLEAR 50 Ty p . 150 V i ew i n g An g l e 21/2 12 0 Par t No . Dic e L en s Ty p e Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Electrical / Optical Characteristics at T)=25C Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Halfwidth Capacitance Forward Voltage Reverse Current D ev i c e Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Ty p . 640 6 30 28 35 1.95 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA V R = 5V Absolute Maximum Ratings at T)=25C P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. H y p e r R ed 170 30 185 5 -40C To +85C -40C To +85C Un it s mW mA mA V SPEC NO: KDA0113 APPROVED:J.Lu REV NO: V.1 CHECKED: DATE: SEP/07/2001 DRAWN: S. H. CHEN PAGE: 2 OF 4 Hyper Red KP-3216SURCK SPEC NO: KDA0113 APPROVED:J.Lu REV NO: V.1 CHECKED: DATE: SEP/07/2001 DRAWN: S. H. CHEN PAGE: 3 OF 4 KP-3216SURCK SMT Reflow Soldering Instructions Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process. Recommended Soldering Pattern (Units : mm) Tape Specifications (Units : mm) SPEC NO: KDA0113 APPROVED:J.Lu REV NO: V.1 CHECKED: DATE: SEP/07/2001 DRAWN: S. H. CHEN PAGE: 4 OF 4 |
Price & Availability of KP3216SURCK |