Part Number Hot Search : 
2A222 GS816 2SB762 810SE T3010 STV223 HT162 EPG6400
Product Description
Full Text Search
 

To Download KOI-6004A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IR Transceiver Module
KOI-6004A
Features
Compliant to IrDA 1.2 Low power Standard Wide Voltage Operation : 2.7 ~ 5.5V Compact Package Integrated Transmitter and Receiver (8.0L x 2.75W x 1.9T) Complete Power Down mode for the Current Consumption Shielded Package for Preventing EMI LED Stuck-high Protection
Dimensions
MOUNTING CENTER
(Unit : mm)
Lead-free & High reliability package
Receiver center
Emitter center
N ote 1. General tolerance : 0.2mm A u plate 2. 5 . P i n c o n fi g u r a ti o n
NC SD
Applications
Cellular Phone Personal Computer(Desk-top PC, Lap-top PC) Printers, Vending Machine, ATM Personal Digital Assistants.(PDA)
MOUNTING CENTER SHIELD SODER PAD
AGND GND RXD Vcc TXD LEDA
Block Diagram
TXD Vcc
Vcc SD
LED
Bias circuit with shutdown
RLED RXD
Tx Driver
PD
CX2
Stuck on protection
CX1
LED A
Vcc
GND
Rx Driver
Comparator
Peak Detector
Preamp
RLED 6.85%, 0.25 Watt, LED A=2.7V RLED 105%, 0.25 Watt, LED A=3.0V RLED 125%, 0.25 Watt, LED A=3.6V RLED 165%, 0.25 Watt, LED A=4.2V CX1 0.4720%, Ceramic : CX2 4.720%, Tantalum CX1, CX2 must be placed 7 of the KOI-6004A
1/2
IR Transceiver Module
KOI-6004A
Absolute Maximum Ratings
Parameter Supply Voltage LED Supply Voltage Operating Temperature Storage Temperature DC LED Transmit Current Peak LED Transmit Current Receiver Data Output Voltage Transmitter Data Input Voltage Data Rate Symbol Vcc VLED Topr. Tstg. ILED (DC) ILED (PK) VRXD VTXD BR Conditions <90 pulse width, <20% duty cycle Min. 0 0 -20 -40 -0.5 -0.5 9.6 Max. 6.5 6.0 85 100 50 200 VCC+0.5 VCC+0.5 115.2
mA mA V V kbit/s [Ta = 25 ]
Unit
V V
Electro-Optical Characteristics
Parameter Supply Current Transmitter Wakeup Time Viewing Angle Transmitter Data Output Pulse Width Rise Time Fall Time Peak Emission Wavelength Spectral Bandwidth Viewing Angle Peak Sensitivity Wavelength High Level Output Voltage Low Level Ouput Voltage Receiver Rx SIR Pulse Width Rise Time Fall Time Communication Distance Receiver Latency Time Receiver Wakeup Time 2
1/2
[Ta=25 , VCC=3.3V]
Symbol Icc1 Icc2 Ttw 2 tr tf p
1/2
Conditions Shutdown Idle tpw(RxD)=1.63 at 115.2kbit/s
Min. 30 1.6 30 VCC-0.2 1 20 -
Typ. 100 30 1.7 20 20 875 45 880 2.2 80 40 100 100 150
Max. 1 200 200 60 1.9 600 600 0.4 4 600 600 150 200
Unit
deg.
Tstpw
BR=115.2kbit/s IOH=-20 IOL=1mA tpw(RxD)=1.63 at 115.2kbit/s
ns ns nm nm deg. nm V V
p VOH VOL Tsrpw tr tf D TL Trw
ns ns cm
BR=115.2kbit/s
2/2


▲Up To Search▲   

 
Price & Availability of KOI-6004A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X