Part Number Hot Search : 
16250 103M3 RF600D 100EL1 TA8251AH HSB124 SK372 M41ST
Product Description
Full Text Search
 

To Download KOI-6001B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IR Transceiver Module
KOI-6001B
Features
Compliant to IrDA 1.4 Low Power Standard Wide Voltage Operation : 2.7 ~ 5.5V Compact Package Integrated Transmitter and Receiver (8.0L x 2.75W x 2.5T) Complete Power Down Mode for the Current Consumption. No LED bias resistor needed Shielded Package for Preventing EMI LED Stuck-high Protection
Mounting center
Dimensions
(Unit : mm)
Lead-free & High reliability package
GND I/O Vcc Vcc GND SD RXD TXD VLED
Applications Cellular Phone Personal Computer(Desk-top PC, Lap-top PC) Printers, Vending Machine, ATM Personal Digital Assistants.(PDA)
Mounting center
Block Diagram
TXD Vcc
IO Vcc SD
LED
Master Bias & shutdown
Vcc
Tx Driver
RLED RXD
PD
CX2
Stuck on protection
CX1
LED A
GND
Rx Driver
Comparator
Preamp
RLED 4.75%, 0.25 Watt, Vcc=2.7~4.2V CX1 0.4720%, Ceramic CX2 4.720%, Tantalum CX1, CX2 must be placed 7 of the KOI-6001B
1/2
IR Transceiver Module
KOI-6001B
Absolute Maximum Ratings
Parameter Supply Voltage LED Supply Voltage Operating Temperature Storage Temperature DC LED Transmit Current Peak LED Transmit Current Receiver Data Output Voltage Transmitter Data Input Voltage Data Rate Symbol Vcc VLED Topr. Tstg. ILED (DC) ILED (PK) VRXD VTXD BR Conditions <90 pulse width, <20% duty cycle Min. 0 0 -20 -40 -0.5 -0.5 9.6 Max. 6.5 6.0 85 100 50 200 VCC+0.5 VCC+0.5 115.2
[Ta = 25
]
Unit
V V
mA mA V V kbit/s
4. Electro-Optical Characteristics Parameter
Supply Current Icc2 Transmitter Wakeup Time Viewing Angle Ttw 2
1/2
[Ta=25
, VCC=3.3V]
Symbol
Icc1
Conditions
Shutdown Idle
Min.
-
Typ.
100 20 1.7 50 50 875 45 880 1.2 50 50 60 40 60
Max.
1 200 50 60 1.9 600 600 0.4 4 600 600 80 120
Unit
tpw(RxD)=1.63 at 115.2kbit/s
30 1.6 -
deg.
Transmitter
Data Output Pulse Width Rise Time Fall Time Peak Emission Wavelength Spectral Bandwidth Viewing Angle Peak Sensitivity Wavelength High Level Output Voltage Low Level Ouput Voltage
Tstpw tr tf p
BR=115.2kbit/s
ns ns nm nm deg. nm V V
-
30 VCC-0.2 at 1 20 -
2
1/2
IOH=-20 IOL=1mA tpw(RxD)=1.63 115.2kbit/s BR=115.2kbit/s
p VOH VOL Tsrpw tr tf D TL Trw
Receiver
Rx SIR Pulse Width Rise Time Fall Time Communication Distance Receiver Latency Time Receiver Wakeup Time
ns ns cm
2/2


▲Up To Search▲   

 
Price & Availability of KOI-6001B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X