Part Number Hot Search : 
PSS0095 D78002 330M3 HC165 LT1192M SN54LS47 MAX31 JWM11BA
Product Description
Full Text Search
 

To Download KOD-1016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photo diode IC
KOD-1016
Features
Full CMOS Seven Channel, Integrated High Speed Photo Diodes and Current to Voltage Transimpedance Amplifiers Four High Speed Data Channels (A,B,C,D, 40MHz Min) Two Low Speed Tracking Channels (E, F, 1MHz Min) High PD Sensitivity Optimized for DVD Applications with Red Laser Diode ( = 650 ) and for CD Applications ) with IR Laser Diodes ( = 780
DIMENSIONS
(Unit :
)
Applications
Optical Pick-up for DVD Player DVD-ROM / CD-ROM Pick-up
Absolute Maximum Ratings
Description Power Supply Voltage Output Voltage Storage Temperature Symbol Vcc Vo Tstg Ratings 4.75 ~ 5.25 V Vcc + 0.3 V - 40 ~ + 85
[Ta = 25 Condition ( Note 1 ) VA~VD VE1~VF2
]
Note 1 : Dark condition. There is no incident light on the photodiodes.
Electro-Optical Characteristics
Parameter Output Offset Voltage Output Offset Voltage Difference Symbol Voff Voff Characteristics 25mV 15mV 20mV 15mV MIN 19.8 mV/ Sensitivity Vo MIN 34.3 mV/ MIN 18.0 mV/ MIN 31.2 mV/ Cutoff Frequency Maximum Output Voltage Output Noise Level Operating Temperature Range fc Vomax Vn Topr MIN 40 MHz MIN 1 MHz MIN 3.8V TYP -81dBm -10 ~+70
[Ta = 25 Condition VA~VD VE1~VF2 Va/A~Vd/D VE~VF =780nm,VA ~ VD =780nm,VE~VF =650nm,VA ~ VD =650nm,VE~VF Po = 10 Po = 10 Po = 100 , -3dB (A~D) , -3dB (E~F) , = 780
]
f=20MHz, BW=30KHz, VA~VD -
1/2
Photo diode IC
KOD-1016
Block Diagram
Test Measurement Circuit Diagram
V 1 VA 2 1 VR 3 VB 4 V 5 6 10 VC 9 VS 8 GND 0.1 0.1 2.5 5.0 VF
7
VE
The external loading on all outputs is 10 /20 . The RF output has 1 capacitor incorporated to removed the DC current.
Detecting Pattern of Photo Diode
F
C D
B A
E
Unit:
2/2


▲Up To Search▲   

 
Price & Availability of KOD-1016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X