Part Number Hot Search : 
MKP9V160 224001 OMT603 CS439 KE180 OBC1527A V7043 LTC1483I
Product Description
Full Text Search
 

To Download KMM372V3280BS1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DRAM MODULE
ABSOLUTE MAXIMUM RATINGS *
Item Voltage on any pin relative VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol VIN, VOUT VCC Tstg PD IOS
KMM372V320(8)0BS1
Rating -0.5 to +4.6 -0.5 to +4.6 -55 to +125 36 50 Unit V V C W mA
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to V SS, TA = 0 to 70C)
Item Supply Voltage Ground Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min 3.0 0 2.0 -0.3*2 Typ 3.3 0 Max 3.6 0 VCC+0.3*1 0.8 Unit V V V V
*1 : VCC+1.3V at pulse width15ns, which is measured at VCC. *2 : -1.3V at pulse width15ns, which is measured at VSS.
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
Symbol ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 II(L) IO(L) VOH VOL Speed -5 -6 Dont care -5 -6 -5 -6 Dont care -5 -6 Dont care Dont care KMM372V3200BS1 Min
-
KMM372V3280BS1 Min -10 -10 2.4 Max 1720 1540 100 1720 1540 1180 1000 30 1720 1540 10 10 0.4
Max 2260 2080 100 2260 2080 1360 1180 30 2260 2080 10 10 0.4
Unit mA mA mA mA mA mA mA mA mA mA uA uA V V
-10 -10 2.4 -
ICC1* : Operating Current * (RAS, CAS, Address cycling @tRC=min) ICC2 : Standby Current (RAS=CAS=W=VIH) ICC3* : RAS Only Refresh Current * (CAS=VIH, RAS cycling @tRC=min) ICC4* : Fast Page Mode Current * (RAS=VIL, CAS cycling : tPC=min) ICC5 : Standby Current (RAS=CAS=W=Vcc-0.2V) ICC6* : CAS-Before-RAS Refresh Current * (RAS and CAS cycling @tRC=min) I(IL) : Input Leakage Current (Any input 0VINVcc+0.3V, all other pins not under test=0 V) I(OL) : Output Leakage Current(Data Out is disabled, 0VVOUTVcc) VOH : Output High Voltage Level (IOH = -2mA) VOL : Output Low Voltage Level (IOL = 2mA) * NOTE : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open. ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one Fast page mode cycle time, tPC.
DRAM MODULE
CAPACITANCE (TA = 25C, f = 1MHz)
Item Input capacitance[A0, B0, A1 - A12] Input capacitance[W0, W2, OE0, OE2] Input capacitance[RAS0 - RAS3] Input capacitance[CAS0, 1, 4, 5] Input/Output capacitance[DQ0 - 71] Symbol CIN1 CIN2 CIN3 CIN4 CDQ Min
-
KMM372V320(8)0BS1
Max 20 20 73 20 24 Unit pF pF pF pF pF
AC CHARACTERISTICS (0CTA70C, VCC=3.3V0.3V. See notes 1,2.)
Test condition : Vih/Vil=2.2/0.7V, Voh/Vol=2.0/0.8V, output loading CL=100pF Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay Transition time(rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold referencde to CAS Read command hold referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data in set-up time Data in hold time Refresh period(4K & 8K) Write command set-up time CAS to W delay time Column address to W delay time CAS prechange to W delay time RAS ro W delay time Symbol -5 Min 90 133 50 18 30 5 5 1 30 50 18 48 13 18 13 10 5 8 0 10 30 0 0 -2 10 10 20 13 -2 15 64 0 36 48 53 71 0 40 55 60 83 10K 32 20 10K 18 50 5 5 1 40 60 20 58 15 18 13 10 5 8 0 10 35 0 0 -2 10 10 20 15 -2 15 64 10K 40 25 10K 20 50 Max Min 110 155 60 20 35 -6 Max Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns ns ns ns 7 7 7 7 7,11 9,11 9,11 11 8 8,11 11 4,11 10,11 11 11 11 11 11 3,4,10 3,4,5,11 3,10,11 3,11 6,11 2 Note
tRC tRWC tRAC tCAC tAA tCLZ tOFF tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCH tWP tRWL tCWL tDS tDH tREF tWCS tCWD tAWD tCPWD tRWD
DRAM MODULE
AC CHARACTERISTICS (0CTA70C, VCC=3.3V0.3V. See notes 1,2.)
Parameter CAS setup time(CAS-before-RAS refresh) CAS hold time(CAS-before-RAS refresh) RAS to CAS precharge time Access time from CAS precharge Fast page mode cycle time Fast page mode read-modify-write cycle time CAS precharge time(Fast page cycle) RAS pulse width(Fast page cycle) RAS hold time from CAS precharge W to RAS precharge time(C-B-R refresh) W to RAS hold time(C-B-R refresh) OE access time OE to data delay Output buffer turn off delay time from OE OE command hold time Present Detect Read Cycle PDE to Valid PD bit PDE to PD bit Inactive Symbol -5 Min 10 8 3 35 35 76 10 50 35 15 8 18 18 5 13 18 200K Max
KMM372V320(8)0BS1
-6 Min 10 8 3 40 40 85 10 60 40 15 8 20 20 5 15 20 200K Max
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Note 11 11 11 3,11
tCSR tCHR tRPC tCPA tPC tPRWC tCP tRASP tRHCP tWRP tWRH tOEA tOED tOEZ tOEH
11 11 11 11 11 11
tPD tPDOFF
10 2 7 2
10 7
ns ns
NOTES
1. An initial pause of 200us is required after power-up followed by any 8 RAS-only or CAS-before-RAS refresh cycles before proper device operation is achieved. 2. Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 1 TTL loads and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes tha tRCDtRCD(max). 6. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to VOH or VOL. 7. tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameter. They are included in the data sheet as electrical characteristics only. If tWCStWCS(min) the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle. If tRWDtRWD(min), tCWDtCWD(min), tAWDtAWD(min) and tCPWDtCPWD(min). The cycle is a read-modify-write cycle and the data out will contain data read from the selected cell. If neither of the above sets of conditions is satisfied, the condition of data out(at access time) is indeterminate. 8. Either tRCH or tRRH must be satisfied for a read cycle. 9. These parameters are referenced to the CAS leading edge in early write cycles. 10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as reference point only. If tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA. 11. The timing skew from the DRAM to the DIMM resulted from the addition of buffers.
DRAM MODULE
READ CYCLE
KMM372V320(8)0BS1
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tRCS
W VIH VIL -
tRCH tRRH tOFF tAA tOEZ tOEA tCAC
OE
VIH VIL -
DQ
VOH VOL -
tRAC OPEN
tCLZ
DATA-OUT
Dont care Undefined
DRAM MODULE
WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
KMM372V320(8)0BS1
tRAS
RAS VIH VIL -
tRC tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tCWL tRWL tWCS
W VIH VIL -
tWCH tWP
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
DRAM MODULE
WRITE CYCLE ( OE CONTROLLED WRITE )
NOTE : DOUT = OPEN
KMM372V320(8)0BS1
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD tRAD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tCWL tRWL
W VIH VIL -
tWP
OE
VIH VIL -
tOED tDS
tOEH tDH
DATA-IN
DQ
VIH VIL -
Dont care Undefined
DRAM MODULE
READ - MODIFY - WRTIE CYCLE
KMM372V320(8)0BS1
tRWC tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tRCD tRAD tRAH
tRSH tCAS tCAH tCSH
tASR
VIH VIL -
tASC
COLUMN ADDRESS
A
ROW ADDR
tAWD tCWD
W VIH VIL -
tRWL tCWL tWP
OE
VIH VIL -
tRWD tOEA tCLZ tCAC tAA tOED tOEZ
VALID DATA-OUT
tDS
tDH
DQ
VI/OH VI/OL -
tRAC
VALID DATA-IN
Dont care Undefined
DRAM MODULE
FAST PAGE READ CYCLE
NOTE : DOUT = OPEN
KMM372V320(8)0BS1
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tPC tRCD tCAS tRAD tASC tCSH tCAH
COLUMN ADDRESS
tCP tCAS
o
tCP
tRSH tCAS
tASR
A VIH VIL ROW ADDR
tRAH
tASC
tCAH
o o
tASC
tCAH
COLUMN ADDRESS
COLUMN ADDRESS
tRRH tRCS
W VIH VIL -
tRCH
tRCS
o
tRCS
tRCH
tCAC tOEA
OE VIH VIL -
tCAC tOEA
o o
tCAC tOEA
tAA tRAC tCLZ tOEZ
VALID DATA-OUT
tAA tOFF tCLZ
tOEZ
VALID DATA-OUT
tAA tOFF tCLZ
VALID DATA-OUT
tOFF tOEZ
DQ
VOH VOL -
Dont care Undefined
DRAM MODULE
FAST PAGE WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
KMM372V320(8)0BS1
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tPC tRCD tCAS tRAD tASC tCP
tPC tCP tCAS
o
tRSH tCAS
tASR
A VIH VIL -
tRAH
tCSH tCAH
COLUMN ADDRESS
tASC
tCAH
o o
tASC
tCAH
ROW ADDR
COLUMN ADDRESS
COLUMN ADDRESS
tWCS
W VIH VIL -
tWCH tWP tCWL
tWCS tWP
tWCH
o
tWCS
tWCH tWP tCWL tRWL
tCWL
o o
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
tDS
tDH
o
tDS
tDH
VALID DATA-IN
VALID DATA-IN
o
VALID DATA-IN
Dont care Undefined
DRAM MODULE
FAST PAGE READ - MODIFY - WRITE CYCLE
KMM372V320(8)0BS1
tRASP
RAS VIH VIL -
tRP
tCSH tRCD tRSH tCP tCAS tRAD tRAH tASR tASC
COL. ADDR
tCRP tCAS tPRWC
CAS
VIH VIL -
tCAH
tRAL tASC
COL. ADDR
tCAH
A
VIH VIL -
ROW ADDR
tRCS
W VIH VIL -
tRWL tCWL tWP tCWD tAWD tRWD tOEA tOED tCAC tAA tOEZ tDH tDS tCWD tAWD tCPWD tOEA tCAC tAA tOEZ tOED tDH tDS tCWL tWP
OE
VIH VIL -
tRAC
DQ VI/OH VI/OL -
tCLZ
VALID DATA-OUT
tCLZ
VALID DATA-IN VALID DATA-OUT VALID DATA-IN
Dont care Undefined
DRAM MODULE
RAS - ONLY REFRESH CYCLE
NOTE : W, OE, DIN = Dont care DOUT = OPEN tRC
KMM372V320(8)0BS1
tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tRPC
tCRP
tASR
A VIH VIL ROW ADDR
tRAH
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE, A = Dont care tRC tRP
RAS VIH VIL -
tRAS
tRP
tRPC tCP tRPC tCSR tWRP tWRH tCHR
CAS
VIH VIL -
W
VIH VIL -
tOFF
DQ VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
HIDDEN REFRESH CYCLE ( READ )
KMM372V320(8)0BS1
tRC tRAS
RAS VIH VIL -
tRC tRP tRAS tRP
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tWRH tRCS
W VIH VIL -
tRRH
tWRP
tAA
OE VIH VIL -
tOEA tCAC tRAC tCLZ tOEZ
DATA-OUT
tOFF
DQ
VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
HIDDEN REFRESH CYCLE ( WRITE )
NOTE : DOUT = OPEN
KMM372V320(8)0BS1
tRC
RAS VIH VIL -
tRC tRP tRAS tRP
tRAS
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR tRAH tASC tCAH
COLUMN ADDRESS
A
VIH VIL -
ROW ADDRESS
tWRH tWRP
W VIH VIL -
tWCS tWP
tWCH
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
DRAM MODULE
CAS-BEFORE-RAS REFRESH COUNTER TEST CYCLE
KMM372V320(8)0BS1
tRP
RAS VIH VIL VIH VIL -
tRAS tCPT tCHR tRSH tCAS tRAL tASC tCAH
tCSR
CAS
A
VIH VIL -
COLUMN ADDRESS
READ CYCLE
W VIH VIL VIH VIL VOH VOL -
tWRP
tWRH
tAA tRCS tCAC
tRRH tRCH
OE
tCLZ
tOEA
tOEZ
DATA-OUT
tOFF
DQ
WRITE CYCLE
W VIH VIL VIH VIL -
tWRP
tWRH tWCS
tRWL tCWL tWCH tWP
OE
tDS
DQ VIH VIL -
tDH
DATA-IN
READ-MODIFY-WRITE
tWRP
W VIH VIL -
tWRH
tRCS
tAWD tCWD tCAC tWP
tCWL tRWL
tAA tOEA
OE VIH VIL -
tOED tCLZ tOEZ tDS
tDH
DQ
VI/OH VI/OL VALID DATA-OUT VALID DATA-IN
Dont care NOTE : This timing diagram is applied to all devices besides 16M DRAM 4th & 64M DRAM. Undefined
DRAM MODULE
CAS - BEFORE - RAS SELF REFRESH CYCLE
NOTE : OE, A = Dont care
KMM372V320(8)0BS1
tRP
RAS VIH VIL -
tRASS
tRPS tRPC tCHS
tRPC tCP
CAS
VIH VIL -
tCSR
tOFF
DQ VOH VOL -
OPEN tWRP tWRH
W
VIH VIL -
TEST MODE IN CYCLE
NOTE : OE, A = Dont care
tRC tRP
RAS VIH VIL -
tRAS
tRP
tRPC tCP tRPC tCSR tWTS tWTH tCHR
CAS
VIH VIL -
W
VIH VIL -
tOFF
DQ VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
PACKAGE DIMENSIONS
KMM372V320(8)0BS1
Units : Inches (millimeters)
5.250 (133.350) 0.118 (3.000) 5.014 (127.350)
0.054 (1.372)
R 0.079 (R 2.000) 0.1570.004 (4.0000.100)
(53.34)
2.100
0.118 (3.000)
.118DIA.004 (3.000DIA.100) 0.350 (8.890)
0.250 (6.350) .450 (11.430) 1.450 (36.830) 4.550 (115.57)
0.250 (6.350) 2.150 (54.61)
( Front view )
0.150Max (3.81Max) 0.165 Min (4.19 Min)
0.100Min (2.540Min)
A
B
C
0.700 (17.780)
( Back view )
0.0500.0039 (1.2700.10)
0.250 (6.350)
0.250 (6.350)
(2.540 Min)
0.100 Min
0.039.002 (1.000.050)
0.1230.0050 (3.125.125)
0.1230.0050 (3.125.125)
0.01Max (0.25 Max) 0.050 (1.270)
0.079.0040 (2.000.100)
0.079.0040 (2.000.100)
Detail A
Detail B
Detail C
Tolerances : .005(.13) unless otherwise specified The used device is 16Mx4 DRAM with Fast Page mode, TSOP II DRAM Part No. : KMM372V3200BS1 - KM44V16100BS. KMM372V3280BS1 - KM44V16000BS.


▲Up To Search▲   

 
Price & Availability of KMM372V3280BS1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X