Part Number Hot Search : 
S100A 2405D D64F26 CXA15 ST3222C RL205 DP35A P8483
Product Description
Full Text Search
 

To Download KM416V4100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KM416V4000C, KM416V4100C
CMOS DRAM
4M x 16bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
This is a family of 4,194,304 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory cells within the same row. Refresh cycle(4K Ref. or 8K Ref.), access time (-45, -5 or -6), power consumption(Normal or Low power) are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. This 4Mx16 Fast Page Mode DRAM family is fabricated using Samsungs advanced CMOS process to realize high band-width, low power consumption and high reliability.
FEATURES
* Part Identification - KM416V4000C/C-L(3.3V, 8K Ref.) - KM416V4100C/C-L(3.3V, 4K Ref.) * Active Power Dissipation Unit : mW Speed -45 -5 -6 8K 324 288 252 4K 468 432 396
* Fast Page Mode operation * 2CAS Byte/Word Read/Write operation * CAS-before-RAS refresh capability * RAS-only and Hidden refresh capability * Self-refresh capability (L-ver only) * Fast parallel test mode capability * LVTTL(3.3V) compatible inputs and outputs * Early Write or output enable controlled write * JEDEC Standard pinout * Available in Plastic TSOP(II) packages * +3.3V0.3V power supply
* Refresh Cycles Part NO. KM416V4000C* KM416V4100C Refresh cycle 8K 4K Refresh time Normal 64ms L-ver 128ms
RAS UCAS LCAS W Control Clocks Vcc Vss Lower Data in Buffer Sense Amps & I/O Lower Data out Buffer Upper Data in Buffer Upper Data out Buffer
FUNCTIONAL BLOCK DIAGRAM
VBB Generator
* Access mode & RAS only refresh mode : 8K cycle/64ms(Normal), 8K cycle/128ms(L-ver.) CAS-before-RAS & Hidden refresh mode : 4K cycle/64ms(Normal), 4K cycle/128ms(L-ver.)
Refresh Timer Refresh Control Refresh Counter
Row Decoder
DQ0 to DQ7
* Performance Range Speed -45 -5 -6
Memory Array 4,194,304 x 16 Cells
OE DQ8 to DQ15
tRAC
45ns 50ns 60ns
tCAC
12ns 13ns 15ns
tRC
80ns 90ns 110ns
tPC
31ns 35ns 40ns
A0~A12 (A0~A11)*1 A0~A8 (A0~A9)*1
Row Address Buffer Col. Address Buffer Column Decoder
Note) *1 : 4K Refresh
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
KM416V4000C, KM416V4100C
CMOS DRAM
PIN CONFIGURATION (Top Views)
*KM416V40(1)00CS
VCC DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 N.C VCC W RAS N.C N.C N.C N.C A0 A1 A2 A3 A4 A5 VCC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
VSS DQ15 DQ14 DQ13 DQ12 VSS DQ11 DQ10 DQ9 DQ8 N.C VSS LCAS UCAS OE N.C N.C A12(N.C)* A11 A10 A9 A8 A7 A6 VSS
(400mil TSOP(II)) *(N.C) : N.C for 4K Refresh Product
Pin Name A0 - A12 A0 - A11 DQ0 - 15 VSS RAS UCAS LCAS W OE VCC N.C
Pin function Address Inputs(8K Product) Address Inputs(4K Product) Data In/Out Ground Row Address Strobe Upper Column Address Strobe Lower Column Address Strobe Read/Write Input Data Output Enable Power(+3.3V) No Connection
KM416V4000C, KM416V4100C
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol VIN,VOUT VCC Tstg PD IOS Address Rating -0.5 to +4.6 -0.5 to +4.6 -55 to +150 1 50
CMOS DRAM
Units V V C W mA
* Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to Vss, T A= 0 to 70C)
Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min 3.0 0 2.0 -0.3
*2
Typ 3.3 0 -
Max 3.6 0 VCC+0.3*1 0.8
Units V V V V
*1 : VCC+1.3V at pulse width 15ns which is measured at VCC *2 : -1.3 at pulse width 15ns which is measured at VSS
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted.)
Parameter Input Leakage Current (Any input 0VINVCC+0.3V, all other pins not under test=0 Volt) Output Leakage Current (Data out is disabled, 0VVOUTVCC) Output High Voltage Level(IOH=-2mA) Output Low Voltage Level(IOL=2mA) Symbol II(L) IO(L) VOH VOL Min -5 -5 2.4 Max 5 5 0.4 Units uA uA V V
KM416V4000C, KM416V4100C
DC AND OPERATING CHARACTERISTICS (Continued)
Symbol Power Speed -45 -5 -6 Dont care -45 -5 -6 -45 -5 -6 Dont care -45 -5 -6 Dont care Dont care Max KM416V4000C 90 80 70 1 1 90 80 70 70 60 50 0.5 200 130 120 110 350 350 KM416V4100C 130 120 110 1 1 130 120 110 70 60 50 0.5 200 130 120 110 350 350
CMOS DRAM
Units mA mA mA mA mA mA mA mA mA mA mA mA uA mA mA mA uA uA
ICC1
Dont care Normal L Dont care
ICC2
ICC3
ICC4
Dont care
ICC5
Normal L Dont care L L
ICC6 ICC7 ICCS
ICC1* : Operating Current (RAS and UCAS, LCAS, Address cycling @tRC=min.) ICC2 : Standby Current (RAS=UCAS=LCAS=W=VIH) ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS, Address cycling @tRC=min.) ICC4* : Fast Page Mode Current (RAS=VIL, UCAS or LCAS, Address cycling @tPC=min.) ICC5 : Standby Current (RAS=UCAS=LCAS=W=VCC-0.2V) ICC6* : CAS-Before-RAS Refresh Current (RAS and UCAS or LCAS cycling @tRC=min) ICC7 : Battery back-up current, Average power supply current, Battery back-up mode Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, UCAS, LCAS=CAS-before-RAS cycling or 0.2V, W, OE=VIH, Address=Dont care, DQ=Open, TRC=31.25us ICCS : Self Refresh Current RAS=UCAS=LCAS=0.2V, W=OE=A0 ~ A12(A11)=VCC-0.2V or 0.2V, DQ0 ~ DQ15=VCC-0.2V, 0.2V or Open
*Note :
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open. ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one fast page mode cycle time, tPC.
KM416V4000C, KM416V4100C
CAPACITANCE (TA=25C, VCC=3.3V, f=1MHz)
Parameter Input capacitance [A0 ~ A12] Input capacitance [RAS, UCAS, LCAS, W, OE] Output capacitance [DQ0 - DQ15] Symbol CIN1 CIN2 CDQ Min -
CMOS DRAM
Max 5 7 7 Units pF pF pF
AC CHARACTERISTICS (0CTA70C, See note 2)
Test condition : VCC=3.3V0.3V, Vih/Vil=2.2/0.7V, Voh/Vol=2.0/0.8V Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay Transition time (rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold time referenced to CAS Read command hold time referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data set-up time Data hold time Symbol Min -45 Max Min 90 133 45 12 23 0 0 1 25 45 12 45 12 18 13 5 0 8 0 8 23 0 0 0 8 8 13 12 0 10 10K 33 22 10K 13 50 0 0 1 30 50 13 50 13 20 15 5 0 10 0 10 25 0 0 0 10 10 15 13 0 10 10K 37 25 10K 13 50 50 13 25 0 0 1 40 60 15 60 15 20 15 5 0 10 0 10 30 0 0 0 10 10 15 15 0 10 10K 45 30 10K 13 50 -5 Max Min 110 153 60 15 30 -6 Max ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 16 9,19 9,19 8 8 13 13 4 10 3,4,10 3,4,5 3,10 3 6 2 Units Note
tRC tRWC tRAC tCAC tAA tCLZ tOFF tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCH tWP tRWL tCWL tDS tDH
80 115
KM416V4000C, KM416V4100C
AC CHARACTERISTICS (Continued)
Parameter Refresh period (Normal) Refresh period (L-ver) Write command set-up time CAS to W delay time RAS to W delay time Column address to W delay time CAS precharge W delay time CAS set-up time (CAS -before-RAS refresh) CAS hold time (CAS -before-RAS refresh) RAS to CAS precharge time Access time from CAS precharge Fast Page mode cycle time Fast Page mode read-modify-write cycle time CAS precharge time (Fast page cycle) RAS pulse width (Fast page cycle) RAS hold time from CAS precharge OE access time OE to data delay Output buffer turn off delay time from OE OE command hold time Write command set-up time (Test mode in) Write command hold time (Test mode in) W to RAS precharge time (C-B-R refresh) W to RAS hold time (C-B-R refresh) RAS pulse width (C-B-R self refresh) RAS precharge time (C-B-R self refresh) CAS hold time (C-B-R self refresh) Symbol Min -45 Max 64 128 0 32 67 43 48 5 10 5 26 31 70 9 45 28 12 12 0 12 10 15 10 10 100 80 -50 13 13 0 13 10 15 10 10 100 90 -50 13 200K 35 76 10 50 30 13 13 0 15 10 15 10 10 100 110 -50 200 0 36 73 48 53 5 10 5 30 40 85 10 60 35 Min -5 Max 64 128 0 38 83 53 60 5 10 5 Min -6
CMOS DRAM
Units Max 64 128 ms ms ns ns ns ns ns ns ns ns 35 ns ns ns ns 200 ns ns 15 13 ns ns ns ns ns ns ns ns us ns ns
Note
tREF tREF tWCS tCWD tRWD tAWD tCPWD tCSR tCHR tRPC tCPA tPC tPRWC tCP tRASP tRHCP tOEA tOED tOEZ tOEH tWTS tWTH tWRP tWRH tRASS tRPS tCHS
7 7,15 7 7 17 18 3
14
3 6 11 11
20,21,22 20,21,22 20,21,22
KM416V4000C, KM416V4100C
TEST MODE CYCLE
Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address RAS pulse width CAS pulse width RAS hold time CAS hold time Column Address to RAS lead time CAS to W delay time RAS to W delay time Column Address to W delay time Fast Page mode cycle time Fast Page mode read-modify-write cycle time RAS pulse width (Fast page cycle) Access time from CAS precharge OE access time OE to data delay OE command hold time Symbol Min -45 Max Min 95 138 50 17 28 50 17 17 50 28 37 72 48 36 75 50 200K 31 17 17 17 18 18 10K 10K 55 18 18 55 30 41 78 53 40 81 55 200K 35 18 18 20 55 18 30 10K 10K 65 20 20 65 35 43 88 58 45 90 65 -5 Max Min 115 160 65 20 35 -6
CMOS DRAM
( Note 11 )
Units Max ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 200K 40 20 ns ns ns ns ns 3 7 7 7 3,4,10,12 3,4,5,12 3,10,12 Note
tRC tRWC tRAC tCAC tAA tRAS tCAS tRSH tCSH tRAL tCWD tRWD tAWD tPC tPRWC tRASP tCPA tOEA tOED tOEH
85 120
10K 10K
KM416V4000C, KM416V4100C
NOTES
CMOS DRAM
1. An initial pause of 200 A is required after power-up followed by any 8 ROR or CBR cycles before proper device operation is achieved. 2. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 1 TTL load and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes that tRCDtRCD(max). 6. tOFF(min)and tOEZ(max) define the time at which the output achieves the open circuit condition and are not referenced Voh or Vol. 7. tWCS, tRWD, tCWD and tAWD are non restrictive operating parameters. They are included in the data sheet as electric characteristics only. If tWCStWCS(min), the cycles is an early write cycle and the data output will remain high impedance for the duration of the cycle. If tCWDtCWD(min), tRWDtRWD(min) and tAWDtAWD(min), then the cycle is a read-modify-write cycle and the data output will contain the data read from the selected address. If neither of the above conditions is satisfied, the condition of the data out is indeterminate. 8. Either tRCH or tRRH must be satisfied for a read cycle. 9. These parameters are referenced to the CAS leading edge in early write cycles and to the W falling edge in read-modifywrite cycles. 10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference point only. If
tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA.
11. These specifications are applied in the test mode. 12. In test mode read cycle, the value of tRAC, tAA, tCAC is delayed by 2ns to 5ns for the specified values. These parameters should be specified in test mode cycles by adding the above value to the specified value in this data sheet.
KM416V40(1)00C Truth Table
RAS H L L L L L L L L LCAS X H L H L L H L L UCAS X H H L L H L L L W X X H H H L L L H OE X X L L L H H H H DQ0 - DQ7 Hi-Z Hi-Z DQ-OUT Hi-Z DQ-OUT DQ-IN DQ-IN Hi-Z DQ8-DQ15 Hi-Z Hi-Z Hi-Z DQ-OUT DQ-OUT DQ-IN DQ-IN Hi-Z STATE Standby Refresh Byte Read Byte Read Word Read Byte Write Byte Write Word Write -
KM416V4000C, KM416V4100C
13. tASC, tCAH are referenced to the earlier CAS falling edge.
CMOS DRAM
14. tCP is specified from the last CAS rising edge in the previous cycle to the first CAS falling edge in the next cycle. 15. tCWD is referenced to the later CAS falling edge at word read-modify-write cycle. 16. tCWL is specified from W falling edge to the earlier CAS rising edge. 17. tCSR is referenced to earlier CAS falling before RAS transition low. 18. tCHR is referenced to the later CAS rising high after RAS transition low.
RAS LCAS UCAS
tCSR
tCHR
19. tDS is specified for the earlier CAS falling edge and tDH is specified by the later CAS falling edge.
LCAS UCAS
tDS
DQ0 ~ DQ15 Din
tDH
20. If tRASS100us, then RAS precharge time must use tRPS instead of tRP. 21. For RAS-only-Refresh and Burst CAS-before-RAS refresh mode, 4096 cycles(4K/8K) of burst refresh must be executed within 64ms before and after self refresh, in order to meet refresh specification. 22. For distributed CAS-before-RAS with 15.6us interval, CBR refresh should be executed with in 15.6us immediately before and after self refresh in order to meet refresh specification.


▲Up To Search▲   

 
Price & Availability of KM416V4100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X