Part Number Hot Search : 
0F88M LE684 CSS515Y Q6700 NDS8426 C431M1 PMF170XP M32F102
Product Description
Full Text Search
 

To Download KIT-1001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photointerrupter(Transmissive)
KIT-1001A
DESCRIPTION
The photointerrupter high-performance standard type KIT-1001A combines a high-output GaAs IRED with a high sensitivity phototransistor.
DIMENSIONS
FEATURES
* PWB direct mount type * GAP : 1.0mm * Ultra - compact
APPLICATIONS
* Cameras * Floppy disk drives * Encoders
ABSOLUTE MAXIMUM RATINGS
Parameter
Forward Current Input Pulse Forward Current Reverse Voltage Power Dissipation Collector Emitter Voltage Output Emitter Collector Voltage Collector Current Collector Power Dissipation Operating Temperature Storage Temperature
*2 *3 *2 *1
(Ta=25E)
Symbol
IF IFP VR PD VCEO VECO IC PC TOPR TSTG TSOL
Rating
50 0.5 5 75 30 5 20 75 -20 ~ +85 -30 ~ +100 260
Unit
mA A V mW V V mA mW E E E
Soldering Temperature
*1. Pulse width : twA100i ec.period : T=10msec s *2. No icebound or dew *3. For MAX. 5 seconds at the position of 1mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Parameter
Forward Voltage Input Reverse Current Peak Wavelength Output Dark Current Light Current (Collect Current) Leakage Current Collector Emitter Saturation Voltage Response Time Rise Time Fall Time
(Ta=25E)
Symbol
VF IR e P ICEO IL1 IL2 ICEOD VCE(SAT) tr tf IF=20mA VR=5V IF=20mA
Conditions
MIN.
0.5 0.2 -
TYP.
1.2 940 1 0.5 0.15 10 10
MAX.
1.4 10 100 10 0.4 -
Unit
V i A nm nA mA mA
VCE=10V, 0lx VCE=5V, IF=10mA (Non-shading) VCE=5V, IF= 5mA (Non-shading) VCE=5V, IF=10mA (shading) IF=10mA, IC=0.3mA VCE=5V, IC=1mA, RL=100U
1/2
Coupled
i A
V s s
Power dissipation(P C
Photointerrupter(Transmissive)
(N )
Collector power dissipation Vs. Ambient temparature
(I ) L L Relative light current(I ) Relative light current(I ) current(I Forward F )
Forward current( I F )
Forward current Vs. Forward voltage
Ta=25E
Light L Collector CEO current(I ) Current(I ) dark
KIT-1001A
(I )
Light current Vs. Forward current
VCE=5V Ta=25E
Power dissipartion( P C )
100 50 0 20 40 60 80 0 (E)
Ambient temperature(Ta) Ambient temperature(Ta)
100
L Response time tr, tf Light Current(I )
4 3 2 50 1 0 0.51.01.52.0 0 10 20 30 40 0 (V) 0 (mA) F F Forward voltage(V ) Forward Current(I
Forward voltage( VF) Light Current( I L ) Forward Current( IF )
(nA) (I ) (%) 5 2 10 4 100 1 10 3 2 50 0 10 1 -1 0 2 4 6 8 1012 0 -200 204060 (E) 0 (V) 0 (E) 10 20406080100 0 CE Collector-Emitter Voltage(V ) temperature(Ta) Ambient Ambient temperatu
Dark current Vs. Ambient temperature
Ta=25E VCE=5V IF=20I
Light current Vs. Collentor-Emitter voltage
Relative light current Vs. Ambient temperature
Collector dark current( I CEO )
IF=40I IF=30I
IF=20I
IF=10I
Collector-Emitter Voltage( VCE )
Relative light current( I L )
IF=50I
VCE=10V
Light Current( I L )
Ambient temperature( Ta )
Ambient temperature( Ta )
2 10 1 10
tf
Relative light current( I L )
VCE=5V IC=2I Ta=25E
100 50
VCE=5V IF=20I Ta=25E
VCE=5V IF=20I Ta=25E
tr
Method of measuring position detection characteristic
0 -2 0 +2 -2 0 +2 2 3 4) (mm) 10 10 10(U Road Resistance(R )Moving distance(L)- L 0
Load Resistance( RL ) Moving distance( L )
2/2
Optical Axis(Y)
Optical Axis(X)
Optical Axis(Y)
(A ) 3 10
Switching time Vs. Load resistance
(%) X
Relative light current Vs. Moving distance
Y
Response time measu V CC Input ICR V L OUT Input Output 90% 10% td tf tr Method ofcharacteri detection measurin Optical Axis(X)
Response time measurement circuit
Response time tr, tf


▲Up To Search▲   

 
Price & Availability of KIT-1001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X