Part Number Hot Search : 
5DC24 TO521 LT1316 MC1430 16F88 V3746 120CA 2SK30
Product Description
Full Text Search
 

To Download KGL4205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
O K I G a A s P R O D U C T S
KGL4205 10-Gbps D-Flip Flop IC 0.2m Gate Length GaAs MESFET Technology
February 2000
s s -------------------------------------------------------------------------------------------
Oki Semiconductor
KGL4205
10-Gbps GaAs D-Flip Flop IC INTRODUCTION
Oki Semiconductor's KGL4205 is a 10-Gbps D-Flip Flop IC designed for ultra high-speed digital communications systems. The KGL4205 uses 0.2-m gate length GaAs MESFETs and Oki's unique MCFF ( Memory Cell type Flip Flop ) technology to achieve operations of 10-GHz or more. The KGL4205 is available as a 24-pin ceramic packaged device. Due to the KGL4205's high sensitivity, capacitive coupling is recommended for IC's DA and CK connections.
FEATURES
* * * * * High-speed operation: 10-Gbps data rate (typ) Low-power dissipation: 340 mW (typ.) using 2-V power-supply 0.2-m gate length GaAs MESFET process MCFF ( Memory Cell type Flip Flop ) technology 24-pin ceramic package
APPLICATION
* High-speed optical communication systems: 10 Gbps * High-speed test equipment
Oki Semiconductor
1
s KGL4205 s -----------------------------------------------------------------------------------
BLOCK DIAGRAM
VDD VDD DA 50 DR D D-Flip Flop (MCFF) Q D C VDD CK 50 CR QN C VDD Q VDD Q
DA CK DR, CR Q, QN VDD
Data Input Terminals Clock Input Terminals Output Reference Voltage Terminals Complimentary Data Outputs Power Supply of Internal Circuit
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Supply Voltage Data, Clock Input Voltage Temperature at Package Base Under Bias Storage Temperature Symbol VDD , VB VDI , VCI Ts Tst Min. -0.3 -0.3 -45 -45 Max. 2.3 1.5 100 125 Units V V C C
Exceeding these maximum ratings could cause immediate damage or lead to permanent deterioration of the device.
Electrical Characteristics VDD = 2 V 0.1 V, Ts = 0C to 70C
Parameter Operating Data Bit Rate Range Power Dissipation High-Level Data, Clock Input Voltage Low-Level Data, Clock Input Voltage High-Level Output Voltage ( Q, QN ) Low-Level Output Voltage ( Q, QN ) Output ( Q, QN ) Rise time and Fall time Phase Margin @ 10 Gbps (2
23
Symbol DAR PW VIH VIL VOH VOL TRF TOM
Min.
Typ. 10 0.34
Max.
Units Gbps
0.38 1.25 0.3 1.2 0.2 40
W V V V V ps degree
0.6 -0.1 0.65 0
0.9 0.1 0.9 0.1 30 240
-1 PRBS)
2
Oki Semiconductor
----------------------------------------------------------------------------------- s KGL4205 s
PACKAGE DIMENSIONS
(Units: mm)
13.8 0.3 11.8 0.3 9.61 SQ 7.4 SQ
24 19
0.50 0.50 .064 0.2
0.20
1
18
Top View
6
13
7
12
1.27 6.35
0.30
0.125
Dimension in mm.
Pin Configuration
Pin No. 1 2 3 4 5 6 Description GND Q GND GND QN GND Pin No. 7 8 9 10 11 12 Description GND GND GND GND DR DR Pin No. 13 14 15 16 17 18 Description GND DA GND GND CK GND Pin No. 19 20 21 22 23 24 Description CR VDD VDD GND VDD GND
Oki Semiconductor
3
s KGL4205 s -----------------------------------------------------------------------------------
Notes:
4
Oki Semiconductor
The information contained herein can change without notice owing to product and/or technical improvements. Please make sure before using the product that the information you are referring to is up-to-date. The outline of action and examples of application circuits described herein have been chosen as an explanation of the standard action and performance of the product. When you actually plan to use the product, please ensure that the outside conditions are reflected in the actual circuit and assembly designs. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters outside the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right,etc.is granted by us in connection with the use of product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges, including but not limited to operating voltage, power dissipation, and operating temperature. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g.,office automation, communication equipment, measurement equipment, consumer electronics, etc.).These products are not authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property or death or injury to humans. Such applications include, but are not limited to: traffic control, automotive, safety, aerospace, nuclear power control, and medical, including life support and maintenance. Certain parts in this document may need governmental approval before they can be exported to certain countries. The purchaser assumes the responsibility of determining the legality of export of these parts and will take appropriate and necessary steps, at their own expense, for export to another country. Copyright 2000 Oki Semiconductor Oki Semiconductor reserves the right to make changes in specifications at anytime and without notice. This information furnished by Oki Semiconductor in this publication is believed to be accurate and reliable. However, no responsibility is assumed by Oki Semiconductor for its use; nor for any infringements of patents or other rights of third parties resulting from its use. No license is granted under any patents or patent rights of Oki.
Oki Semiconductor
Oki REGIONAL SALES OFFICES
Northwest Area
785 N. Mary Avenue Sunnyvale, CA 94086 Tel: 408/720-8940 Fax: 408/720-8965
Southwest Area
2302 Martin Street Suite 250 Irvine, CA 92715 Tel: 949/752-1843 Fax: 949/752-2423
North Central Area
300 Park Blvd. Suite 365 Itasca, IL 60143 Tel: 630/250-1313 Fax: 630/250-1414
Southeast Area
1590 Adamson Parkway Suite 220 Morrow, GA 30260 Tel: 770/960-9660 Fax: 770/960-9682
Northeast Area
138 River Road Shattuck Office Center Andover, MA 01810 Tel: 978/688-8687 Fax: 978/688-8896
Oki Web Site:
http://www.okisemi.com
For Oki Literature:
Call toll free 1-800-OKI-6388 (6 a.m. to 5 p.m. Pacific Time)
Oki Stock No: 320184-000
Corporate Headquarters
785 N. Mary Avenue Sunnyvale, CA 94086-2909 Tel: 408/720-1900 Fax: 408/720-1918


▲Up To Search▲   

 
Price & Availability of KGL4205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X