Part Number Hot Search : 
LVA351A 2SC1507 74HC59 M52790FP M52790FP MBR20200 TA7715P 2SK152
Product Description
Full Text Search
 

To Download KFF6675A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KFF6675A
1900 MHz PCS Duplexer
Features * 3.6 mm Board Height * Low Loss * Excellent Tx Isolation Description Surface mount, silver (Ag) coated ceramic duplexer. Developed for use in PCS infrastructure and subscriber applications. Weight: 2.7 grams typical
Material: Filter is composed of a ceramic block plated with Ag and a shield made of nickel silver plated steel. Filter complies with RoHS standards. Electrical Specifications
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement repeatability among different test systems. Such deviations shall not exceed the following limits: Specification Allowance Insertion Loss 0.1 dB Return Loss 1.0 dB Stopbands 1.0 dB Document No. 008-0256-0 Page 1 of 2 Rev. X4VH
CTS Electronic Components www.ctscorp.com 171 Covington Drive Bloomingdale, IL 60108
KFF6675A
1900 MHz PCS Duplexer
Mechanical Drawing
Dim
A B C D E F G H I J K L M *N
Nominal (mm)
0.13 28
Tolerance (mm) +/- or max
0.25 0.28
3.18 0.25 9.37 0.13 12.04 0.13 1.02 0.13 1.02 0.13 1.02 0.13 1.02 0.13 6.35 0.19 5.6 0.19 3.55 0.13 0.89 0.13 *Indicates Reference Only
Electrical response
PCB Layout
Packaging and Marking
DIMENSION
REEL DIAMETER REEL WEIGHT REEL QUANTITY
UNITS SPECIFICATION
mm kg ea. 330 2.2 500
Customer Feed Direction
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
CTS Electronic Components www.ctscorp.com 171 Covington Drive Bloomingdale, IL 60108


▲Up To Search▲   

 
Price & Availability of KFF6675A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X