Part Number Hot Search : 
ADM3251 27C101A HE891B 2SC2668 HV829ASG 2SC2668 X24C02DG CM100T
Product Description
Full Text Search
 

To Download KF24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Piezoelektrischer Kraftaufnehmer Piezoelectric Force Transducer
Eigenschaften
* * * * * Fur dynamische Zug- und Druckkraftmessung Ladungsausgang, keine Hilfsenergie erforderlich Hohe Empfindlichkeit Hochste Auflosung Gunstiger Preis
Sensoren Sensors
2.1
Properties
* For dynamic measurement of tensile and compression forces * Charge output, no external power required * High sensitivity * Excellent resolution * Reasonable price
KF24
KF24 Ausgang * Output Ladungsubertragungsfaktor * Charge sensitivity Spannungsubertragungsfaktor Druckkraft max. * Compression force max. Zugkraft max. * Tensile force max. Eigenfrequenz * Natural frequency Nachgiebigkeit * Rigidity Kapazitat * Capacitance Arbeitstemperaturbereich * Operating temperature range Mechanische Daten * Mechanical data Masse ohne Kabel * Weight without cable Koppelmasse * Coupling mass Gehausematerial * Case material Buchse * Socket Befestigung * Mounting m mC 20 / 0,7 5 / 0,18 Edelstahl * Stainless steel UNF 10-32 2 Gewinde M5 * 2 M5 tapped drills g / oz g / oz BqF BuF FC FT fC n CI Tmin/Tmax Ladung * Charge 300 20 % 200 20 % 2000 300 40 4 . 10-9 1 -10 / 80 pC/N mV/N N N kHz m/N nF C
Verhalten gegenuber Umgebungseinflussen * Environmental characteristics
Bestellinformation
Mit komplettem Zubehorset:
Bestellbezeichnung: KF24/01 Transportetui mit * Storarmes Kabel 2 x UNF 10-32, Typ 009 * BNC / UNF 10-32 - Adapter, Typ 017 * Stiftschraube M5, Typ 003 * Kennblatt
Ordering Information
With Complete Accessories Kit:
Ordering number: KF24/01 Transport case with * Low noise cable 2 x UNF 10-32, mod. 009 * Adapter BNC / UNF 10-32, mod. 017 * Mounting stud M5, mod. 003 * Individual characteristics
Ohne Kabel und Zubehor:
Bestellbezeichnung: KF24
Without Cable and Accessories:
Ordering number: KF24
Bitte beachten Sie auch unser Sortiment passender Messgerate:
* Messverstarker M68-Serie * Ladungsvorverstarker der Reihe ICP100
Please note our range of suitable electronics:
* Signal Conditioners M68 series * Remote Charge Converters of ICP100
Anderungen vorbehalten.
Specifications subject to change without prior notice.
Metra Me- und Frequenztechnik Radebeul
Meiner Str. 58 D-01445 Radebeul Tel. +49-(0)351-836 2191
Ausgabe / Edition: 05/03
P.O.Box 01 01 13 D-01435 Radebeul Fax: +49-(0)351-836 2940
Internet: www.MMF.de Email: Info@MMF.de


▲Up To Search▲   

 
Price & Availability of KF24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X