Part Number Hot Search : 
UCA64H72 BUZ103SL DTA143EE LC89581 MM3Z47VS IRG4BC30 1N4116 30ETH06
Product Description
Full Text Search
 

To Download KDZ91B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KDZ3.9B
Diodes
Zener diode
KDZ3.9B
Applications Voltage regulation Dimensions (Unit : mm)
1.60.1 0.10.1 0.05
Land size figure (Unit : mm)
1.2 0.85
Features 1) Small power mold type. (PMDU) 2) High ESD tolerance
2.60.1 3.50.2
PMDU
Construction Silicon epitaxial planar
0.90.1
Structure
0.80.1
ROHM : PMDU JEDEC :SOD-123 Manufacture Date
EX. KDZ10B
Taping dimensions (Unit : mm)
4.00.1 2.00.05 1.550.05 1.750.1 0.250.05
3.50.05
8.00.2
1.810.1
4.00.1
1.00.1
3.710.1 1.5MAX
Absolute maximum ratings (Ta=25C)
Parameter Power dissipation Junction temperature Storage temperature
Symbol P Tj Tstg
Limits 1000 150 -55 to +150
Unit mW
Rev.B
3.05
1/4
KDZ3.9B
Diodes
Electrical characteristics (Ta=25C)
Symbol TYP. KDZ 3.6B KDZ 3.9B KDZ 4.3B KDZ 4.7B KDZ 5.1B KDZ 5.6B KDZ 6.2B KDZ 6.8B KDZ 7.5B KDZ 8.2B KDZ 9.1B KDZ 10B KDZ 11B KDZ 12B KDZ 13B KDZ 15B KDZ 16B KDZ 18B KDZ 20B KDZ 22B KDZ 24B KDZ 27B KDZ 30B KDZ 33B KDZ 36B MIN. 3.600 3.900 4.300 4.700 5.100 5.600 6.200 6.800 7.500 8.200 9.100 10.000 11.000 12.000 13.300 14.700 16.200 18.000 20.000 22.000 24.000 27.000 30.000 33.000 36.000
Zener voltageVz(V)
Reverse currentIR(A)
TYP. 3.813 4.136 4.572 4.924 5.368 5.856 6.509 7.280 7.889 8.655 9.747 10.310 11.510 12.500 13.820 15.350 16.860 19.000 20.820 23.850 25.310 28.700 31.570 34.950 39.240
MAX. 4.000 4.400 4.800 5.200 5.700 6.300 7.000 7.700 8.400 9.300 10.200 11.200 12.300 13.500 15.000 16.500 18.300 20.300 22.400 24.500 27.600 30.800 34.000 37.000 40.000
Iz(mA) 40 40 40 40 40 40 40 40 40 40 40 40 20 20 20 20 20 20 20 10 10 10 10 10 10
MAX. 60 40 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10
VR(V) 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0
(1)The Zener voltage (Vz) is measured 40ms after power is supplied. (2)The operating resistances (ZzZzk) are measured by superimposing a minute alternating current on the regulated current (Iz).
Marking (TYPE NO.)
TYPE KDZ3.6B KDZ3.9B KDZ4.3B KDZ4.7B KDZ5.1B KDZ5.6B KDZ6.2B KDZ6.8B KDZ7.5B KDZ8.2B KDZ9.1B KDZ10B KDZ11B TYPENO.
GB HB JB KB LB MB NB PB QB RB SB TB UB
TYPE KDZ12B KDZ13B KDZ15B KDZ16B KDZ18B KDZ20B KDZ22B KDZ24B KDZ27B KDZ30B KDZ33B KDZ36B
TYPENO.
VB WB XB YB ZB AD BD CD DD ED FD GD
Rev.B
2/4
KDZ3.9B
Diodes
100 5.1 4.7 4.3 10 3.9 3.6 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36
ZENER CURRENT:Iz(mA)
1
0.1
0.01
0.001 0 5 10 15 20 25 30 35 40 45
ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS
1200 POWER DISSIPATION:Pd(mW) 1000 800 600 400 200 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Pd-TaCHARACTERISTICS 0.12 0.1 TEMP.COEFFICIENCE:z(/) 0.08 0.06 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 0 10 20 30 ZENER VOLTAGEVz(V) z-Vz CHARACTERISTICS 40 15 10 5 0 -5 40 35 30 25 20
10000 PRSM t
REVERSE SURGE MAXIMUM POWER:PRSM(W)
1000
100
10
1 0.001
0.01
0.1
1
10
100
TIME:t(ms) PRSM-TIME CHARACTERISTICS
1000
Mounted on epoxy board IM=10mA IF=100mA
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
TEMP.COEFFICIENCE:z(mV/)
100
1ms
time
Rth(j-a)
300us
10
Rth(j-c) 1
0.1
0.001 0.01 0.1 1 10 100 1000
TIME:t(s) Rth-t CHARACTERISTICS
Rev.B
3/4
KDZ3.9B
Diodes
Electrical characteristic curves (Ta=25C)
100 Ta=75 Ta=125 Ta=150 Ta=25
1000 100 REVERSE CURRENT:IR(nA)
Ta=-25
Ta=150
Ta=125
10000
10 1
Ta=75
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
10
f=1MH f=1MHz
1000
ZENER CURRENT:Iz(mA)
1
Ta=25 0.1 0.01 0.001 0.0001 Ta=-25
0.1
100
0.01
0.001 0 1 2 3 4 5
10
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
ZENER VOLTAGEVz(V) Vz-Iz CHARACTERISTICS
REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
4.5 Ta=25 Iz=40mA n=30pcs
1 0.9 REVERSE CURRENT:IR(nA) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 AVE:0.090nA Ta=25 VR=1.0V n=30pcs
1400 1350 Ta=25 VR=0V f=1MHz n=10pcs
4.4 ZENER VOLTAGE:Vz(V)
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
1300 1250 1200 1150 1100 AVE:1259.0pF
4.3 AVE:4.136V 4.2
4.1
4 Vz DISPERSION MAP
0
IR DISPERSION MAP
Ct DISPERSION MAP
10000 ELECTROSTATIC DISCHARGE TEST ESD(KV)
30 25 20 15 10 5
No break at 30kV
DYNAMIC IMPEDANCE:Zz()
1000
100
10 0.1 1 ZENER CURRENT:Iz(mA) Zz-Iz CHARACTERISTICS 10
0 C=200pF R=0 C=100pF R=1.5k C=150pF R=330
ESD DISPERSION MAP
Rev.B
4/4
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of KDZ91B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X