Part Number Hot Search : 
S3F9454 R5005CNJ 2SK42 MMBT2369 FR014 470M0 CSP1027 74458002
Product Description
Full Text Search
 

To Download KDR701S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
For High frequency rectification
KDR701S
SCHOTTKY BARRIER TYPE DIODE
FEATURES
Low Forward Voltage : VF max=0.55V. IR=700mA recification possible.
L
E B
L
DIM A
2
MILLIMETERS _ 2.93 + 0.20
1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
3
D
B C D E G H J K
A
G H
1
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Non-repetitive peak surge current Junction Temperature Storage Temperature
)
SYMBOL VRRM VR IO IFSM Tj Tstg RATING 30 30 0.7 5 125 -55 125 UNIT V V A A
C N
P P
L M N P
M 3
1. NC 2. ANODE 3. CATHODE
2 1
K
SOT-23
Marking
Lot No. Type Name
DK
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Reverse Voltage Forward Voltage Reverse Current Total Capacitance Reverse Recovery Time VR VF IR CT trr
)
TEST CONDITION IR=1mA IF=0.7A VR=30V VR=0V, f=1MHz IR=IF=100mA MIN. 30 TYP. 190 7.5 MAX. 0.55 80 UNIT V V A pF nS
SYMBOL
2003. 2. 25
Revision No : 1
J
1/2
KDR701S
I R - VR
50 REVERSE CURRENT IR (A) 30 FORWARD CURRENT I F (mA)
Ta=25 C
I F - VF
10 10 10 1 0.1 0.01 0.001
3
Ta=25 C
2
10 5 3
1 0 5 10 15 20 25 30 REVERSE VOLTAGE V R (V)
0
100
200
300
400
500
FORWARD VOLTAGE V F (V)
I R - Ta
10 REVERSE CURRENT I R (A)
4
VF - Ta
0.8 FORWARD VOLTAGE VF (V)
I F =700mA
Ta=25 C
3
0.7 0.6 0.5 0.4 0.3 0.2
10
10
2
10
1 -40 0 40 80 120 160 200 AMBIENT TEMPERATURE Ta ( C)
-40
0
40
80
120
160
AMBIENT TEMPERATURE Ta ( C)
C T - VR
TERMINAL CAPACITANCE C T (pF) 200 180 160 140 120 100 80 60 40 20 0 0 5 10 15 20 25 30
REVERSE VOLTAGE VR (V)
2003. 2. 25
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDR701S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X