|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR TECHNICAL DATA High frequency rectification (Switching regulators, converters, choppers) L KDR505S SCHOTTKY BARRIER TYPE DIODE E B L FEATURES Low Forward Voltage : VF max=0.55V. A G DIM A 2 MILLIMETERS _ 2.93 + 0.20 1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7 Low Leakage Current : IR max=20 A. 3 D B C D E G H J K H 1 MAXIMUM RATING (Ta=25 CHARACTERISTIC Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Non-repetitive Peak Surge Current Junction Temperature Storage Temperature ) SYMBOL VRRM VR IO IFSM Tj Tstg RATING 50 50 0.5 5 125 -55 125 UNIT V V A A C N P P L M N P M 3 1. NC 2. ANODE 3. CATHODE 2 1 K SOT-23 Marking Lot No. Type Name DM ELECTRICAL CHARACTERISTICS (Ta=25 CHARACTERISTIC Reverse Voltage Forward Voltage Reverse Current Total Capacitance VR VF IR CT ) TEST CONDITION IR=200 A IF=0.5A VR=25V VR=10V, f=1MHz MIN. 50 TYP. 22 MAX. 0.55 20 UNIT V V A pF SYMBOL 2003. 2. 25 Revision No : 1 J 1/2 KDR505S IR 10 REVERSE CURRENT I R (nA) 4 VR 10 FORWARD CURRENT I F (uA) 10 10 10 10 10 1 6 I F - VF 5 4 10 3 3 2 10 2 0 10 20 30 40 50 0 100 200 300 400 500 600 REVERSE VOLTAGE V R (V) FORWARD VOLTAGE V F (mV) CT TERMINAL CAPACITANCE C T (pF) 10 3 VR 10 2 10 0 10 20 30 40 REVERSE VOLTAGE V R (V) 2003. 2. 25 Revision No : 1 2/2 |
Price & Availability of KDR505S |