Part Number Hot Search : 
BP60170 7SB385 ADL53 STU3055 710222K BC817 BZX85 25P128
Product Description
Full Text Search
 

To Download KDR393S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
Low Voltage High Speed Switching.
KDR393S
SCHOTTKY BARRIER TYPE DIODE
FEATURES
Low Forward Voltage : VF =0.60V(Max.) Low Reverse Current : IR=5 A(Max.)
L
E B
L
DIM A
2
MILLIMETERS _ 2.93 + 0.20
1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
3
D
B C D E G H J K
A
G H
1
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Non-repetitive peak surge current (10mA) Junction Temperature Storage Temperature
)
SYMBOL VRRM VR IO IFSM Tj Tstg RATING 40 40 0.1 1 125 -55 125 UNIT V V A A
C N
P
P
L M N P
M 3
1. ANODE 1 2. ANODE 2 3. CATHODE 1, 2
2 1
K
SOT-23
Marking
Lot No. Type Name
R9
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Forward Voltage Reverse Current Total Capacitance SYMBOL VF IR CT
)
TEST CONDITION IF=10mA IF=100mA VR=40V VR=0V, f=1MHz MIN. TYP. 0.36 0.51 20 MAX. 0.60 5 25 UNIT V A pF
2003. 2. 25
Revision No : 1
J
1/2
KDR393S
CT - VR
TERMINAL CAPACITANCE C T (pF) 25 20 15 10 5 0 REVERSE CURRENT I R (nA) 10
3
I R - VR
10
2
0
10
20
30
40
10
0
10
20
30
40
REVERSE VOLTAGE V R (V)
REVERSE VOLTAGE VR (V)
IF - VF
FORWARD CURRENT IF (nA) 10 10 10 10 10 10 10
8
7
6
5
4
3
2
0
200
400
600
800
FORWARD VOLTAGE V F (mV)
2003. 2. 25
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDR393S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X