Part Number Hot Search : 
EQ212 495025 M51161 NJM2625A 0330L 1M50V TMP87 MAXQ1851
Product Description
Full Text Search
 

To Download KDR393 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
Low Voltage High Speed Switching.
KDR393
SCHOTTKY BARRIER TYPE DIODE
FEATURES
Low Forward Voltage : VF =0.60V(Max.)
A
E M B M D 3
Low Reverse Current : IR=5 A(Max.)
DIM A
B C D E G H J K
2
1
MILLIMETERS _ 2.00 + 0.20 _ 1.25 + 0.15 _ 0.90 + 0.10
0.3+0.10/-0.05 _ 2.10 + 0.20 0.65 0.15+0.1/-0.06 1.30 0.00-0.10 0.70 _ 0.42 + 0.10 0.10 MIN
J G
C
L
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Non-repetitive peak surge current (10mA) Junction Temperature Storage Temperature
)
SYMBOL VRRM VR IO IFSM Tj Tstg RATING 40 40 0.1 1 125 -55 125 UNIT V V A A
H N K N
L M N
3
1. ANODE 1 2. ANODE 2 3. CATHODE
2 1
USM
Marking
R9
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Forward Voltage Reverse Current Total Capacitance SYMBOL VF IR CT
)
TEST CONDITION IF=10mA IF=100mA VR=10V VR=0V, f=1MHz MIN. TYP. 0.36 0.51 20 MAX. 0.60 5 25 UNIT V A pF
2003. 2. 25
Revision No : 2
1/2
KDR393
CT - VR
TERMINAL CAPACITANCE C T (pF) 25 20 15 10 5 0 REVERSE CURRENT I R (nA) 10
3
I R - VR
10
2
0
10
20
30
40
10
0
10
20
30
40
REVERSE VOLTAGE V R (V)
REVERSE VOLTAGE VR (V)
IF - VF
FORWARD CURRENT IF (nA) 10 10 10 10 10 10 10
8
7
6
5
4
3
2
0
200
400
600
800
FORWARD VOLTAGE V F (mV)
2003. 2. 25
Revision No : 2
2/2


▲Up To Search▲   

 
Price & Availability of KDR393

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X