![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR TECHNICAL DATA HIGH SPEED SWITCHING. KDR378E SCHOTTKY BARRIER TYPE DIODE FEATURES Low Forward Voltage : VF=0.24(Typ.) IF=5mA 2 A G 1 E B D 3 DIM A B C D E G H MILLIMETERS _ 1.60 + 0.10 _ 0.85 + 0.10 _ 0.70 + 0.10 0.27+0.10/-0.05 _ 1.60 + 0.10 _ 1.00 + 0.10 0.50 _ 0.13 + 0.05 MAXIMUM RATING (Ta=25 CHARACTERISTIC Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Non-repetitive Peak Surge Current Power Dissipation Junction Temperature Storage Temperature Range ) SYMBOL VRRM VR IO IFSM PD Tj Tstg RATING 15 10 0.1 1 100 125 -55 125 UNIT V V A A mW 1. ANODE 1 2. ANODE 2 3. CATHODE J C H J 3 2 1 ESM Marking X3 ELECTRICAL CHARACTERISTICS (Ta=25 CHARACTERISTIC VF(1) Forward Voltage VF(2) VF(3) Reverse Current Total Capacitance IR CT ) TEST CONDITION IF=1mA IF=5mA IF=100mA VR=10V VR=0V, f=1MHz MIN. TYP. 0.19 0.24 0.39 14 MAX. 0.50 20 30 A pF V UNIT SYMBOL 2001. 6. 7 Revision No : 1 1/2 KDR378E I F - VF 10 FORWARD CURRENT I F (A) 10 10 10 10 10 1 0 40 80 120 160 200 240 280 320 360 400 FORWARD VOLTAGE V F (mV) 6 I R - VR 10 REVERSE CURRENT I R (A) Ta=25 C Ta=25 C 5 4 5 3 3 2 1 0 2 4 6 8 10 REVERSE VOLTAGE V R (V) C T - VR TERMINAL CAPACITANCE C T (pF) 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 f=1MHz Ta=25 C REVERSE VOLTAGE VR (V) 2001. 6. 7 Revision No : 1 2/2 |
Price & Availability of KDR378E
![]() |