Part Number Hot Search : 
74HC2 7C010 471M16 Z86C65 49100 Z86C65 MS524PYA MAX3023
Product Description
Full Text Search
 

To Download KCF16A20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
Type :
KCF16A20
OUTLINE DRAWING
FEATURES
* Similar to TO-247AC (TO-3P) Case * Dual Diodes - Cathode Common * Ultra - Fast Recovery * Low Forward Voltage Drop * High Surge Capability * 200 Volts thru 600 Volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 0.5 120 16
Approx Net Weight:5.55g KCF16A20 200 220 50 Hz,Full Sine Wave Tc=113C Resistive Load 18 50 Hz Full Sine Wave,1cycle Non-repetitive - 40 to + 150 - 40 to + 150 Recommended value
Unit
V V A A A C C Nm
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Thermal Resistance Symbol IRM VFM Conditions Min. Typ. Max. Unit 25 0.98 35 2 A V ns C/W Tj=25C,VRM=VRRM per Arm Tj=25C, IFM=8A per Arm IFM= 8 A, trr -di/dt= 50 A/s, Ta= 25C Rth(j-c) Junction to Case
KCF16A20 OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
10ms Sine Wave Single Pulse 100 KCF16A20 (per Arm)
INSTANTANEOUS FORWARD CURRENT (A)
50
20 10 5
2 1 0.5 0 0.4 0.8
Tj=25C Tj=150C
1.2
1.6
2.0
2.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
KCF16A20 (Total)
RECT 180 SINE WAVE
20
AVERAGE FORWARD POWER DISSIPATION (W)
16
12
8
4
0 0 4 8 12 16
AVERAGE FORWARD CURRENT (A)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
KCF16A20 (Total)
RECT 180
20
AVERAGE FORWARD CURRENT (A)
16
SINE WAVE
12
8
4
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 140 KCF16A20
120
SURGE FORWARD CURRENT (A)
100
80
60
40
I FSM 0.02s
20
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of KCF16A20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X