Part Number Hot Search : 
K9F28 P4201 Q150X1L TSOP2 0T120 BZX84B5V SI8920 CAT1163
Product Description
Full Text Search
 

To Download KBU607G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU601G THRU KBU607G
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 6.0 Amperes
KBU
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating to 175 amperes peak High temperature soldering guaranteed: 260oC / 10 seconds / .375", (9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0. 3 ounce, 8.0 grams Mounting torque: 5 in. lb. max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol KBU KBU KBU Type Number 601G 602G 603G 50 100 200 Maximum Recurrent Peak Reverse Voltage VRRM 35 70 140 Maximum RMS Voltage VRMS 50 100 200 Maximum DC Blocking Voltage VDC
Maximum Average Forward Rectified Current @TA = 65 Peak Forward Surge Current, 8.3 ms Single Half Sne-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 6.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note 1) (Note 2) Operating Temperature Range Storage Temperature Range
KBU KBU KBU KBU Units 604G 605G 606G 607G
400 280 400 6.0 175 1.0
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA /W
I(AV) IFSM VF
IR
RJA RJC
TJ TSTG Note: 1. Thermal resistance from Junction to Ambient with units in Free Air, P.C.B. Mounted on 0.5" x 0.5" (12mm x 12mm) Copper Pads, 0.375" (9.5mm) Lead Length. 2. Thermal Resistance from Junction to Case with units Mounted on 2" x 3" x 0.25" Al. Plate.
5.0 500 8.6 3.1 -55 to +150 -55 to + 150
- 668 -
RATINGS AND CHARACTERISTIC CURVES (KBU601G THRU KBU607G)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
175 6
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
PEAK FORWARD SURGE CURRENT. (A)
150 125 Tj=25 0C 100 75 50 25 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 8.3ms Single Half Sine Wave
4
2 MOUNTED ON 4X4 INCH COPPER PC BOARD 0.5"(12.7mm) LEAD LENGTH 0 0 50
o
100
100
150
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
40 20 10
TJ=125 0C
10
4.0 2.0 1.0
1
TJ=125 0C
0.4 0.2 0.1 .6
8.3ms Single Half Sine Wave
TJ=25 0C 0.1
.7
.8
.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE. (V)
0 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
140
- 669 -


▲Up To Search▲   

 
Price & Availability of KBU607G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X